Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7569BQ Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD7569BQ
Description  LC2MOS Complete, 8-Bit Analog I/0 Systems
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7569BQ Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD7569BQ Datasheet HTML 3Page - Analog Devices AD7569BQ Datasheet HTML 4Page - Analog Devices AD7569BQ Datasheet HTML 5Page - Analog Devices AD7569BQ Datasheet HTML 6Page - Analog Devices AD7569BQ Datasheet HTML 7Page - Analog Devices AD7569BQ Datasheet HTML 8Page - Analog Devices AD7569BQ Datasheet HTML 9Page - Analog Devices AD7569BQ Datasheet HTML 10Page - Analog Devices AD7569BQ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD7569/AD7669
–7–
REV. B
PIN FUNCTION DESCRIPTION
(Applies to the AD7569 and AD7669 unless otherwise stated.)
Pin
Mnemonic
Description
AGNDDAC
Analog Ground for the DAC(s). Separate
ground return paths are provided for the
DAC(s) and ADC to minimize crosstalk.
VOUT
Output Voltage. VOUT is the buffered output
(VOUTA, VOUTB) voltage from the AD7569 DAC. VOUTA and
VOUTB are the buffered DAC output voltages
from the AD7669. Four different output volt-
age ranges can be achieved (see Table I).
VSS
Negative Supply Voltage (–5 V for dual sup-
ply or 0 V for single supply). This pin is also
used with the RANGE pin to select the differ-
ent input/output ranges and changes the data
format from binary (VSS = 0 V) to 2s comple-
ment (VSS = –5 V) (see Table I).
RANGE
Range Selection Input. This is used with the
VSS input to select the different ranges as per
Table I. The range selected applies to both
the analog input voltage of the ADC and the
output voltage from the DAC(s).
RESET
Reset Input (Active Low). This is an asyn-
chronous system reset that clears the DAC
register(s) to all 0s and clears the INT line of
the ADC (i.e., makes the ADC ready for new
conversion). In unipolar operation, this input
sets the output voltage to 0 V; in bipolar
operation, it sets the output to negative full
scale.
DB7
Data Bit 7. Most Significant Bit (MSB).
DB6–DB2
Data Bit 6 to Data Bit 2.
DGND
Digital Ground.
DB1
Data Bit 1.
DB0
Data Bit 0. Least Significant Bit (LSB).
WR
Write Input (Edge triggered). This is used in
conjunction with CS to write data into the
AD7569 DAC register. It is used in conjunc-
tion with CS and A/B to write data into the
selected DAC register of the AD7669. Data is
transferred on the rising edge of WR.
Pin
Mnemonic
Description
CS
Chip Select Input (Active Low). The device is
selected when this input is active.
RD
READ Input (Active Low). This input must
be active to access data from the part. In the
Mode 2 interface, RD going low starts con-
version. It is used in conjunction with the CS
input (see Digital Interface Section).
ST
Start Conversion (Edge triggered). This is
used when precise sampling is required. The
falling edge of ST starts conversion and drives
BUSY
low. The ST signal is not gated with
CS
.
BUSY
BUSY Status Output (Active Low). When
this pin is active, the ADC is performing a
conversion. The input signal is held prior to
the falling edge of BUSY (see Digital Inter-
face Section).
INT
INTERRUPT Output (Active Low). INT go-
ing low indicates that the conversion is com-
plete. INT goes high on the rising edge of CS
or RD and is also set high by a low pulse on
RESET
(see Digital Interface Section).
A
/B (AD7669
DAC Select Input. This input selects which
Only)
DAC register data is written to under control
of CS and WR. With this input low, data is
written to the DACA register; with this input
high, data is written to the DACB register.
CLK
A TTL compatible clock signal may be used
to determine the ADC conversion time. Inter-
nal clock operation is achieved by connecting
a resistor and capacitor to ground.
AGNDADC
Analog Ground for the ADC.
VIN
Analog Input. Various input ranges can be se-
lected (see Table I).
VDD
Positive Supply Voltage (+5 V).
Table I. Input/Output Ranges
Input/Output
DB0–DB7
Range
VSS
Voltage Range
Data Format
0
0 V
0 V to +1.25 V
Binary
1
0 V
0 V to +2.5 V
Binary
0
–5 V
±1.25 V
2s Complement
1
–5 V
±2.5 V
2s Complement


Numéro de pièce similaire - AD7569BQ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7569BQ AD-AD7569BQ Datasheet
443Kb / 20P
   LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
AD7569BQ AD-AD7569BQ Datasheet
443Kb / 20P
   LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
More results

Description similaire - AD7569BQ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7569KNZ AD-AD7569KNZ Datasheet
506Kb / 20P
   LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
AD7569JNZ AD-AD7569JNZ Datasheet
443Kb / 20P
   LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
AD7569TQ AD-AD7569TQ Datasheet
443Kb / 20P
   LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
AD7669 AD-AD7669_15 Datasheet
506Kb / 20P
   Complete, 8-Bit Analog I/0 Systems
REV. B
AD7569 AD-AD7569_15 Datasheet
506Kb / 20P
   Complete, 8-Bit Analog I/0 Systems
REV. B
AD7869 AD-AD7869 Datasheet
297Kb / 16P
   LC2MOS Complete, 14-Bit Analog I/O System
REV. A
AD7868 AD-AD7868 Datasheet
337Kb / 16P
   LC2MOS Complete, 12-Bit Analog I/O System
REV. B
AD7840 AD-AD7840 Datasheet
338Kb / 16P
   LC2MOS Complete 14-Bit DAC
REV. B
AD7872KRZ-REEL AD-AD7872KRZ-REEL Datasheet
324Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7847ANZ AD-AD7847ANZ Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACS
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com