Moteur de recherche de fiches techniques de composants électroniques |
|
AD7477SRT-R2 Fiches technique(PDF) 4 Page - Analog Devices |
|
AD7477SRT-R2 Fiches technique(HTML) 4 Page - Analog Devices |
4 / 20 page REV. D –4– AD7476–SPECIFICATIONS1 (VDD=2.7Vto5.25V,fSCLK=20MHz,TA=TMINtoTMAX,unlessotherwisenoted.) Parameter A Version 1, 2 S Version 1, 2 Unit Test Conditions/Comments DYNAMIC PERFORMANCE fIN = 100 kHz Sine Wave, fSAMPLE = 1 MSPS Signal-to-(Noise + Distortion) (SINAD) 49 49 dB min Total Harmonic Distortion (THD) –65 –65 dB max Peak Harmonic or Spurious Noise (SFDR) –65 –65 dB max Intermodulation Distortion (IMD) Second-Order Terms –68 –68 dB typ fa = 498.7 kHz, fb = 508.7 kHz Third-Order Terms –68 –68 dB typ fa = 498.7 kHz, fb = 508.7 kHz Aperture Delay 10 10 ns typ Aperture Jitter 30 30 ps typ Full Power Bandwidth 6.5 6.5 MHz typ @ 3 dB DC ACCURACY Resolution 8 8 Bits Integral Nonlinearity ±0.5 ±0.5 LSB max Differential Nonlinearity ±0.5 ±0.5 LSB max Guaranteed No Missed Codes to Eight Bits Offset Error ±0.5 ±0.5 LSB max Gain Error ±0.5 ±0.5 LSB max Total Unadjusted Error (TUE) ±0.5 ±0.5 LSB max ANALOG INPUT Input Voltage Ranges 0 to VDD 0 to VDD V DC Leakage Current ±1 ±1 µA max Input Capacitance 30 30 pF typ LOGIC INPUTS Input High Voltage, VINH 2.4 2.4 V min Input Low Voltage, VINL 0.8 0.8 V max VDD = 5 V 0.4 0.4 V max VDD = 3 V Input Current, IIN, SCLK Pin ±1 ±1 µA max Typically 10 nA, VIN = 0 V or VDD Input Current, IIN, CS Pin ±1 ±1 µA typ Input Capacitance, CIN 4 10 10 pF max LOGIC OUTPUTS Output High Voltage, VOH VDD – 0.2 VDD – 0.2 V min ISOURCE = 200 µA; V DD = 2.7 V to 5.25 V Output Low Voltage, VOL 0.4 0.4 V max ISINK = 200 µA Floating-State Leakage Current ±10 ±10 µA max Floating-State Output Capacitance 4 10 10 pF max Output Coding Straight (Natural) Binary CONVERSION RATE Conversion Time 800 800 ns max 16 SCLK Cycles with SCLK at 20 MHz Track-and-Hold Acquisition Time 400 400 ns max Throughput Rate 1 1 MSPS max See Serial Interface Section POWER REQUIREMENTS VDD 2.7/5.25 2.7/5.25 V min/max IDD Digital I/Ps = 0 V or VDD Normal Mode (Static) 2 2 mA typ VDD = 4.75 V to 5.25 V; SCLK On or Off 11 mA typ VDD = 2.7 V to 3.6 V; SCLK On or Off Normal Mode (Operational) 3.5 3.5 mA max VDD = 4.75 V to 5.25 V; fSAMPLE = 1 MSPS 1.6 1.6 mA max VDD = 2.7 V to 3.6 V; fSAMPLE = 1 MSPS Full Power-Down Mode 1 1 µA max SCLK Off 80 80 µA max SCLK On Power Dissipation 5 Normal Mode (Operational) 17.5 17.5 mW max VDD = 5 V; fSAMPLE = 1 MSPS 4.8 4.8 mW max VDD = 3 V; fSAMPLE = 1 MSPS Full Power-Down 5 5 µW max VDD = 5 V; SCLK Off NOTES 1Temperature ranges as follows: A Version: –40 °C to +85°C; S Version: –55°C to +125°C. 2Operational from V DD = 2.0 V, with input high voltage, VINH = 1.8 V min. 3See Terminology section. 4Guaranteed by characterization. 5See Power vs. Throughput Rate section. Specifications subject to change without notice. 8 |
Numéro de pièce similaire - AD7477SRT-R2 |
|
Description similaire - AD7477SRT-R2 |