Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KAQV253A Fiches technique(PDF) 6 Page - COSMO Electronics Corporation

No de pièce KAQV253A
Description  PRODUCT SPECIFICATION
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COSMO [COSMO Electronics Corporation]
Site Internet  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQV253A Fiches technique(HTML) 6 Page - COSMO Electronics Corporation

  KAQV253A Datasheet HTML 1Page - COSMO  Electronics Corporation KAQV253A Datasheet HTML 2Page - COSMO  Electronics Corporation KAQV253A Datasheet HTML 3Page - COSMO  Electronics Corporation KAQV253A Datasheet HTML 4Page - COSMO  Electronics Corporation KAQV253A Datasheet HTML 5Page - COSMO  Electronics Corporation KAQV253A Datasheet HTML 6Page - COSMO  Electronics Corporation KAQV253A Datasheet HTML 7Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PRODUCT SPECIFICATION
DATE:02/22/2011
NO.61M10027
cosmo
ELECTRONICS CORPORATION
SOLID STATE RELAY - MOSFET OUTPUT
KAQV253A
SHEET 6 OF 7
REV.
2
USING METHODS
Examples of resistance value to
control LED forward current(IF)
SSR-MOSFET OUTPUT
IF=5mA)
E
R
3
2
1
4
5
6
E
R
3.3V
Approx. 330 Ω
5V
Approx. 640 Ω
12V
Approx. 1.9K Ω
15V
Approx. 2.5K Ω
24V
Approx. 4.1K Ω
1) LED forward current must be more than 5mA,at E min.
2) LED forward current must be less than 50mA,at E max.
Emin.
Emax.


Numéro de pièce similaire - KAQV253A

FabricantNo de pièceFiches techniqueDescription
logo
COSMO Electronics Corp...
KAQV253A COSMO-KAQV253A Datasheet
469Kb / 11P
   6PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET OOUTPUT
KAQV253ATL COSMO-KAQV253ATL Datasheet
244Kb / 11P
   6PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET OOUTPUT
KAQV253ATR COSMO-KAQV253ATR Datasheet
244Kb / 11P
   6PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET OOUTPUT
More results

Description similaire - KAQV253A

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
D1B050D00 ETC-D1B050D00 Datasheet
216Kb / 2P
   PRODUCT SPECIFICATION
logo
P-tec Corporation
PCOGJ12864A P-TEC-PCOGJ12864A Datasheet
94Kb / 3P
   PRODUCT SPECIFICATION
logo
COSMO Electronics Corp...
KSA215AC8 COSMO-KSA215AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA225AC8 COSMO-KSA225AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA240AC8 COSMO-KSA240AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA425AC8 COSMO-KSA425AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSD205AC3 COSMO-KSD205AC3_11 Datasheet
120Kb / 2P
   PRODUCT SPECIFICATION
logo
Omron Electronics LLC
G5SB-1A4-DC12 OMRON-G5SB-1A4-DC12 Datasheet
1Mb / 9P
   PRODUCT SPECIFICATION
logo
Quanzhou Jinmei Electro...
BU941P_2015 JMNIC-BU941P_2015 Datasheet
47Kb / 3P
   Product Specification
logo
List of Unclassifed Man...
3963 ETC2-3963 Datasheet
134Kb / 2P
   PRODUCT SPECIFICATION
UG-2828GDEDF11 ETC2-UG-2828GDEDF11 Datasheet
2Mb / 26P
   Product Specification
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com