Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7418ARM-REEL7 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD7418ARM-REEL7
Description  10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7418ARM-REEL7 Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD7418ARM-REEL7 Datasheet HTML 6Page - Analog Devices AD7418ARM-REEL7 Datasheet HTML 7Page - Analog Devices AD7418ARM-REEL7 Datasheet HTML 8Page - Analog Devices AD7418ARM-REEL7 Datasheet HTML 9Page - Analog Devices AD7418ARM-REEL7 Datasheet HTML 10Page - Analog Devices AD7418ARM-REEL7 Datasheet HTML 11Page - Analog Devices AD7418ARM-REEL7 Datasheet HTML 12Page - Analog Devices AD7418ARM-REEL7 Datasheet HTML 13Page - Analog Devices AD7418ARM-REEL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
REV. G
–10–
AD7416/AD7417/AD7418
ADDRESS POINTER REGISTER
The Address Pointer Register is an 8-bit register that stores an
address that points to one of the six data registers. The first data
byte of every serial write operation to the AD7416/AD7417/
AD7418 is the address of one of the data registers, which is
stored in the Address Pointer Register, and selects the data
register to which subsequent data bytes are written. Only the
three LSBs of this register are used to select a data register.
Table I. Address Pointer Register
P7
*
P6
*
P5
*
P4
*
P3
*
P2
P1
P0
00
00
0
Register Select
*P3 to P7 must be set to 0.
Table II. Register Addresses
P2
P1
P0
Registers
0
00Temperature Value (Read-Only)
0
01Config Register (Read/Write)
0
10THYST (Read/Write)
0
11TOTI
1
00
ADC (AD7417/AD7418 Only)
1
01Config2 (AD7417/AD7418 Only)
TEMPERATURE VALUE REGISTER (ADDRESS 00h)
The Temperature Value Register is a 16-bit, read-only register
whose 10 MSBs store the temperature reading from the ADC in
10-bit twos complement format. Bits 5 to 0 are unused.
Table III. Temperature Value Register
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
MSB B8
B7
B6
B5
B4
B3
B2
B1
LSB
The temperature data format is shown in Table IV. This shows
the full theoretical range of the ADC from –128
°C to +127°C,
but in practice, the temperature measurement range is limited
to the operating temperature range of the device.
Table IV. Temperature Data Format
Temperature
Digital Output
–128
°C
10 0000 0000
–125
°C
10 0000 1100
–100
°C
10 0111 0000
–75
°C
10 1101 0100
–50
°C
11 0011 1000
–25
°C
11 1001 1100
–0.25
°C
11 1111 1111
0
°C
00 0000 0000
+0.25
°C
00 0000 0001
+10
°C
00 0010 1000
+25
°C
00 0110 0100
+50
°C
00 1100 1000
+75
°C
01 0010 1100
+100
°C
01 1001 0000
+125
°C
01 1111 0100
+127
°C
01 1111 1100
Figure 5 shows the method the AD7416/AD7417/AD7418 uses
to measure the device temperature. To measure VBE, the sen-
sor (substrate transistor) is switched between operating currents
of I and N
× I. The resulting waveform is passed through a
chopper-stabilized amplifier that performs the functions of
amplification and rectification of the waveform to produce a dc
voltage proportional to
VBE.
This voltage is measured by the ADC to give a temperature
output in 10-bit twos complement form.
The temperature resolution of the ADC is 0.25
°C, which corre-
sponds to 1 LSB of the ADC. The ADC can theoretically measure
a temperature span of 255
°C; the guaranteed temperature range
is –40
°C to +125°C. The result of the conversion is stored in
the Temperature Value Register (00h) as a 16-bit word. The
10 MSBs of this word store the temperature measurement (see
Table III and Table IV).
The temperature conversion formula using the 10 MSBs of the
Temperature Value Register is
1. Positive Temperature = ADC Code/4
2. Negative Temperature = (ADC Code
* – 512)/4
*MSB is removed from the ADC Code.
INTERNAL REGISTER STRUCTURE
The AD7417/AD7418 has seven internal registers, as shown in
Figure 6. Six of these are data registers and one is an Address
Pointer Register. The AD7416 has five internal registers (the
ADC and Config2 Registers are not applicable to the AD7416).
THYST SETPOINT
REGISTER
(READ/WRITE
ADDRESS 02h)
CONFIGURATION
REGISTER
(READ/WRITE
ADDRESS 01h)
TOTI SETPOINT
REGISTER
(READ/WRITE
ADDRESS 03h)
SERIAL
BUS
INTERFACE
SCL
TEMPERATURE
VALUE
REGISTER
(READ-ONLY
ADDRESS 00h)
ADDRESS POINTER
REGISTER
(SELECTS DATA REGISTER
FOR READ/WRITE)
ADDRESS
DATA
CONFIG2
REGISTER
(READ/WRITE
ADDRESS 05h)
ADC
REGISTER
(READ-ONLY
ADDRESS 04h)
SDA
Figure 6. AD7417/AD7418 Register Structure


Numéro de pièce similaire - AD7418ARM-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7418ARM-REEL7 AD-AD7418ARM-REEL7 Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor (AD7416) and Four Single-Channel ADCs
Rev. I
More results

Description similaire - AD7418ARM-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7416 AD-AD7416_10 Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor (AD7416) and Four Single-Channel ADCs
Rev. I
ADT7411 AD-ADT7411 Datasheet
456Kb / 36P
   SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
REV. A
ADT7411 AD-ADT7411_06 Datasheet
1Mb / 36P
   SPI짰-/I2C짰-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
REV. B
ADT7411 AD-ADT7411_15 Datasheet
1Mb / 36P
   SPI-/IC-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
Rev. B
logo
Texas Instruments
AMC7891 TI1-AMC7891 Datasheet
934Kb / 41P
[Old version datasheet]   Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
AMC7891 TI1-AMC7891_14 Datasheet
1Mb / 42P
[Old version datasheet]   Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
logo
Analog Devices
AD7417 AD-AD7417_15 Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor
Rev. I
logo
Texas Instruments
AMC7891 TI-AMC7891_15 Datasheet
1Mb / 41P
[Old version datasheet]   Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
logo
Analog Devices
AD7814 AD-AD7814_17 Datasheet
151Kb / 9P
   10-Bit Digital Temperature Sensor
AD7416 AD-AD7416_15 Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com