Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

K10106ZB Fiches technique(PDF) 1 Page - COSMO Electronics Corporation

No de pièce K10106ZB
Description  High Reliability Photocoupler
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COSMO [COSMO Electronics Corporation]
Site Internet  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

K10106ZB Fiches technique(HTML) 1 Page - COSMO Electronics Corporation

  K10106ZB Datasheet HTML 1Page - COSMO  Electronics Corporation K10106ZB Datasheet HTML 2Page - COSMO  Electronics Corporation K10106ZB Datasheet HTML 3Page - COSMO  Electronics Corporation K10106ZB Datasheet HTML 4Page - COSMO  Electronics Corporation K10106ZB Datasheet HTML 5Page - COSMO  Electronics Corporation K10106ZB Datasheet HTML 6Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT SPECIFICATION
DATE:12/18/2012
NO.63P00016
cosmo
ELECTRONICS CORPORATION
Photocoupler:
K1010 6Z
SHEET 1 OF 6
REV.
1
High Reliability Photocoupler
Features
1.Low input current type (IF=0.1mA).
2.Current transfer ratio (CTR : 50~600% at IF=0.1mA Vce=5V).
3.High isolation voltage between input and output (Viso:5000Vrms).
4. Compact long creepage distance for surface mount type package.
5.Pb free and RoHS compliant.
6.Agency Approvals
• UL UL1577 / CUL C22.2 No.1 & NTC No.5, File No. E169586
• VDE EN60747, File No.101347
• FIMKO EN60065, File No.FI23149
• FIMKO EN60950, File No.FI24584
• SEMKO EN60065, File No.1016484
• SEMKO EN60950, File No.1016433
• CQC GB4943 / GB8898, File No.CQC10001049555/CQC08001023986
Application:
1.Computer terminals, programmable controllers.
2.Facsimile equipment, Audio, Video.
3.Communications, telephone, etc..


Numéro de pièce similaire - K10106ZB

FabricantNo de pièceFiches techniqueDescription
logo
COSMO Electronics Corp...
K10106Z COSMO-K10106Z Datasheet
977Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K10106ZATLD COSMO-K10106ZATLD Datasheet
224Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K10106ZATRU COSMO-K10106ZATRU Datasheet
224Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K10106ZETLD COSMO-K10106ZETLD Datasheet
224Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K10106ZETRU COSMO-K10106ZETRU Datasheet
224Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
More results

Description similaire - K10106ZB

FabricantNo de pièceFiches techniqueDescription
logo
COSMO Electronics Corp...
KTLP160J COSMO-KTLP160J Datasheet
359Kb / 2P
   HIGH RELIABILITY PHOTOCOUPLER
KMOC3041 COSMO-KMOC3041 Datasheet
376Kb / 2P
   High Reliability photocoupler
logo
List of Unclassifed Man...
P4010 ETC1-P4010 Datasheet
152Kb / 5P
   HIGH RELIABILITY PHOTOCOUPLER
logo
COSMO Electronics Corp...
KTLP166J COSMO-KTLP166J Datasheet
385Kb / 2P
   High Reliability Photocoupler
KPC815 COSMO-KPC815 Datasheet
371Kb / 2P
   High Reliability Photocoupler
KPC825 COSMO-KPC825 Datasheet
372Kb / 2P
   High Reliability Photocoupler
KPS2832 COSMO-KPS2832 Datasheet
234Kb / 2P
   High Reliability Photocoupler
KPC815S COSMO-KPC815S Datasheet
139Kb / 6P
   High Reliability Photocoupler
KPC4N33L COSMO-KPC4N33L Datasheet
95Kb / 6P
   High Reliability Photocoupler
K3010 COSMO-K3010_12 Datasheet
96Kb / 6P
   High Reliability Photocoupler
KP2210L COSMO-KP2210L Datasheet
121Kb / 6P
   High Reliability Photocoupler
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com