Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL21090 Fiches technique(PDF) 1 Page - Intersil Corporation

No de pièce ISL21090
Description  Ultra Low Noise, Precision Voltage Reference
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21090 Fiches technique(HTML) 1 Page - Intersil Corporation

  ISL21090_12 Datasheet HTML 1Page - Intersil Corporation ISL21090_12 Datasheet HTML 2Page - Intersil Corporation ISL21090_12 Datasheet HTML 3Page - Intersil Corporation ISL21090_12 Datasheet HTML 4Page - Intersil Corporation ISL21090_12 Datasheet HTML 5Page - Intersil Corporation ISL21090_12 Datasheet HTML 6Page - Intersil Corporation ISL21090_12 Datasheet HTML 7Page - Intersil Corporation ISL21090_12 Datasheet HTML 8Page - Intersil Corporation ISL21090_12 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
Ultra Low Noise, Precision Voltage Reference
ISL21090
The ISL21090 is a ultra low noise, high DC accuracy precision
voltage reference with wide input voltage range. The ISL21090
uses the new Intersil Advanced Bipolar technology to achieve
sub 1.0µVP-P (1.25V option) 0.1Hz to10Hz noise with an initial
voltage accuracy of 0.02% (2.5V option).
The ISL21090 offers 1.25V, 2.5V, and 5.0V output voltage
options with 7ppm/°C temperature coefficient and also
provides excellent line and load regulation. These devices are
offered in an 8 Ld SOIC package.
The ISL21090 is ideal for high-end instrumentation, data
acquisition and processing applications requiring high DC
precision where low noise performance is critical.
Applications
•High-End Instrumentation
• Precision Voltage Sources for Data Acquisition System,
Industrial Control, Communication Infrastructure
• Process Control and Instrumentations
• Active Source for Sensors
Features
• Reference Output Voltage Option
- 1.25V, 2.5V, and 5.0V (Released)
- 7.5V (Coming Soon)
• Initial Accuracy:
- ISL21090-12 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±0.03%
- ISL21090-25 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±0.02%
- ISL21090-50 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±0.025%
• Output Voltage Noise (0.1Hz to 10Hz). . . . . . . . . . . . 1.0µVP-PTyp
(1.25V Option)
• Supply Current . . . . . . . . . . . . . . . . . . . .750µA (1.25V Option)
• Temperature Coefficient . . . . . . . . . . . . . . . . . . 7ppm/°C Max
• Output Current Capability . . . . . . . . . . . . . . . . . . . . . . . . 20mA
• Line Regulation . . . . . . . . . . . . . . . . . 6ppm/V (1.25V Option)
• Load Regulation . . . . . . . . . . . . . . 2.5ppm/mA (1.25V Option)
• Operating Temperature Range. . . . . . . . . . .-40°C to +125°C
Related Literature
See AN1764, “ISL21090XXEV1Z User’s Guide”
FIGURE 1. ISL21090 TYPICAL APPLICATION DIAGRAM
FIGURE 2. VOUT vs TEMPERATURE (2.5V OPTION)
10µF
0.1µF
CHIP SELECT
SERIAL CLOCK
SERIAL DATA I/O
VDD
VREF
SCLK
SDIO
CSb
OUTxS
GND
DACOUTx
VIN
VREF
0.1µF
OUTxF
DAC
1
2
3
4
DNC
GND
VOUT
TRIM
6
8
7
5
DNC
DNC
COMP
VIN
2.4980
2.4985
2.4990
2.5000
2.5005
2.5010
-55
-35
-15
5
25
45
65
85
105
125 145
TEMPERATURE (°C)
TYPICAL TEMPERATURE
COEFFICIENT CURVE FOR 10 UNITS
2.4995
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2011, 2012. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
November 21, 2012
FN6993.3


Numéro de pièce similaire - ISL21090_12

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 13P
   Ultra Low Noise, Precision Voltage Reference
More results

Description similaire - ISL21090_12

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
logo
Renesas Technology Corp
ISL21090 RENESAS-ISL21090 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
logo
Intersil Corporation
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
February 27, 2013
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 13P
   Ultra Low Noise, Precision Voltage Reference
logo
Renesas Technology Corp
ISL71010B25 RENESAS-ISL71010B25 Datasheet
1Mb / 22P
   Ultra Low Noise, 2.5V Precision Voltage Reference
Apr 12, 2018
ISL71010B50 RENESAS-ISL71010B50 Datasheet
1,017Kb / 22P
   Ultra Low Noise, 5V Precision Voltage Reference
Apr 12, 2018
logo
Maxim Integrated Produc...
MAX6126 MAXIM-MAX6126 Datasheet
412Kb / 18P
   Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
Rev 2; 6/03
MAX6126 MAXIM-MAX6126_V01 Datasheet
3Mb / 28P
   Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
2019
MAX6226 MAXIM-MAX6226_V01 Datasheet
840Kb / 15P
   Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com