Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS5490-ISZR Fiches technique(PDF) 8 Page - Cirrus Logic

No de pièce CS5490-ISZR
Description  Two Channel Energy Measurement IC
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  APEX [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo APEX - Cirrus Logic

CS5490-ISZR Fiches technique(HTML) 8 Page - Cirrus Logic

Back Button CS5490-ISZR Datasheet HTML 4Page - Cirrus Logic CS5490-ISZR Datasheet HTML 5Page - Cirrus Logic CS5490-ISZR Datasheet HTML 6Page - Cirrus Logic CS5490-ISZR Datasheet HTML 7Page - Cirrus Logic CS5490-ISZR Datasheet HTML 8Page - Cirrus Logic CS5490-ISZR Datasheet HTML 9Page - Cirrus Logic CS5490-ISZR Datasheet HTML 10Page - Cirrus Logic CS5490-ISZR Datasheet HTML 11Page - Cirrus Logic CS5490-ISZR Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
CS5490
8
DS982F2
3. CHARACTERISTICS & SPECIFICATIONS
RECOMMENDED OPERATING CONDITIONS
POWER MEASUREMENT CHARACTERISTICS
Notes: 1. Specifications guaranteed by design and characterization.
2. Active energy is tested with power factor PF = 1.0. Reactive energy is tested with Sin(
) = 1.0. Energy error measured at system
level using single energy pulse. Where: 1) One energy pulse = 0.5Wh or 0.5Varh; 2) VDDA = +3.3V,
TA = 25°C, MCLK = 4.096MHz;
3) System is calibrated.
3. Calculated using register values; N
4000.
4. IRMS error calculated using register values. 1) VDDA = +3.3V; TA = 25°C; MCLK = 4.096MHz; 2) AC offset calibration applied.
TYPICAL LOAD PERFORMANCE
• Energy error measured at system level using single energy pulse; where 1 energy pulse = 0.5Wh or 0.5Varh.
•IRMS error calculated using register values
• VDDA = +3.3V; TA = 25°C; MCLK = 4.096MHz
Parameter
Symbol
Min
Typ
Max
Unit
Positive Analog Power Supply
VDDA
3.0
3.3
3.6
V
Specified Temperature Range
TA
-40
-
+85
°C
Parameter
Symbol
Min
Typ
Max
Unit
Active Energy
All Gain Ranges
(Note 1 & 2)
Current Channel Input Signal Dynamic Range 4000:1
PAvg
-±0.1
-
%
Reactive Energy
All Gain Ranges
(Note 1 & 2)
Current Channel Input Signal Dynamic Range 4000:1
QAvg
-±0.1
-
%
Apparent Power
All Gain Ranges
(Note 1 & 3)
Current Channel Input Signal Dynamic Range 1000:1
S-
±0.1
-
%
Current RMS
All Gain Ranges
(Note 1, 3, & 4)
Current Channel Input Signal Dynamic Range 1000:1
IRMS
-±0.1
-
%
Voltage RMS
(Note 1 & 3)
Voltage Channel Input Signal Dynamic Range 20:1
VRMS
-±0.1
-
%
Power Factor
All Gain Ranges
(Note 1 & 3)
Current Channel Input Signal Dynamic Range 1000:1
PF
-
±0.1
-
%
-1
-0.5
0
0.5
1
0
500
1000
1500
2000
2500
3000
3500
4000
4500
Current Dynamic Range (x : 1)
Lagging PF = 0.5
Leading PF = 0.5
PF = 1
Figure 3. Active Energy Load Performance


Numéro de pièce similaire - CS5490-ISZR

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS5490 CIRRUS-CS5490 Datasheet
762Kb / 57P
   Two Channel Energy Measurement IC
More results

Description similaire - CS5490-ISZR

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS5490 CIRRUS-CS5490 Datasheet
762Kb / 57P
   Two Channel Energy Measurement IC
CS5484 APEX-CS5484 Datasheet
802Kb / 67P
   Four Channel Energy Measurement IC
CS5480 CIRRUS-CS5480 Datasheet
892Kb / 70P
   Three Channel Energy Measurement IC
CS5484 CIRRUS-CS5484 Datasheet
809Kb / 67P
   Four Channel Energy Measurement IC
logo
Teridian Semiconductor ...
78M6618 TERIDIAN-78M6618 Datasheet
426Kb / 32P
   Octal Power and Energy Measurement IC
logo
Silergy Corp.
78M6618 SILERGY-78M6618 Datasheet
593Kb / 32P
   Octal Power and Energy Measurement IC
logo
Maxim Integrated Produc...
MAX71020A MAXIM-MAX71020A Datasheet
644Kb / 26P
   Energy Measurement AFE
2015
logo
Silergy Corp.
MAX71020A SILERGY-MAX71020A Datasheet
628Kb / 28P
   Energy Measurement AFE
logo
Maxim Integrated Produc...
78M6612 MAXIM-78M6612 Datasheet
1Mb / 46P
   Single-Phase, Dual-Outlet Power and Energy Measurement IC
Rev 2; 1/12
logo
Teridian Semiconductor ...
78M6612 TERIDIAN-78M6612 Datasheet
1Mb / 111P
   Single-Phase, Dual-Outlet Power and Energy Measurement IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com