Moteur de recherche de fiches techniques de composants électroniques |
|
AD587KR-REEL Fiches technique(PDF) 7 Page - Analog Devices |
|
AD587KR-REEL Fiches technique(HTML) 7 Page - Analog Devices |
7 / 12 page REV. F AD587 –7– NEGATIVE REFERENCE VOLTAGE FROM AN AD587 The AD587 can be used to provide a precision –10.000 V output as shown in Figure 11. The +VIN pin is tied to at least a +3.5 V supply, the output pin is grounded, and the AD587 ground pin is connected through a resistor, RS, to a –15 V supply. The –10 V output is now taken from the ground pin (Pin 4) instead of VOUT. It is essential to arrange the output load and the supply resistor RS so that the net current through the AD587 is between 2.5 mA and 10.0 mA. The temperature characteristics and long- term stability of the device will be essentially the same as that of a unit used in the standard +10 V output configuration. 2 6 4 GND AD587 VIN VOUT 3.5V → →26V 1nF RS –15V ←IL –10V 2.5mA < – IL < 10mA 5V RS Figure 11. AD587 as a Negative 10 V Reference USING THE AD587 WITH CONVERTERS The AD587 is an ideal reference for a wide variety of 8-, 12-, 14-, and 16-bit ADCs and DACs. Several representative examples follow. 10 V Reference with Multiplying CMOS DACs or ADCs The AD587 is ideal for applications with 10-bit and 12-bit multiplying CMOS DACs. In the standard hookup, as shown in Figure 12, the AD587 is paired with the AD7545 12-bit multi- plying DAC and the AD711 high speed BiFET op amp. The amplifier DAC configuration produces a unipolar 0 V to –10 V output range. Bipolar output applications and other operating details can be found in the individual product data sheets. AD587 GND VOUT VIN AD711K 0.1 F –15V 0 TO – 10V 0.1 F +15V OUT1 AGND DGND DB11–DB0 C1 33pF R2 RFB +15V VDD AD7545K VREF 10k VOUT TRIM +15V 0.1 F Figure 12. Low Power 12-Bit CMOS DAC Application The AD587 can also be used as a precision reference for multi- ple DACs. Figure 13 shows the AD587, the AD7628 dual DAC, and the AD712 dual op amp hooked up for single-supply opera- tion to produce 0 V to –10 V outputs. Because both DACs are on the same die and share a common reference and output op amps, the DAC outputs will exhibit similar gain TCs. VOUTB = 0 TO – 10V AD587 GND VIN AD712 +15V OUT A DGND VOUT +15V AGND DAC A DB0 DB7 DATA INPUTS OUT B DAC B 18 RFB B RFB A VREFA VOUTA = 0 TO – 10V AD7628 VREFB 0.1 F Figure 13. AD587 as a 10 V Reference for a CMOS Dual DAC Precision Current Source The design of the AD587 allows it to be easily configured as a current source. By choosing the control resistor RC in Figure 14, the user can vary the load current from the quiescent current (2 mA typically) to approximately 10 mA. 2 6 4 GND AD587 VIN VOUT +VIN RC 500 MIN IL = + I BIAS 10V RC Figure 14. Precision Current Source |
Numéro de pièce similaire - AD587KR-REEL |
|
Description similaire - AD587KR-REEL |