Moteur de recherche de fiches techniques de composants électroniques |
|
AM30E-4815DZ Fiches technique(PDF) 2 Page - AIMTEC |
|
AM30E-4815DZ Fiches technique(HTML) 2 Page - AIMTEC |
2 / 4 page Series AM30E-Z 30Watt | DC-DC Converter www.aimtec.com Tel: +1 514 620 2722 Toll free: + 1 888 9 AIMTEC (924 6832) F 051e R12.D 2 of 4 North America only Input Specifications (continued) Parameters Nominal Typical Maximum Units Under voltage lockout 12V ON/OFF 8.6 / 7.9 VDC 24V ON/OFF 17.8 / 16 48V ON/OFF 33.5 / 30.5 Isolation Specifications Parameters Conditions Typical Rated Units Tested I/O voltage 3 sec 1600 VDC Case/Input tested voltage 3 sec 1600 VDC Resistance 1000 MOhm Capacitance 1500 pF Output Specifications Parameters Conditions Typical Maximum Units Voltage accuracy ±1 % Cross Regulation (Dual Output Models) 25% load on one output 100% load on second load ±5 % Over voltage protection Zener diode clamp Over current protection 150 % Short Circuit protection Continuous Short circuit restart Auto-Recovery Thermal shutdown On Case 115 ºC Line voltage regulation HL-LL ±0.5 % Load voltage regulation (Single) 0 – 100% load ±0.5 % Load voltage regulation (Dual) 0 – 100% load ±1 % Temperature coefficient ±0.02 %/ oC Ripple & Noise 20MHz Bandwidth 100 mV p-p Voltage adjustment range (single) ±10 % Minimum Load Current 0 % of Max General Specifications Parameters Conditions Typical Maximum Units Switching frequency 100% load 330 KHz Operating temperature Derating above 50 -40 to +75 oC Storage temperature -40 to +125 oC Maximum case temperature 105 oC Derating 2 %/ oC Cooling Free Air Convection Humidity 95 % RH Case material Nickel coated Copper Weight 31 g Dimensions (L x W x H) 2.00 x 1.00 x 0.40 inches 50.80 x 25.40 x 10.16 mm MTBF >435,000 hrs (MIL-HDBK -217F, Ground Benign, t=+25ºC)hours Maximum soldering temperature 1.5mm from case for 10 sec 260 oC Transient recovery time 250 mS Transient recovery deviation ±3 % |
Numéro de pièce similaire - AM30E-4815DZ |
|
Description similaire - AM30E-4815DZ |