Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM40U-1203SAZ Fiches technique(PDF) 2 Page - AIMTEC

No de pièce AM40U-1203SAZ
Description  40 Watt | DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AIMTEC [AIMTEC]
Site Internet  https://aimtec.com
Logo AIMTEC - AIMTEC

AM40U-1203SAZ Fiches technique(HTML) 2 Page - AIMTEC

  AM40U-1203SAZ Datasheet HTML 1Page - AIMTEC AM40U-1203SAZ Datasheet HTML 2Page - AIMTEC AM40U-1203SAZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Series AM40U-AZ
40 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.D
2 of 3
North America only
Output Specifications (continued)
Parameters
Conditions
Typical
Maximum
Units
Load voltage regulation (Single)
Iout=10% to 100%
±2
%
Temperature coefficient
±0.02
%/oC
Ripple & Noise
20MHz Bandwidth
75
mV p-p
Voltage adjustment range
±10
%
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
300
KHz
Operating temperature
With derating above 55 oC
(see graph below)
-40 to +85
oC
Storage temperature
-55 to +125
oC
Maximum case temperature
105
oC
Derating
Above 55 oC
2
%/ oC
Cooling
Free Air Convection
Humidity
95
% RH
Case material
Nickel – coated Copper
Weight
60
g
Dimensions (L x W x H)
2.00 x 2.00 x 0.40 inches
50.81 x 50.81 10.14 mm
MTBF
>1 500 000 hrs ( MIL-HDBK-217 F at +25 oC)
Maximum soldering temperature
1.5mm from case for 10 sec
260
oC
Transient recovery time
500
uS
Transient recovery deviation
25% load step
±4% of Vout
Safety Specifications
Parameters
Standards
Designed to meet IEC 60950-1:2001 and EN55022:2006 + A1:2007, Class B
Pin Out Specifications
Pin
Single
1
+V Input
2
-V Input
3
On/Off Control
4
-Sense
5
+Sense
6
+V Output
7
-V Output
8
Trim


Numéro de pièce similaire - AM40U-1203SAZ

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AM40U-1203SAZ AIMTEC-AM40U-1203SAZ Datasheet
305Kb / 3P
   40 Watt | DC-DC Converter
AM40U-1203SAZ AIMTEC-AM40U-1203SAZ Datasheet
205Kb / 4P
   40 Watt | DC-DC Converter
More results

Description similaire - AM40U-1203SAZ

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AM40U-AZ AIMTEC-AM40U-AZ Datasheet
305Kb / 3P
   40 Watt | DC-DC Converter
AM40E-Z AIMTEC-AM40E-Z_16 Datasheet
533Kb / 7P
   40 Watt | DC-DC Converter
AM40W-NZ AIMTEC-AM40W-NZ Datasheet
143Kb / 3P
   40 Watt | DC-DC Converter
AM40U-AZ AIMTEC-AM40U-AZ_16 Datasheet
205Kb / 4P
   40 Watt | DC-DC Converter
AM40UW-Z AIMTEC-AM40UW-Z Datasheet
497Kb / 5P
   40 Watt | DC-DC Converter
AM40UW-Z AIMTEC-AM40UW-Z_16 Datasheet
485Kb / 5P
   40 Watt | DC-DC Converter
AM40U-AZ AIMTEC-AM40U-AZ_13 Datasheet
294Kb / 3P
   40 Watt | DC-DC Converter
AM40UW-Z AIMTEC-AM40UW-Z_13 Datasheet
481Kb / 5P
   40 Watt | DC-DC Converter
AM40E-Z AIMTEC-AM40E-Z Datasheet
506Kb / 7P
   40 Watt | DC-DC Converter
AM40E-Z AIMTEC-AM40E-Z_13 Datasheet
443Kb / 7P
   40 Watt | DC-DC Converter
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com