Moteur de recherche de fiches techniques de composants électroniques |
|
AM5T-4809DZ Fiches technique(PDF) 4 Page - AIMTEC |
|
AM5T-4809DZ Fiches technique(HTML) 4 Page - AIMTEC |
4 / 5 page Series AM5T-Z 5 Watt | DC-DC Converter www.aimtec.com Tel: +1 514 620 2722 Toll free: + 1 888 9 AIMTEC (924 6832) F 051e R11.F 4 of 5 North America only General Specifications Parameters Conditions Typical Maximum Units Switching frequency 100% load 266 KHz Operating temperature Full Load without Derating -40 to +85 oC Storage temperature -40 to +125 oC Max Case temperature +100 oC Derating Not Required Cooling Free air convection Humidity 90 % Case material Nickel coated copper Weight 17 g Dimensions(L x W x H) Tolerance ±0.5 mm or ±0.02 inches 1.28 x 0.84 x 0.41 inches 32.25 x 21.35 x 10.50 mm MTBF >1 121 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25oC) NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at rated output load unless otherwise specified. Safety Specifications Parameters Agency Approvals CE (except for 5V input models) Standards EN55022 Class A, EN55024 IEC61000-4-2, Perf. Criteria B IEC61000-4-3, Perf. Criteria A IEC61000-4-4, Perf. Criteria B (external 220uF/100V cap required) IEC61000-4-5, Perf. Criteria B (external 220uF/100V cap required) IEC61000-4-6, Perf. Criteria A IEC61000-4-8, Perf. Criteria A NOTE: designed to meet IEC 60950-1:2001 Pin Out Specifications Dimensions Pin 1500 and 3500VDC Single Dual 2 -V Input -V Input 3 -V Input -V Input 9 NO PIN. Common 11 N. C. -V Output 14 +V Output +V Output 16 -V Output Common 22 +V Input +V Input 23 +V Input +V Input |
Numéro de pièce similaire - AM5T-4809DZ |
|
Description similaire - AM5T-4809DZ |