Moteur de recherche de fiches techniques de composants électroniques |
|
AM1D-1215DZ Fiches technique(PDF) 7 Page - AIMTEC |
|
AM1D-1215DZ Fiches technique(HTML) 7 Page - AIMTEC |
7 / 8 page Series AM1D-Z 1 Watt | DC-DC Converter www.aimtec.com Tel: +1 514 620 2722 Toll free: + 1 888 9 AIMTEC (924 6832) F 051e R11.E 7 of 8 North America only Output Specifications (continued) Parameters Conditions Typical Maximum Units Line voltage regulation (Single) For 1.0% of Vin ±1.2 % Line voltage regulation (Dual) For 1.0% of Vin ±1.2 % Load voltage regulation (Single) load 20~100% ±10 % Load voltage regulation (Single) 3.3V output model load 20~100% ±20 % Load voltage regulation (Dual) load 20~100% ±10 % Temperature coefficient ±0.02 %/ oC Ripple & Noise At 20MHz Bandwidth 75 mV p-p Rising time 50 ms General Specifications Parameters Conditions Typical Maximum Units Switching frequency 100% load 80 KHz Operating temperature Full Load without Derating -40 to +85 oC Storage temperature -55 to +125 oC Max Case temperature +95 oC Cooling Free air convection Humidity 90 % Case material Non-conductive black plastic UL 94 V-0 Weight 2.3 g Dimensions (L x W x H) 0.76 x 0.24 x 0.37 inch 19.50 x 6.00 x 9.50 mm MTBF >2 000 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25 oC) Safety Specifications Standards Agency approvals CE (with exception of dual separated models) Safety EN55022 (Radiated Emissions) class B EN55024 (Noise Immunity) IEC61000-4-2(ESD) IEC61000-4-3(Radiated immunity) Pin Out Specifications Pin Single 1000 VDC Dual 1000 VDC Dual Separated 1000 VDC Single 3000, 4000, 5200 & 6000 VDC Dual 3000, 4000, 5200 & 6000 VDC 1 + V Input + V Input +V Input + V Input + V Input 2 - V Input - V Input -V Input - V Input - V Input 4 - V Output - V Output +V1 Output No pin No pin 5 No pin Common -V1 Output - V Output - V Output 6 + V Output + V Output +V2 Output No pin Common 7 No pin No pin -V2 Output + V Output + V Output |
Numéro de pièce similaire - AM1D-1215DZ |
|
Description similaire - AM1D-1215DZ |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |