Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSD16408Q5 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce CSD16408Q5
Description  The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CSD16408Q5 Fiches technique(HTML) 1 Page - Texas Instruments

  CSD16408Q5_11 Datasheet HTML 1Page - Texas Instruments CSD16408Q5_11 Datasheet HTML 2Page - Texas Instruments CSD16408Q5_11 Datasheet HTML 3Page - Texas Instruments CSD16408Q5_11 Datasheet HTML 4Page - Texas Instruments CSD16408Q5_11 Datasheet HTML 5Page - Texas Instruments CSD16408Q5_11 Datasheet HTML 6Page - Texas Instruments CSD16408Q5_11 Datasheet HTML 7Page - Texas Instruments CSD16408Q5_11 Datasheet HTML 8Page - Texas Instruments CSD16408Q5_11 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
D
2
D
3
D
4
D
D
5
G
6
S
7
S
8
S
P0094-01
VGS − Gate to Source Voltage − V
0
2
4
6
8
10
12
14
16
0
2
4
6
8
10
12
G006
ID = 25A
TC = 125°C
TC = 25°C
Qg − Gate Charge − nC
0
2
4
6
8
10
12
0
5
10
15
20
G003
ID = 25A
VDS = 12.5V
CSD16408Q5
www.ti.com
SLPS228A – OCTOBER 2009 – REVISED SEPTEMBER 2010
N-Channel NexFET™ Power MOSFET
1
FEATURES
PRODUCT SUMMARY
2
Ultralow Qg and Qgd
VDS
Drain-to-source voltage
25
V
Low Thermal Resistance
Qg
Gate charge, total (4.5 V)
6.7
nC
Avalanche Rated
Qgd
Gate charge, gate-to-drain
1.9
nC
SON 5-mm × 6-mm Plastic Package
VGS = 4.5 V
5.4
m
rDS(on)
Drain-to-source on-resistance
VGS = 10 V
3.6
m
APPLICATIONS
VGS(th)
Threshold voltage
1.8
V
Point-of-Load Synchronous Buck in
Networking, Telecom and Computing Systems
ORDERING INFORMATION
Optimized for Control FET Applications
Device
Package
Media
Qty
Ship
SON 5-mm × 6-mm
13-inch
Tape and
CSD16408Q5
plastic package
(33-cm)
2500
reel
DESCRIPTION
reel
The NexFET™ power MOSFET has been designed
to minimize losses in power conversion applications.
ABSOLUTE MAXIMUM RATINGS
TA = 25°C unless otherwise stated
VALUE
UNIT
Top View
VDS
Drain-to-source voltage
25
V
VGS
Gate-to-source voltage
–12 to 16
V
Continuous drain current, TC = 25°C
113
A
ID
Continuous drain current(1)
22
A
IDM
Pulsed drain current, TA = 25°C
(2)
141
A
PD
Power dissipation(1)
3.1
W
TJ,
Operating junction and storage temperature
–55 to 150
°C
TSTG
range
Avalanche energy, single-pulse
EAS
126
mJ
ID = 23 A, L = 0.1 mH, RG = 25 Ω
(1)
Typical RqJA = 41°C/W on 1-inch
2 (6.45-cm2), 2-oz.
(0.071-mm thick) Cu pad on a 0.06-inch (1.52-mm) thick FR4
PCB.
(2)
Pulse duration
≤300 ms, duty cycle ≤2%
put a break here is force notes closer to the table
put a break here is force notes closer to the table
rDS(on) vs VGS
GATE CHARGE
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NexFET is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - CSD16408Q5_11

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD16408Q5C TI-CSD16408Q5C Datasheet
177Kb / 10P
[Old version datasheet]   DualCool??N-Ch NexFET??Power MOSFET
CSD16408Q5C TI1-CSD16408Q5C_10 Datasheet
340Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
More results

Description similaire - CSD16408Q5_11

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD16408Q5C TI1-CSD16408Q5C_10 Datasheet
340Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD18504Q5A TI1-CSD18504Q5A_12 Datasheet
745Kb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD18503Q5A TI1-CSD18503Q5A_12 Datasheet
730Kb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD18531Q5A TI1-CSD18531Q5A_12 Datasheet
1Mb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD16407Q5C TI1-CSD16407Q5C_10 Datasheet
345Kb / 11P
[Old version datasheet]   ID The NexFET??power MOSFET has been designed to minimize losses in power conversion applications.
CSD17302Q5A TI1-CSD17302Q5A_10 Datasheet
521Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications, and optimized for 5V gate drive applications.
CSD16340Q3 TI1-CSD16340Q3_11 Datasheet
392Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion and optimized for 5V gate drive applications.
CSD17304Q3 TI1-CSD17304Q3_10 Datasheet
532Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications and optimized for 5V gate drive applications.
CSD17305Q5A TI1-CSD17305Q5A_10 Datasheet
510Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications, and optimized for 5V gate drive applications.
CSD17522Q5A TI1-CSD17522Q5A_11 Datasheet
635Kb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications, and optimized for 5V gate drive applications.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com