Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9525BCPZ-REEL7 Fiches technique(PDF) 6 Page - Analog Devices

No de pièce AD9525BCPZ-REEL7
Description  Low Jitter Clock Generator with Eight LVPECL Outputs
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9525BCPZ-REEL7 Fiches technique(HTML) 6 Page - Analog Devices

Back Button AD9525BCPZ-REEL7 Datasheet HTML 2Page - Analog Devices AD9525BCPZ-REEL7 Datasheet HTML 3Page - Analog Devices AD9525BCPZ-REEL7 Datasheet HTML 4Page - Analog Devices AD9525BCPZ-REEL7 Datasheet HTML 5Page - Analog Devices AD9525BCPZ-REEL7 Datasheet HTML 6Page - Analog Devices AD9525BCPZ-REEL7 Datasheet HTML 7Page - Analog Devices AD9525BCPZ-REEL7 Datasheet HTML 8Page - Analog Devices AD9525BCPZ-REEL7 Datasheet HTML 9Page - Analog Devices AD9525BCPZ-REEL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
AD9525
Data Sheet
Rev. 0 | Page 6 of 48
PLL DIGITAL LOCK DETECT
Table 8.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
PLL DIGITAL LOCK DETECT WINDOW1
Signal available at the STATUS and REF_MON pins when
selected by appropriate register settings; lock detect window
settings can be varied by changing the CPRSET resistor
Lock Threshold (Coincidence of Edges)
Selected by Reg. 0x010[1:0] and Reg. 0x019[1], which is the
threshold for transitioning from unlock to lock
Low Range (ABP 1.3 ns, 2.9 ns)
4
ns
Reg. 0x010[1:0] = 00b, 01b,11b; Reg. 0x019[1] = 1b
High Range (ABP 1.3 ns, 2.9 ns)
7
ns
Reg. 0x010[1:0] = 00b, 01b, 11b; Reg. 0x019[1] = 0b
High Range (ABP 6.0 ns)
3.5
ns
Reg. 0x010[1:0] = 10b; Reg. 0x019[1] = 0b
Unlock Threshold (Hysteresis)1
Selected by Reg. 0x017[1:0] and Reg. 0x019[1], which is the
threshold for transitioning from unlock to lock
Low Range (ABP 1.3 ns, 2.9 ns)
8.3
ns
Reg. 0x010[1:0] = 00b, 01b, 11b; Reg. 0x019[1] = 1b
High Range (ABP 1.3 ns, 2.9 ns)
16.9
ns
Reg. 0x010[1:0] = 00b, 01b, 11b; Reg. 0x019[1] = 0b
High Range (ABP 6.0 ns)
11
ns
Reg. 0x010[1:0] = 10b; Reg. 0x019[1] = 0b
1
For reliable operation of the digital lock detect, the period of the PFD frequency must be greater than the unlock-after-lock time.
CLOCK OUTPUTS
Table 9.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVPECL CLOCK OUTPUTS
Output Frequency, Maximum
3.6
GHz
Rise Time/Fall Time (20% to 80%)
105
162
ps
Duty Cycle
Input duty cycle = 50/50
M = 1
47
50
53
%
FOUT = 2800 MHz
45
50
55
%
FOUT < 3000 MHz
M = 2, 4, 6
47
49
51
%
FOUT = 1400 MHz
45
49
55
%
FOUT < 1500 MHz
M = 3, 5
32
32
33
%
FOUT = 933.33 MHz
Output Differential Voltage,
Magnitude
750
830
984
mV
Voltage across pins, output driver static;
Termination = 50 Ω to VDD3 − 2 V
Common-Mode Output Voltage
VDD3 –
1.42
VDD3 –
1.37
VDD3 –
1.32
V
Output driver static; VDD3 (Pin 3, Pin 36, Pin 41, Pin 46);
Termination = 50 Ω to VDD3 − 2 V


Numéro de pièce similaire - AD9525BCPZ-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9525 AD-AD9525_13 Datasheet
852Kb / 48P
   Low Jitter Clock Generator with Eight LVPECL Outputs
More results

Description similaire - AD9525BCPZ-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9525 AD-AD9525_13 Datasheet
852Kb / 48P
   Low Jitter Clock Generator with Eight LVPECL Outputs
logo
Maxim Integrated Produc...
MAX3622 MAXIM-MAX3622 Datasheet
196Kb / 9P
   Low-Jitter, Precision Clock Generator with Two Outputs
Rev 0; 11/07
MAX3625A MAXIM-MAX3625A Datasheet
311Kb / 10P
   Low-Jitter, Precision Clock Generator with Three Outputs
Rev 0; 5/09
MAX3625 MAXIM-MAX3625 Datasheet
290Kb / 10P
   Low-Jitter, Precision Clock Generator with Three Outputs
Rev 0; 10/07
MAX3625B MAXIM-MAX3625B Datasheet
312Kb / 10P
   Low-Jitter, Precision Clock Generator with Three Outputs
Rev 0; 10/09
MAX3624 MAXIM-MAX3624 Datasheet
293Kb / 12P
   Low-Jitter, Precision Clock Generator with Four Outputs
Rev 0; 8/07
MAX3624_0711 MAXIM-MAX3624_0711 Datasheet
418Kb / 13P
   Low-Jitter, Precision Clock Generator with Four Outputs
Rev 1; 11/07
MAX3624A MAXIM-MAX3624A Datasheet
396Kb / 12P
   Low-Jitter, Precision Clock Generator with Four Outputs
Rev 0; 10/09
MAX3679A MAXIM-MAX3679A Datasheet
396Kb / 11P
   3.3V, Low-Jitter Crystal to LVPECL Clock Generator
Rev 0; 8/09
MAX3679 MAXIM-MAX3679 Datasheet
389Kb / 11P
   3.3V, Low-Jitter Crystal to LVPECL Clock Generator
Rev 0; 11/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com