Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD534L Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD534L
Description  Internally Trimmed Precision IC Multiplier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD534L Fiches technique(HTML) 8 Page - Analog Devices

Back Button AD534L Datasheet HTML 4Page - Analog Devices AD534L Datasheet HTML 5Page - Analog Devices AD534L Datasheet HTML 6Page - Analog Devices AD534L Datasheet HTML 7Page - Analog Devices AD534L Datasheet HTML 8Page - Analog Devices AD534L Datasheet HTML 9Page - Analog Devices AD534L Datasheet HTML 10Page - Analog Devices AD534L Datasheet HTML 11Page - Analog Devices AD534L Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD534–Applications Section
–8–
The versatility of the AD534 allows the creative designer to
implement a variety of circuits such as wattmeters, frequency
doublers and automatic gain controls to name but a few.
X1
X2
Y1
Y2
Z1
Z2
AD534
OUTPUT =
A2 – B2
10V
OUT
–VS
+VS
SF
+15V
–15V
A – B
2
A
B
A + B
2
30k
10k
Figure 8. Difference-of-Squares
X1
X2
Y1
Y2
Z1
Z2
AD534
OUTPUT,
12V PK
=
EC ES
0.1V
OUT
–VS
+VS
SF
+15V
–15V
SIGNAL INPUT,
ES, 5V PK
39k
1k
0.005 F
–VS
CONTROL INPUT,
EC, ZERO TO 5V
SET
GAIN
1k
2k
NOTES:
1) GAIN IS X 10 PER-VOLT OF EC, ZERO TO X 50
2) WIDEBAND (10Hz – 30kHz) OUTPUT NOISE IS 3mV RMS, TYP
CORRESPONDING TO A.F.S. S/N RATIO OF 70dB
3) NOISE REFERRED TO SIGNAL INPUT, WITH EC = 5V, IS 60 V RMS, TYP
4) BANDWITH IS DC TO 20kHz, –3dB, INDEPENDENT OF GAIN
Figure 9. Voltage-Controlled Amplifier
X1
X2
Y1
Y2
Z1
Z2
AD534
OUTPUT = (10V) sin
OUT
–VS
+VS
SF
+15V
–15V
4.7k
4.3k
18k
10k
USING CLOSE TOLERANCE RESISTORS AND AD534L, ACCURACY
OF FIT IS WITHIN
0.5% AT ALL POINTS.
IS IN RADIANS.
INPUT, E
0 TO +10V
WHERE
=
E
2
10V
3k
Figure 10. Sine-Function Generator
X1
X2
Y1
Y2
Z1
Z2
OUTPUT = 1
EC sin t
10V
EM
OUT
–VS
+VS
SF
+15V
–15V
THE SF PIN OR A Z-ATTENUATOR CAN BE USED TO PROVIDE OVERALL
SIGNAL AMPLIFICATION, OPERATION FROM A SINGLE SUPPLY POSSIBLE;
BIAS Y2 TO VS/2.
CARRIER
INPUT
EC sin t
MODULATION
INPUT,
EM
AD534
Figure 11. Linear AM Modulator
9k
1k
X1
X2
Y1
Y2
Z2
Z1
AD534
OUTPUT = (100V)
B
A – B
(1% PER VOLT)
OUT
–VS
+VS
SF
+15V
–15V
OTHER SCALES, FROM 10% PER VOLT TO 0.1% PER VOLT
CAN BE OBTAINED BY ALTERING THE FEEDBACK RATIO.
B INPUT
(+VE ONLY)
A INPUT
( )
Figure 12. Percentage Computer
X1
X2
Y1
Y2
Z1
Z2
OUTPUT,
5V/PK
= (10V)
1 + y
y
(10V)
Y
WHERE y =
OUT
–VS
+VS
SF
+15V
–15V
INPUT, Y
10V FS
AD534
Figure 13. Bridge-Linearization Function


Numéro de pièce similaire - AD534L

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD534LD AD-AD534LD Datasheet
575Kb / 21P
   Internally Trimmed Precision IC Multiplier
REV. C
AD534LDZ AD-AD534LDZ Datasheet
575Kb / 21P
   Internally Trimmed Precision IC Multiplier
REV. C
AD534LH AD-AD534LH Datasheet
575Kb / 21P
   Internally Trimmed Precision IC Multiplier
REV. C
AD534LHZ AD-AD534LHZ Datasheet
575Kb / 21P
   Internally Trimmed Precision IC Multiplier
REV. C
More results

Description similaire - AD534L

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD632 AD-AD632 Datasheet
177Kb / 6P
   Internally Trimmed Precision IC Multiplier
REV. A
AD534 AD-AD534_15 Datasheet
530Kb / 21P
   Internally Trimmed Precision IC Multiplier
REV. D
AD632 AD-AD632_15 Datasheet
498Kb / 13P
   Internally Trimmed Precision IC Multiplier
REV. D
AD534JDZ AD-AD534JDZ Datasheet
575Kb / 21P
   Internally Trimmed Precision IC Multiplier
REV. C
AD632ADZ AD-AD632ADZ Datasheet
458Kb / 13P
   Internally Trimmed Precision IC Multiplier
REV. D
AD532 AD-AD532 Datasheet
136Kb / 7P
   Internally Trimmed Integrated Circuit Multiplier
REV. B
AD532KDZ AD-AD532KDZ Datasheet
521Kb / 17P
   Internally Trimmed Integrated Circuit Multiplier
Rev. D
AD532 AD-AD532_15 Datasheet
559Kb / 17P
   Internally Trimmed Integrated Circuit Multiplier
REV. D
AD535 AD-AD535_15 Datasheet
1Mb / 6P
   INTERNALLY TRIMMED INTEGRATED CIRCUIT DIVIDER
AD510 AD-AD510 Datasheet
378Kb / 4P
   Low Cost, Laser Trimmed, Precision IC Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com