Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5310 Fiches technique(PDF) 6 Page - Analog Devices

No de pièce AD5310
Description  2.7 V to 5.5 V, 140 uA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5310 Fiches technique(HTML) 6 Page - Analog Devices

Back Button AD5310 Datasheet HTML 2Page - Analog Devices AD5310 Datasheet HTML 3Page - Analog Devices AD5310 Datasheet HTML 4Page - Analog Devices AD5310 Datasheet HTML 5Page - Analog Devices AD5310 Datasheet HTML 6Page - Analog Devices AD5310 Datasheet HTML 7Page - Analog Devices AD5310 Datasheet HTML 8Page - Analog Devices AD5310 Datasheet HTML 9Page - Analog Devices AD5310 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD5310
–6–
REV. A
CODE
4
3
–4
0
200
1000
400
600
800
0
–1
–2
–3
2
1
INL @ 5V
INL @ 3V
TA = +25 C
Figure 2. Typical INL Plot
TEMPERATURE – C
4
2
–4
–40
0
120
40
80
0
–2
MIN INL
MIN DNL
MAX DNL
MAX INL
VDD = +5V
Figure 5. INL Error and DNL Error
vs. Temperature
ISOURCE/SINK – mA
3
2
0
0
515
10
1
DAC LOADED WITH 3FF HEX
TA = +25 C
DAC LOADED WITH 000 HEX
Figure 8. Source and Sink Current
Capability with VDD = 3 V
CODE
0.5
0.4
–0.5
0
200
1000
400
600
800
–0.1
–0.2
–0.3
–0.4
0.3
0.1
0.2
0
DNL @ 3V
DNL @ 5V
TA = +25 C
Figure 3. Typical DNL Plot
TEMPERATURE – C
30
20
–30
–40
120
040
80
0
–10
VDD = +5V
–20
10
ZS ERROR
FS ERROR
Figure 6. Zero-Scale Error and Full-
Scale Error vs. Temperature
ISOURCE/SINK – mA
5
4
0
0
515
10
3
2
1
DAC LOADED WITH 000 HEX
TA = +25 C
DAC LOADED WITH 3FF HEX
Figure 9. Source and Sink Current
Capability with VDD = 5 V
CODE
4
2
–4
0
200
1000
400
600
800
0
–2
TUE @ 3V
TUE @ 5V
TA = +25 C
Figure 4. Typical Total Unadjusted
Error Plot
2500
2000
500
50
1500
1000
0
70
90
110
130
150
170
190
60
80
100
120
140
160
180
VDD = +5V
IDD – A
VDD = +3V
Figure 7. IDD Histogram with VDD =
3 V and VDD = 5 V
CODE
500
400
0
0
200
1000
400
600
800
300
200
100
VDD = +3V
VDD = +5V
Figure 10. Supply Current vs. Code
–Typical Performance Characteristics


Numéro de pièce similaire - AD5310

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5310 AD-AD5310 Datasheet
427Kb / 20P
   2.5 V to 5.5 V, 500 uA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
REV. F
AD5310 AD-AD5310 Datasheet
359Kb / 20P
   2.5 V to 5.5 V, 115 uA, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5310 AD-AD5310 Datasheet
274Kb / 20P
   2.5 V to 5.5 V, 230uA, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5310 AD-AD5310 Datasheet
324Kb / 20P
   2.5 V to 5.5 V, 500 uA, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5310 AD-AD5310 Datasheet
357Kb / 24P
   2.5 V to 5.5 V, 500 關A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
Rev. H
More results

Description similaire - AD5310

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5320 AD-AD5320 Datasheet
192Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 12-Bit DAC in a SOT-23
REV. B
AD5310 AD-AD5310_15 Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
AD5300 AD-AD5300 Datasheet
202Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
REV. C
AD5310BRMZ-REEL7 AD-AD5310BRMZ-REEL7 Datasheet
578Kb / 16P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
REV. B
AD5300 AD-AD5300_15 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
AD5320 AD-AD5320_15 Datasheet
410Kb / 20P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
REV. C
AD5300BRMZ-REEL7 AD-AD5300BRMZ-REEL7 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
AD5662 AD-AD5662 Datasheet
357Kb / 20P
   2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output 16-Bit DAC D/A in a SOT-23
Rev. PrA
AD5320 AD-AD5320_05 Datasheet
410Kb / 20P
   2.7 V to 5.5 V, 140 關A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
REV. C
AD5662 AD-AD5662_15 Datasheet
584Kb / 24P
   2.7 V to 5.5 V, 250 A, Rail-to-Rail Output 16-Bit nanoDACT in a SOT-23
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com