Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

A4406 Fiches technique(PDF) 15 Page - Allegro MicroSystems

No de pièce A4406
Description  The A4406 is an automotive power management IC that uses a high frequency constant on-time 5.45 V pre-regulator to supply an internal 5 V linear regulator and a 3.3 V linear DMOS driver.
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALLEGRO [Allegro MicroSystems]
Site Internet  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4406 Fiches technique(HTML) 15 Page - Allegro MicroSystems

Back Button A4406 Datasheet HTML 11Page - Allegro MicroSystems A4406 Datasheet HTML 12Page - Allegro MicroSystems A4406 Datasheet HTML 13Page - Allegro MicroSystems A4406 Datasheet HTML 14Page - Allegro MicroSystems A4406 Datasheet HTML 15Page - Allegro MicroSystems A4406 Datasheet HTML 16Page - Allegro MicroSystems A4406 Datasheet HTML 17Page - Allegro MicroSystems A4406 Datasheet HTML 18Page - Allegro MicroSystems A4406 Datasheet HTML 19Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
Constant On-Time Buck Regulator
With One External and One Internal Linear Regulator
A4406
15
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
oped across the external sense resistor, RCL, shown in the Typical
Application Circuit schematic. The 3.3V current limit can be
calculated using the following formula:
ICL = VCLV33 / RCL ,
(6)
where VCLV33 is as documented in the Electrical Characteris-
tics table, nominally 200 mV. Typically RCL will be a fairly low
value so it will not dissipate significant power, 1/4 W should be
adequate, but the tolerance should be 1% or less.
When ICL is exceeded, the maximum load current through the
external MOSFET is typically folded back to 48% of ICL as
shown in figure 7.
Charge Pump
The charge pump is used to generate a supply above VIN.
A 0.22 μF ceramic monolithic capacitor should be connected
between VCP and VIN to act as a reservoir to run the DMOS
switch. The VCP voltage is internally monitored to ensure that
the charge pump is disabled in the case of a fault condition.
A 0.22 μF ceramic monolithic capacitor should be connected
between CP1 and CP2.
ENBAT
This is a level-triggered enable input, use for enabling the device
based on a high voltage ignition or battery switch (via a 1 kΩ
resistor). The ENBAT comparator thresholds are VIGN(L) =
2.2 V(min)and VIGN(H) = 4.0 V (max). ENBAT is used only as a
momentary switch to enable or wake up the A4406. After ENBAT
is removed, ENB must be high to keep the A4406 enabled. The
ENB and ENBAT signals are logically ORed together internally
so either one may wake up the A4406 and both must be low to
disable the A4406. Only one of the two inputs must be pulled
high in order to enable the part. If there is no requirement for an
ignition switch, then ENBAT can be pulled low, which makes
ENB a single reset control.
If an external resistor and capacitor are used to form a low-pass
filter to the ENBAT pin, then a 100 Ω resistor must be used to
prevent the external capacitor from discharging into and damag-
ing the ENBAT pin. See the Typical Application Circuit sche-
matic for connection of these 3 components.
ENBATS
When a logic high is sensed on the ENBAT input, the ENBATS
output will go high, signaling to the user that the ignition input
is high. When a logic low is sensed on the ENBAT input, then
ENBATS will also transition to low. The ENBATS input logic
levels are identical to the ENBAT input logic levels.
ENB
This pin can be used as an enable input from either a DSP or from
a microcontroller. This input has an internal pull-down resistor so
it may be left unconnected if not used.
3.5
3.0
2.5
2.0
1.5
1.0
05
0
50
10
20
30
40
50
60
120
90
100 110
80
70
Percentage of Normal Current Se ng (%)
Figure 7. Foldback current limit of the V33 regulator


Numéro de pièce similaire - A4406

FabricantNo de pièceFiches techniqueDescription
logo
Littelfuse
A440 LITTELFUSE-A440 Datasheet
204Kb / 2P
   GAS DISCHARGE TUBE - 8x10mm
logo
Allegro MicroSystems
A4401 ALLEGRO-A4401 Datasheet
417Kb / 17P
   This device provides all the necessary control functions to provide the power rails for driving a vacuum fluorescent display (VFD) using minimal external components.
A4401KL-T ALLEGRO-A4401KL-T Datasheet
416Kb / 17P
   Automotive Quasi-Resonant Flyback Control IC
A4402 ALLEGRO-A4402 Datasheet
378Kb / 15P
   Constant On-Time Buck Converter with Integrated Linear Regulator
A4402 ALLEGRO-A4402 Datasheet
378Kb / 15P
   Constant On-Time Buck Converter with Integrated Linear Regulator
More results

Description similaire - A4406

FabricantNo de pièceFiches techniqueDescription
logo
Allegro MicroSystems
A4405 ALLEGRO-A4405 Datasheet
1Mb / 27P
   The A4405 is an automotive power management IC that uses a high frequency constant on-time 5.45 V pre-regulator to supply two internal 5 V linear regulators and a 3.3 V linear DMOS driver.
A4407 ALLEGRO-A4407 Datasheet
1Mb / 29P
   The A4407 is an automotive power management IC that uses a 2.2 MHz constant on-time (COT) buck pre-regulator to supply a 5 V linear regulator, a 5 V tracking/protected linear regulator,
logo
ON Semiconductor
CS5203-3 ONSEMI-CS5203-3 Datasheet
172Kb / 6P
   3.0 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 7
CS52015-3 ONSEMI-CS52015-3 Datasheet
217Kb / 8P
   1.5 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 8
CS5201-3 ONSEMI-CS5201-3 Datasheet
191Kb / 8P
   1.0 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 8
NCP1086 ONSEMI-NCP1086 Datasheet
102Kb / 14P
   1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
July, 2004 ??Rev. 4
NCP1086 ONSEMI-NCP1086_05 Datasheet
121Kb / 14P
   1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
May, 2005 ??Rev. 6
logo
Diodes Incorporated
AP7175 DIODES-AP7175 Datasheet
435Kb / 14P
   The AP7175 is a 3.0A ultra low-dropout (LDO) linear regulator that features an enable input and a power-good output.
logo
Vishay Siliconix
SIP12107 VISHAY-SIP12107 Datasheet
715Kb / 19P
   5 V, 3 A Current-Mode Constant On-Time Synchronous Buck Regulator
Rev. B, 20-Feb-12
SIP12107 VISHAY-SIP12107_V01 Datasheet
911Kb / 20P
   5 V, 3 A Current-Mode Constant On-Time Synchronous Buck Regulator
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com