Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MJ15018 Fiches technique(PDF) 2 Page - Motorola, Inc

No de pièce MJ15018
Description  4.0 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 200 AND 250 VOLTS 150 WATTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJ15018 Fiches technique(HTML) 2 Page - Motorola, Inc

  MJ15018 Datasheet HTML 1Page - Motorola, Inc MJ15018 Datasheet HTML 2Page - Motorola, Inc MJ15018 Datasheet HTML 3Page - Motorola, Inc MJ15018 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MJ15018 MJ15020 MJ15019 MJ15021
2
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Sustaining Voltage (1)
(IC = 100 mAdc, IB = 0)
MJ15018, MJ15019
MJ15020, MJ15021
VCEO(sus)
200
250
Vdc
Collector Cutoff Current
(VCE = 150 Vdc, IB = 0)
MJ15018, MJ15019
(VCE = 200 Vdc, IB = 0)
MJ15020, MJ15021
ICEO
500
500
µAdc
Emitter Cutoff Current
(VEB = 7.0 Vdc, IC = 0)
IEBO
500
µAdc
SECOND BREAKDOWN
Second Breakdown Collector Current with Base Forward–Biased
(VCE = 50 Vdc, t = 0.5 s (non–repetitive)
IS/b
3.0
Adc
ON CHARACTERISTICS (1)
DC Current Gain
(IC = 1.0 Adc, VCE = 4.0 V)
(IC = 3.0 Adc, VCE = 4.0 V)
hFE
30
10
Collector–Emitter Saturation Voltage
(IC = 1.0 Adc, IB = 0.1 Adc)
VCE(sat)
1.0
Vdc
Base–Emitter on Voltage
(IC = 1.0 Adc, VCE = 4.0 Vdc)
VBE(on)
2.0
Vdc
DYNAMIC CHARACTERISTICS
Current–Gain — Bandwidth Product
(IC = 0.5 Adc, VCE = 10 Vdc, ftest = 1.0 MHz)
fT
20
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, Ftest = 1.0 MHz)
Cob
500
pF
(1) Pulse Test: Pulse Width
v 300 µs, Duty Cycle v 2%
Figure 2. DC Current Gain
Figure 3. Maximum Rated Forward Biased
Safe Operating Area
5.0
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
7.0 10
500
10
2.0
5.0
100
200
20
30
1.0
0.5
0.02
0.2
WIRE BOND LIMIT
THERMAL LIMIT
SECOND BREAKDOWN
LIMIT
300
1.0
3.0
5.0
10
0.1
0.2
0.5
IC, COLLECTOR CURRENT (AMPS)
TJ = 25°C
VCE = 4.0 Vdc
50
100
20
2.0
200
MJ15018/19
TC = 25°C
PNP
50
70
2.0
7.0
0.3
0.7
70
30
10
5.0
7.0
3.0
3.0
0.7
0.3
0.1
0.03
0.01
0.07
0.05
NPN
MJ15020/21
7.0
TYPICAL DYNAMIC CHARACTERISTICS


Numéro de pièce similaire - MJ15018

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
MJ15018 ISC-MJ15018 Datasheet
290Kb / 2P
   isc Silicon NPN Darlington Power Transistor
logo
New Jersey Semi-Conduct...
MJ15018 NJSEMI-MJ15018 Datasheet
134Kb / 2P
   Complementary Silicon Power Transistors
More results

Description similaire - MJ15018

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MJW21195 ONSEMI-MJW21195_06 Datasheet
75Kb / 7P
   16 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS, 200 WATTS
January, 2006 ??Rev. 2
logo
Motorola, Inc
MJH11017 MOTOROLA-MJH11017 Datasheet
212Kb / 6P
   15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150, 200, 250 VOLTS 150 WATTS
logo
ON Semiconductor
MJE15034 ONSEMI-MJE15034 Datasheet
64Kb / 6P
   4.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 350 VOLTS 50 WATTS
November, 2003 ??Rev. 2
MJE15034 ONSEMI-MJE15034_06 Datasheet
74Kb / 5P
   4.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 350 VOLTS, 50 WATTS
January, 2006 ??Rev. 3
MJ15023 ONSEMI-MJ15023_13 Datasheet
105Kb / 4P
   Silicon Power Transistors 16 AMPERES SILICON POWER TRANSISTORS 200 ??250 VOLTS, 250 WATTS
August, 2013 ??Rev. 12
logo
Motorola, Inc
MJF15030 MOTOROLA-MJF15030 Datasheet
246Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS 8 AMPERES 150 VOLTS 36 WATTS
logo
ON Semiconductor
MJF15030 ONSEMI-MJF15030_06 Datasheet
143Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS 8 AMPERES 150 VOLTS, 36 WATTS
April, 2006 ??Rev. 5
MJE15032 ONSEMI-MJE15032_05 Datasheet
75Kb / 6P
   8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 250 VOLTS, 50 WATTS
June, 2005 ??Rev. 3
logo
Motorola, Inc
MJE15032 MOTOROLA-MJE15032 Datasheet
141Kb / 6P
   8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 250 VOLTS 50 WATTS
MJW21192 MOTOROLA-MJW21192 Datasheet
150Kb / 8P
   8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 150 VOLTS 100 WATTS
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com