Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDZ55C36S Fiches technique(PDF) 2 Page - Dc Components

No de pièce CDZ55C36S
Description  TECHNICAL SPECIFICATIONS OF SILICON PLANAR POWER ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DCCOM [Dc Components]
Site Internet  http://www.dccomponents.com
Logo DCCOM - Dc Components

CDZ55C36S Fiches technique(HTML) 2 Page - Dc Components

  CDZ55C36S Datasheet HTML 1Page - Dc Components CDZ55C36S Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Breakdown characteristics
CDZ55xxS-SERIES
mA
50
40
30
20
10
0
IZ
VZ
R
DC COMPONENTS CO., LTD.
Test Current
IZ 5mA
changes in the power dissipation
due to the ambient temperature.
500
400
300
200
100
Ta(oC)
Ambient Temperature.
5V
10V
15V
20V
25V
30V
50
100
150
200
250
RATING AND CHARACTERISTIC CURVES (CDZ55CxxS SERIES)
CDZ55C2V0S
1.90
2.10
5
85
600
1
100
1
CDZ55C2V2S
2.09
2.31
5
85
600
1
75
1
CDZ55C2V4S
2.28
2.56
5
85
600
1
50
1
CDZ55C2V7S
2.5
2.9
5
85
600
1
10
1
CDZ55C3V0S
2.8
3.2
5
85
600
1
4
1
CDZ55C3V3S
3.1
3.5
5
85
600
1
2
1
CDZ55C3V6S
3.4
3.8
5
85
600
1
2
1
CDZ55C3V9S
3.7
4.1
5
85
600
1
2
1
CDZ55C4V3S
4.0
4.6
5
75
600
1
1
1
CDZ55C4V7S
4.4
5.0
5
60
600
1
0.5
1
CDZ55C5V1S
4.8
5.4
5
35
550
1
0.1
1
CDZ55C5V6S
5.2
6.0
5
25
450
1
0.1
1
CDZ55C6V2S
5.8
6.6
5
10
200
1
0.1
2
CDZ55C6V8S
6.4
7.2
5
8
150
1
0.1
3
CDZ55C7V5S
7.0
7.9
5
7
50
1
0.1
5
CDZ55C8V2S
7.7
8.7
5
7
50
1
0.1
6.2
CDZ55C9V1S
8.5
9.6
5
10
50
1
0.1
6.8
CDZ55C10S
9.4
10.6
5
15
70
1
0.1
7.5
CDZ55C11S
10.4
11.6
5
20
70
1
0.1
8.2
CDZ55C12S
11.4
12.7
5
20
90
1
0.1
9.1
CDZ55C13S
12.4
14.1
5
26
110
1
0.1
10
CDZ55C15S
13.8
15.6
5
30
110
1
0.1
11
CDZ55C16S
15.3
17.1
5
40
170
1
0.1
12
CDZ55C18S
16.8
19.1
5
50
170
1
0.1
13
CDZ55C20S
18.8
21.2
5
55
220
1
0.1
15
CDZ55C22S
20.8
23.3
5
55
220
1
0.1
16
CDZ55C24S
22.8
25.6
5
80
220
1
0.1
18
CDZ55C27S
25.1
28.9
5
80
220
1
0.1
20
CDZ55C30S
28
32
5
80
220
1
0.1
22
CDZ55C33S
31
35
5
80
220
1
0.1
24
CDZ55C36S
34
38
5
80
220
1
0.1
27
TYPE
Maximum Reverse
Leakage Current
IR @ VR
µA
Volts
Maximum Zener
Impedance
ZZT@IZT
ZZK@IZK
Ohms
Ohms
Nominal
Zener
Voltage
VZ@IZT
Volts
Zener
Test
Current
IZT
mA
IZK
mA


Numéro de pièce similaire - CDZ55C36S

FabricantNo de pièceFiches techniqueDescription
logo
Dc Components
CDZ55C36 DCCOM-CDZ55C36 Datasheet
21Kb / 2P
   TECHNICAL SPECIFICATIONS OF SILICON PLANAR POWER ZENER DIODES
CDZ55C36T DCCOM-CDZ55C36T Datasheet
26Kb / 2P
   TECHNICAL SPECIFICATIONS OF SILICON PLANAR POWER ZENER DIODES
More results

Description similaire - CDZ55C36S

FabricantNo de pièceFiches techniqueDescription
logo
Dc Components
CDZ55C2V0 DCCOM-CDZ55C2V0 Datasheet
21Kb / 2P
   TECHNICAL SPECIFICATIONS OF SILICON PLANAR POWER ZENER DIODES
CDZ55C2V0T DCCOM-CDZ55C2V0T Datasheet
26Kb / 2P
   TECHNICAL SPECIFICATIONS OF SILICON PLANAR POWER ZENER DIODES
DL4728A DCCOM-DL4728A Datasheet
188Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
BZX55C2V4 DCCOM-BZX55C2V4 Datasheet
199Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
BZM55C2V4 DCCOM-BZM55C2V4 Datasheet
245Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
BZQ55C2V4 DCCOM-BZQ55C2V4 Datasheet
236Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
1N4728A DCCOM-1N4728A Datasheet
214Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
DL5221B DCCOM-DL5221B Datasheet
220Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
BZV55C2V4 DCCOM-BZV55C2V4 Datasheet
238Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
DLM5221B DCCOM-DLM5221B Datasheet
245Kb / 2P
   TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com