Moteur de recherche de fiches techniques de composants électroniques |
|
AD22100AR Fiches technique(PDF) 3 Page - Analog Devices |
|
AD22100AR Fiches technique(HTML) 3 Page - Analog Devices |
3 / 6 page AD22100 REV. B –3– ABSOLUTE MAXIMUM RATINGS 1 Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +10 V Reversed Continuous Supply Voltage . . . . . . . . . . . . . . –10 V Operating Temperature . . . . . . . . . . . . . . . . –50 °C to +150°C Storage Temperature . . . . . . . . . . . . . . . . . . –65 °C to +160°C Output Short Circuit to V+ or Ground . . . . . . . . . . Indefinite Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . . +300 °C 1Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only; the functional operation of the device at these or any other conditions above those indicated in the operation sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ORDERING GUIDE Guaranteed Temperature Package Package Model/Grade Range Description* Option AD22100 KT 0 °C to 100°C TO-92 TO-92 AD22100 KR 0 °C to 100°C SOIC SO-8 AD22100 AT –40 °C to +85°C TO-92 TO-92 AD22100 AR –40 °C to +85°C SOIC SO-8 AD22100 ST –50 °C to +150°C TO-92 TO-92 AD22100 SR –50 °C to +150°C SOIC SO-8 AD22100KChips +25 °C N/A N/A *Minimum purchase quantities of 100 pieces for all chip orders. PIN DESCRIPTION Mnemonic Function V+ Power Supply Input VO Device Output GND Ground Pin must be connected to 0 V. NC No Connect PIN CONFIGURATIONS TO-92 PIN 3 PIN 2 PIN 1 GND VO V+ BOTTOM VIEW (Not to Scale) SOIC 1 2 3 4 8 7 6 5 TOP VIEW (Not to Scale) AD22100 NC NC NC NC V+ NC GND VO NC = NO CONNECT WARNING! ESD SENSITIVE DEVICE CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD22100 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. Typical Performance Curves 50 1200 0 100 150 200 800 400 FLOW RATE – CFM (SOIC) 250 (T0-92) Figure 3. Thermal Resistance vs. Flow Rate Figure 2. Thermal Response vs. Flow Rate 2 1200 4 0 8 6 10 12 14 800 400 T (T0-92) FLOW RATE – CFM T (SOIC) 16 |
Numéro de pièce similaire - AD22100AR |
|
Description similaire - AD22100AR |