Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD1893 Fiches technique(PDF) 6 Page - Analog Devices

No de pièce AD1893
Description  Low Cost SamplePort 16-Bit Stereo Asynchronous Sample Rate Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD1893 Fiches technique(HTML) 6 Page - Analog Devices

Back Button AD1893 Datasheet HTML 2Page - Analog Devices AD1893 Datasheet HTML 3Page - Analog Devices AD1893 Datasheet HTML 4Page - Analog Devices AD1893 Datasheet HTML 5Page - Analog Devices AD1893 Datasheet HTML 6Page - Analog Devices AD1893 Datasheet HTML 7Page - Analog Devices AD1893 Datasheet HTML 8Page - Analog Devices AD1893 Datasheet HTML 9Page - Analog Devices AD1893 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD1893
–6–
REV. A
Output Control Signals
Pin Name DIP
LQFP
I/O
Description
BKPOL_O 19
25
I
Bit clock polarity. LO: Normal mode. Output data is valid on rising edges of BCLK_O, changed
on falling. HI: Inverted mode. Output data is valid on falling edges of BCLK_O, changed on
rising.
MODE0_O 18
24
I
Serial mode zero control for output port.
MODE1_O 17
21
I
Serial mode one control for output port.
MODE0_O
MODE1_O
0
0
Left-justified, no MSB delay, LR_O clock triggered.
0
1
Left-justified, MSB delay, LR_O clock triggered.
1
0
Right-justified, MSB delayed 16 bit clock periods from LR_O transition.
1
1
WCLK_O triggered, no MSB delay.
Miscellaneous
Pin Name DIP
LQFP
I/O
Description
XTAL_O
1
40
O
Crystal output. Connect to one side of nominal 16 MHz crystal for sampling frequencies
(FS word rates) from 8 kHz to 56 kHz.
XTAL_I
2
42
I
Crystal input. Connect to other side of nominal 16 MHz crystal for sampling frequencies
(FS word rates) from 8 kHz to 56 kHz. Use this input to overdrive the on-chip oscillator
with an external clock source.
RESET
13
14
I
Active LO reset. Set HI for normal chip operation.
MUTE_O
16
20
O
Mute output. HI indicates that data is not currently valid due to read and write FIFO
memory pointer overlap. LO indicates normal operation.
MUTE_I
15
18
I
Mute input. HI mutes the serial output to zeros (midscale). Normally connected to
MUTE_O. Reset LO for normal operation.
SETLSLW 28
38
I
Settle slowly to changes in sample rates. HI: Slow-settling mode (
≈800 ms). Less sensitive
to sample clock jitter. LO: Fast-settling mode (
≈200 ms). Some narrow-band noise
modulation may result from jitter on the LR clocks. This signal may be asynchronous with
respect to the crystal frequency, and dynamically changed, but is normally pulled up or
pulled down on a static basis.
PWRDWN 27
36
I
Power-down input. Set HI for inactive, low power dissipation state. Reset LO for normal
operation.
NC
9, 20
1, 5, 8, 11,
No connect. Reserved. Do not connect.
12, 15, 17,
19, 22, 23,
26, 29, 33,
34, 37, 39,
41, 44
Power Supply Connections
Pin Name
DIP
LQFP
I/O
Description
VDD
7, 22
6, 28
I
Positive digital voltage supply.
GND
8, 14, 21
7, 16, 27
I
Digital ground. Pin 14 (DIP) and Pin 16 (LQFP) need not be decoupled.


Numéro de pièce similaire - AD1893

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD1893 AD-AD1893_15 Datasheet
220Kb / 20P
   Low Cost SamplePort 16-Bit Stereo Asynchronous Sample Rate Converter
REV. A
More results

Description similaire - AD1893

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD1893 AD-AD1893_15 Datasheet
220Kb / 20P
   Low Cost SamplePort 16-Bit Stereo Asynchronous Sample Rate Converter
REV. A
AD1890 AD-AD1890 Datasheet
416Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
AD1890 AD-AD1890_15 Datasheet
419Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
AD1891 AD-AD1891_15 Datasheet
419Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
AD1895 AD-AD1895 Datasheet
1Mb / 24P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
AD1896 AD-AD1896_15 Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
logo
Texas Instruments
SRC4190-Q1 TI1-SRC4190-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   192-kHz STEREO ASYNCHRONOUS SAMPLE-RATE CONVERTER
logo
Analog Devices
AD1896 AD-AD1896 Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1896AYRSZ AD-AD1896AYRSZ Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1895 AD-AD1895_15 Datasheet
860Kb / 24P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com