Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDEIR6D31F Fiches technique(PDF) 1 Page - Sumida Corporation

No de pièce CDEIR6D31F
Description  Ferrite core construction.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUMIDA [Sumida Corporation]
Site Internet  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEIR6D31F Fiches technique(HTML) 1 Page - Sumida Corporation

  CDEIR6D31F_11 Datasheet HTML 1Page - Sumida Corporation CDEIR6D31F_11 Datasheet HTML 2Page - Sumida Corporation CDEIR6D31F_11 Datasheet HTML 3Page - Sumida Corporation CDEIR6D31F_11 Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page 1 of 3
Revised: 15-Sep-11
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDEIR6D31F
Description
• Ferrite core construction.
• Magnetically shielded.
• L
×W×H: 7.3×7.1×3.2 mm Max.
• Product weight: 0.53g(Ref.)
• Moisture Sensitivity Level: 1
• RoHS compliance.
• Halogen Free available.
Environmental Data
• Operating temperature range: -40
℃~+105℃
(including coil’s self temperature rise)
• Storage temperature range: -40
℃~+105℃
• Solder reflow temperature: 260
℃ peak.
Packaging
• Carrier tape and reel packaging.
• 13.0”diameter reel
• 1500pcs per reel
Applications
• Ideally used in HDD, Notebook and Mobile
computer etc.
Halogen
Free
RoHS
Dimension - [mm]
Land pattern and Schematics - [mm]
Electrical Characteristics
※1. Measuring condition: at 100kHz.
※2. Saturation current: The value of D.C. current when the inductance decreases to 70% of it’s nominal value.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
2.2(2.5)
2.4(3.0)
76(61)
12.0
±20%
120
CDEIR6D31FNP-12ØMC
2.6(2.9)
2.6(3.2)
66(53)
10.0
±20%
100
CDEIR6D31FNP-1ØØMC
3.6(4.1)
2.8(3.5)
43(34)
8.2
±20%
8R2
CDEIR6D31FNP-8R2MC
3.5(4.0)
3.0(3.8)
40(32)
6.8
±20%
6R8
CDEIR6D31FNP-6R8MC
4.4(5.0)
3.5(4.4)
29(23)
5.6
±20%
5R6
CDEIR6D31FNP-5R6MC
4.7(5.4)
4.0(5.0)
26(21)
4.7
±20%
4R7
CDEIR6D31FNP-4R7MC
5.5(6.3)
4.8(6.0)
19(15)
3.3
±20%
3R3
CDEIR6D31FNP-3R3MC
6.5(7.4)
6.0(7.5)
12(10)
2.2
±20%
2R2
CDEIR6D31FNP-2R2MC
6.8(7.9)
6.8(8.5)
9.6(8.0)
1.5
±30%
1R5
CDEIR6D31FNP-1R5NC
7.4(8.5)
7.7(9.7)
8.8(7.3)
1.0
±30%
1R0
CDEIR6D31FNP-1RØNC
Temperature
rise current
(
A) ※3
saturation current
(A)
※2
D.C.R.(
mΩ)
[Max.] (Typ.)
(at 20
℃)
Inductance (
μH)
[Within]※1
Stamp
Part No.


Numéro de pièce similaire - CDEIR6D31F_11

FabricantNo de pièceFiches techniqueDescription
logo
Sumida Corporation
CDEIR6D31F SUMIDA-CDEIR6D31F_13 Datasheet
134Kb / 3P
   SMD Power Inductor
More results

Description similaire - CDEIR6D31F_11

FabricantNo de pièceFiches techniqueDescription
logo
Sumida Corporation
CDEP104 SUMIDA-CDEP104_11 Datasheet
182Kb / 5P
   Ferrite core construction.
CDEP85 SUMIDA-CDEP85_11 Datasheet
185Kb / 6P
   Ferrite core construction.
CDPH28D11F SUMIDA-CDPH28D11F_12 Datasheet
179Kb / 4P
   Ferrite core construction.
CDEIR8D38F SUMIDA-CDEIR8D38F Datasheet
154Kb / 4P
   Ferrite core construction.
logo
Abracon Corporation
ALFB-02 ABRACON-ALFB-02 Datasheet
734Kb / 1P
   Ferrite core construction
07.14.14
logo
Sumida Corporation
CDRCH12D78B SUMIDA-CDRCH12D78B Datasheet
210Kb / 4P
   Ferrite drum core construction.
CDRH127CA SUMIDA-CDRH127CA Datasheet
190Kb / 5P
   Ferrite drum core construction.
CDRH2D14 SUMIDA-CDRH2D14_12 Datasheet
232Kb / 5P
   Ferrite drum core construction.
CDRH6D38T125 SUMIDA-CDRH6D38T125 Datasheet
202Kb / 4P
   Ferrite drum core construction.
CDRH12D43T125 SUMIDA-CDRH12D43T125 Datasheet
280Kb / 4P
   Ferrite drum core construction
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com