Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADF41020 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce ADF41020
Description  The ADF41020 frequency synthesizer can be used to implement local oscillators as high as 18 GHz in the up conversion and down conversion sections of wireless receivers and transmitters.
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADF41020 Fiches technique(HTML) 10 Page - Analog Devices

Back Button ADF41020 Datasheet HTML 6Page - Analog Devices ADF41020 Datasheet HTML 7Page - Analog Devices ADF41020 Datasheet HTML 8Page - Analog Devices ADF41020 Datasheet HTML 9Page - Analog Devices ADF41020 Datasheet HTML 10Page - Analog Devices ADF41020 Datasheet HTML 11Page - Analog Devices ADF41020 Datasheet HTML 12Page - Analog Devices ADF41020 Datasheet HTML 13Page - Analog Devices ADF41020 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADF41020
Data Sheet
Rev. 0 | Page 10 of 16
Figure 14. Latch Summary
Figure 15. Reference Counter Latch Map
DB20 DB19 DB18 DB17 DB16
DB15 DB14 DB13 DB12 DB11 DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
C2 (0)
C1 (0)
R1
R2
R3
R4
R5
R6
R7
R8
R9
R10
R11
R12
R13
R14
1
0
0
0
1
DB21
DB22
DB23
0
0
1
DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13
DB12 DB11 DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
C2 (0)
C1 (1)
A1
A2
A3
A4
A5
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
B11
B12
B13
A6
DB21
DB22
DB23
G1
0
0
DB20 DB19 DB18
DB17 DB16 DB15 DB14 DB13 DB12
DB11 DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
C2 (1)
C1 (0)
F1
PD1
M1
M2
M3
F3
P1
P2
CPI1
CPI2
CPI5
CPI6
TC4
PD2
F2
CPI3
CPI4
DB21
TC3
TC2
TC1
DB22
DB23
F4
F5
REFERENCE COUNTER LATCH
RESERVED
14-BIT REFERENCE COUNTER
CONTROL
BITS
RESERVED
13-BIT B COUNTER
6-BIT A COUNTER
CONTROL
BITS
N COUNTER LATCH
FUNCTION LATCH
PRESCALER
VALUE
CURRENT
SETTING
2
CURRENT
SETTING
1
TIMER COUNTER
CONTROL
MUXOUT
CONTROL
CONTROL
BITS
R14
R13
R12
..........
R3
R2
R1
0
0
0
..........
0
0
1
1
0
0
0
..........
0
1
0
2
0
0
0
..........
0
1
1
3
0
0
0
..........
1
0
0
4
.
.
.
..........
.
.
.
.
.
.
.
..........
.
.
.
.
.
.
.
..........
.
.
.
.
1
1
1
..........
1
0
0
16380
1
1
1
..........
1
0
1
16381
1
1
1
..........
1
1
0
16382
1
1
1
..........
1
1
1
16383
DB20 DB19
DB18 DB17 DB16
DB15 DB14 DB13 DB12
DB11 DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
C2 (0)
C1 (0)
R1
R2
R3
R4
R5
R6
R7
R8
R9
R10
R11
R12
R13
R14
1
0
0
0
1
DB21
DB22
DB23
0
0
1
RESERVED
14-BIT REFERENCE COUNTER
CONTROL
BITS
DIVIDE RATIO


Numéro de pièce similaire - ADF41020

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADF41020 AD-ADF41020 Datasheet
360Kb / 16P
   18 GHz Microwave PLL Synthesizer
ADF41020BCPZ AD-ADF41020BCPZ Datasheet
360Kb / 16P
   18 GHz Microwave PLL Synthesizer
ADF41020BCPZ-RL7 AD-ADF41020BCPZ-RL7 Datasheet
360Kb / 16P
   18 GHz Microwave PLL Synthesizer
ADF41020 AD-ADF41020_14 Datasheet
360Kb / 16P
   18 GHz Microwave PLL Synthesizer
More results

Description similaire - ADF41020

FabricantNo de pièceFiches techniqueDescription
logo
Shenzhen Huazhimei Semi...
HM8021B HMSEMI-HM8021B Datasheet
493Kb / 7P
   The brightness of the light can be adjusted as needed, and the operation is simple and convenient.
logo
National Semiconductor ...
DS8911 NSC-DS8911 Datasheet
182Kb / 10P
   Sound Up-Conversion Frequency Synthesizer
logo
Shenzhen Huazhimei Semi...
HM8023 HMSEMI-HM8023 Datasheet
471Kb / 8P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8022B HMSEMI-HM8022B Datasheet
573Kb / 8P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8021A HMSEMI-HM8021A Datasheet
514Kb / 8P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8022A HMSEMI-HM8022A Datasheet
455Kb / 8P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8024 HMSEMI-HM8024 Datasheet
570Kb / 7P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM9024 HMSEMI-HM9024 Datasheet
595Kb / 7P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient
HM8025 HMSEMI-HM8025 Datasheet
520Kb / 7P
   The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
logo
Omron Electronics LLC
E32DC200F OMRON-E32DC200F Datasheet
17Mb / 67P
   These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com