Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD1879 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD1879
Description  High Performance 16-/18-Bit Stereo ADCs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD1879 Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD1879 Datasheet HTML 7Page - Analog Devices AD1879 Datasheet HTML 8Page - Analog Devices AD1879 Datasheet HTML 9Page - Analog Devices AD1879 Datasheet HTML 10Page - Analog Devices AD1879 Datasheet HTML 11Page - Analog Devices AD1879 Datasheet HTML 12Page - Analog Devices AD1879 Datasheet HTML 13Page - Analog Devices AD1879 Datasheet HTML 14Page - Analog Devices AD1879 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD1878/AD1879
REV. 0
–11–
MSB
WCK INPUT
32
1
2
3
14
1516
17
1819
20
31
32
1
2
3
14
15
16
17
18
19
20
31
32
1
MSB–1 MSB–2 MSB–3
ZEROS
LSB–1
LSB
ZEROS
LSB
LSB
LSB–1
BCK I/O
LRCK I/O
AD1878
DATA OUTPUT
MSB
MSB–1 MSB–2 MSB–3
LEFT DATA
PREVIOUS DATA
RIGHT DATA
Figure 10. AD1878 64-Bit Frame Output Timing with WCK as Input: WCK Held LO Until 16th BCK
(Master Mode or Slave Mode)
WCK INPUT
32
1
2
3
14
1516
17
1819
20
31
32
1
2
3
14
15
16
17
18
19
20
31
32
1
MSB
MSB–1 MSB–2 MSB–3 MSB–4 MSB–5
ZEROS
LSB–1
LSB
PREVIOUS DATA
MSB
MSB–1 MSB–2 MSB–3 MSB–4 MSB–5
ZEROS
LSB
LSB
LSB–1
BCK I/O
LRCK I/O
AD1879
DATA OUTPUT
LEFT DATA
RIGHT DATA
Figure 11. AD1879 64-Bit Frame Output Timing with WCK as Input: WCK Held LO Until 14th BCK
(Master Mode or Slave Mode)
LSB-2
LSB-2
WCK INPUT
32
1
2
3
1617
1819
20
21
22
31
32
ZEROS
BCK I/O
LRCK I/O
1
2
3
31
32
RIGHT DATA
1
AD1879
DATA OUTPUT
MSB
MSB–1
ZEROS
LSB–3
LSB–1
LSB
AD1878
DATA OUTPUT
MSB
MSB–1
ZEROS
LSB–1
LSB
ZEROS
ZEROS
MSB
MSB–1
ZEROS
LSB–3
LSB–1
LSB
MSB
MSB–1
ZEROS
LSB–1
LSB
ZEROS
RIGHT DATA
16
17
18
19
20
21
22
LEFT DATA
LEFT DATA
Figure 12. AD1878/AD1879 64-Bit Output Frame Timing with WCK as Input: WCK Hl During 1st BCK
(Master Mode or Slave Mode)
16
1
2
34
56
15
16
LEFT DATA
MSB
MSB–1 MSB–2 MSB–3 MSB–4 MSB–5
LSB–3
BCK I/O
LRCK I/O
1
2
34
56
RIGHT DATA
MSB
MSB–1 MSB–2 MSB–3 MSB–4 MSB–5
15
16
1
LSB–2
LSB–3 LSB–2
AD1879
DATA OUTPUT
AD1878
DATA OUTPUT
LEFT DATA
MSB
MSB–1 MSB–2 MSB–3 MSB–4 MSB–5
LSB-1
RIGHT DATA
MSB
MSB–1 MSB–2 MSB–3 MSB–4 MSB–5
LSB
LSB-1
LSB
Figure 13. AD1878/AD1879 32-Bit Output Frame Timing (Master Mode or Slave Mode)
At the other limit, if the word clock (WCK) is HI during the first
bit clock (BCK) of the field, then the MSB of the output word
will be valid on the rising edge of the 2nd bit clock (BCK) as
shown in Figure 12. The effect is to delay the MSB for one bit
clock cycle into the field, making the output data compatible at
the data format level with the I
2S data format.
In 64-bit frame modes with word clock (WCK) as an input, the
relative placement of the word clock (WCK) input can vary
from 32-bit field to 32-bit field, even within the same 64-bit
frame. For example, within a single 64-bit frame the left word
could be right-justified (by keeping WCK LO) and the right
word could be in an I
2S-compatible data format (by having
WCK HI at the beginning of the second field).


Numéro de pièce similaire - AD1879

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD1870 AD-AD1870 Datasheet
276Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. 0
AD1870 AD-AD1870 Datasheet
272Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. A
AD1870AR AD-AD1870AR Datasheet
272Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. A
AD1870AR-REEL AD-AD1870AR-REEL Datasheet
272Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. A
AD1870JR AD-AD1870JR Datasheet
276Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. 0
More results

Description similaire - AD1879

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA1541A PHILIPS-TDA1541A Datasheet
138Kb / 12P
   Stereo high performance 16-bit DAC
February 1991
logo
Linear Technology
LTC2348 LINER-LTC2348 Datasheet
1Mb / 10P
   16-/18-Bit, Octal 200ksps SAR ADCs
LTC2387 LINER-LTC2387 Datasheet
665Kb / 8P
   18-/16-Bit, 15Msps/10Msps/5Msps, High Speed SAR ADCs
LTC2374 LINER-LTC2374 Datasheet
1Mb / 12P
   16-Bit/18-Bit, 1.6Msps/1Msps/500ksps 8-Channel, SAR ADCs
logo
Wolfson Microelectronic...
WM8788 WOLFSON-WM8788 Datasheet
312Kb / 22P
   High Performance 24-bit Stereo ADC
logo
Analog Devices
AD7884 AD-AD7884 Datasheet
319Kb / 16P
   LC2MOS 16-Bit, High Speed Sampling ADCs
REV. C
logo
Wolfson Microelectronic...
WM8716 WOLFSON-WM8716_08 Datasheet
507Kb / 26P
   High Performance 24-bit, 192kHz Stereo DAC
WM8740 WOLFSON-WM8740_10 Datasheet
495Kb / 27P
   24-bit, High Performance 192kHz Stereo DAC
WM8740 WOLFSON-WM8740 Datasheet
344Kb / 20P
   24-bit, High Performance 192kHz Stereo DAC
WM8740 WOLFSON-WM8740_04 Datasheet
455Kb / 24P
   24-bit, High Performance 192kHz Stereo DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com