Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA1193V Fiches technique(PDF) 7 Page - Sanyo Semicon Device

No de pièce LA1193V
Description  High-Performance FM Front End
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1193V Fiches technique(HTML) 7 Page - Sanyo Semicon Device

Back Button LA1193V Datasheet HTML 3Page - Sanyo Semicon Device LA1193V Datasheet HTML 4Page - Sanyo Semicon Device LA1193V Datasheet HTML 5Page - Sanyo Semicon Device LA1193V Datasheet HTML 6Page - Sanyo Semicon Device LA1193V Datasheet HTML 7Page - Sanyo Semicon Device LA1193V Datasheet HTML 8Page - Sanyo Semicon Device LA1193V Datasheet HTML 9Page - Sanyo Semicon Device LA1193V Datasheet HTML 10Page - Sanyo Semicon Device LA1193V Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LA1193M, 1193V
No.4715-7/22
Continued from preceding page.
Pin No.
Function
Equivalent circuit
Note
8
W-AGC input
Since the DC cut capacitor is provided on-chip in the
pin internal circuit, we have taken steps to prevent
incorrect AGC operation due to inter-pin leakage
currents.
13
N-AGC input
Since the DC cut capacitor is provided on-chip in the
pin internal circuit, we have taken steps to prevent
incorrect AGC operation due to inter-pin leakage
currents.
14
15
18
19
IF AMP bypass
IF AMP input
IF AMP output
IF AMP gain adjust
IF gain : 25dB
Input and output impedances of 330
Ω
The IF gain can be adjusted by inserting a resistor
between pins 17 and 19.
The gain is at its maximum when there is no resistor
inserted.
16
RF AGC
OUTPUT
MOSFET
Second gate control
Continued on next page.


Numéro de pièce similaire - LA1193V

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA1193V SANYO-LA1193V Datasheet
766Kb / 21P
   High-Performance FM Front End for Car Radios
LA1193V SANYO-LA1193V Datasheet
1Mb / 22P
   High-Performance FM Front End
More results

Description similaire - LA1193V

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA1193M SANYO-LA1193M_08 Datasheet
1Mb / 22P
   High-Performance FM Front End
LA1193M SANYO-LA1193M Datasheet
766Kb / 21P
   High-Performance FM Front End for Car Radios
logo
Toshiba Semiconductor
TA7358AP TOSHIBA-TA7358AP Datasheet
239Kb / 8P
   FM FRONT-END
logo
Samsung semiconductor
S1A0497X01 SAMSUNG-S1A0497X01 Datasheet
174Kb / 10P
   FM FRONT END
logo
Unisonic Technologies
A6058 UTC-A6058 Datasheet
197Kb / 6P
   FM FRONT-END
A6058 UTC-A6058_16 Datasheet
168Kb / 6P
   FM FRONT-END
TA7358P UTC-TA7358P Datasheet
85Kb / 5P
   FM FRONT-END
logo
New Japan Radio
NJM2236 NJRC-NJM2236 Datasheet
248Kb / 7P
   FM FRONT-END
logo
Toshiba Semiconductor
TA8116F TOSHIBA-TA8116F Datasheet
298Kb / 4P
   FM FRONT END
logo
Samsung semiconductor
KA22497-D SAMSUNG-KA22497-D Datasheet
227Kb / 10P
   FM FRONT END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com