Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD1857 Fiches technique(PDF) 4 Page - Analog Devices

No de pièce AD1857
Description  Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD1857 Fiches technique(HTML) 4 Page - Analog Devices

  AD1857 Datasheet HTML 1Page - Analog Devices AD1857 Datasheet HTML 2Page - Analog Devices AD1857 Datasheet HTML 3Page - Analog Devices AD1857 Datasheet HTML 4Page - Analog Devices AD1857 Datasheet HTML 5Page - Analog Devices AD1857 Datasheet HTML 6Page - Analog Devices AD1857 Datasheet HTML 7Page - Analog Devices AD1857 Datasheet HTML 8Page - Analog Devices AD1857 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD1857/AD1858
REV. 0
–4–
PACKAGE CHARACTERISTICS
Min
Typ
Max
Units
θ
JA (Thermal Resistance [Junction-to-Ambient])
195
°C/W
θ
JC (Thermal Resistance [Junction-to-Case])
13
°C/W
DIGITAL FILTER CHARACTERISTICS
Min
Max
Units
Passband Ripple
±0.045
dB
Stopband
1 Attenuation
62
dB
48 kHz FS
Passband
0
21.312
kHz
Stopband
26.688
6117
kHz
44.1 kHz FS
Passband
0
19.580
kHz
Stopband
24.520
5620
kHz
32 kHz FS
Passband
0
14.208
kHz
Stopband
17.792
4078
kHz
Other FS
Passband
0
0.444
FS
Stopband
0.556
127.444
FS
Group Delay
40/FS
sec
Group Delay Variation
0
µs
ANALOG FILTER CHARACTERISTICS
Min
Typ
Max
Units
Passband Ripple
–0.075
dB
Stopband Attenuation (at 64
× F
S)58
dB
NOTES
1Stopband nominally repeats itself at multiples of 128
× F
S, where FS is the input word rate. Thus the digital filter will attenuate to 62 dB across the frequency
spectrum, except for a range
± 0.55 × F
S wide at multiples of 128 × FS.
Specifications subject to change without notice.
PIN CONFIGURATION
ORDERING GUIDE
Package
Package
Model
Temperature
Description
Option*
AD1857JRS
0
°C to +70°C
20-Lead SSOP
RS-20
AD1857JRSRL
0
°C to +70°C
20-Lead SSOP
RS-20 on
13" Reels
AD1858JRS
0
°C to +70°C
20-Lead SSOP
RS-20
AD1858JRSRL
0
°C to +70°C
20-Lead SSOP
RS-20 on
13" Reels
*RS = Shrink Small Outline
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD1857/AD1858 feature proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
14
13
12
11
17
16
15
20
19
18
10
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
AD1857
AD1858
NC = NO CONNECT
MCLK
DVDD
LRCLK
BCLK
SDATA
PD/RST
MODE
NC
AVDD
MUTE
DGND
DEEMP
384/256
AVDD
OUTL
AGND
CMOUT
FILT
AGND
OUTR


Numéro de pièce similaire - AD1857

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD1857JRS AD-AD1857JRS Datasheet
177Kb / 16P
   Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
REV. 0
AD1857JRSRL AD-AD1857JRSRL Datasheet
177Kb / 16P
   Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
REV. 0
AD1857JRSZ AD-AD1857JRSZ Datasheet
177Kb / 16P
   Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
REV. 0
AD1857 AD-AD1857_15 Datasheet
266Kb / 16P
   Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
REV. 0
More results

Description similaire - AD1857

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD1858 AD-AD1858_15 Datasheet
266Kb / 16P
   Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
REV. 0
AD1857 AD-AD1857_15 Datasheet
266Kb / 16P
   Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
REV. 0
AD1857JRSZ AD-AD1857JRSZ Datasheet
177Kb / 16P
   Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
REV. 0
logo
STMicroelectronics
TDA7535 STMICROELECTRONICS-TDA7535_06 Datasheet
128Kb / 9P
   DELTA/SIGMA CASCADE 20 BIT STEREO DAC
logo
Texas Instruments
TLC320AD75C TI-TLC320AD75C Datasheet
211Kb / 43P
[Old version datasheet]   20-Bit Sigma-Delta Stereo ADA Circuit
logo
STMicroelectronics
TDA7535 STMICROELECTRONICS-TDA7535 Datasheet
160Kb / 9P
   DELTA/SIGMA CASCADE 20 BIT STEREO DAC
logo
Texas Instruments
TLC320AD75 TI1-TLC320AD75 Datasheet
224Kb / 43P
[Old version datasheet]   20-Bit Sigma-Delta Stereo ADA Circuit
logo
STMicroelectronics
TDA7535013TR STMICROELECTRONICS-TDA7535013TR Datasheet
157Kb / 12P
   Delta/sigma cascade 20 bit stereo DAC
logo
Cirrus Logic
CS5510 CIRRUS-CS5510 Datasheet
406Kb / 24P
   16-bit and 20-bit, 8-pin Sigma-Delta ADC
logo
Motorola, Inc
MC145073 MOTOROLA-MC145073 Datasheet
228Kb / 16P
   Dual 16-Bit Stereo Audio Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com