Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMC-262 Fiches technique(PDF) 1 Page - AAEON Technology

No de pièce AMC-262
Description  6-Slot Wallmount Chassis, Full-Size/ Half-Size Cards Support
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AAEON [AAEON Technology]
Site Internet  http://www.aaeon.com
Logo AAEON - AAEON Technology

AMC-262 Fiches technique(HTML) 1 Page - AAEON Technology

  AMC-262 Datasheet HTML 1Page - AAEON Technology AMC-262 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Specifications
Note: All specifications are subject to change without notice.
16-17
16
6-Slot Wallmount Chassis
6-Slot ISA/ PICMG Bus Passive Backplanes
Standard PS2 Power Supply Up To 400W
3.5” x 1 External Drive Bay
5.25” x 1 External Drive Bay
3.5” x 2 Internal Drive Bay
USB2.0 x 2 On Front Panel
6-Slot Wallmount Chassis, Full-Size/ Half-Size Cards Support
System
Construction
Heavy-duty steel
Storage
External:
3.5” Drive Bay x 1
5.25” Drive Bay x 1
Internal:
3.5” Drive Bay x 2
System Fan
8cm Ball Bearing Fan with Removable Filter x 1
Front Panel
Power ON/OFF Switch x 1
Reset Button x 1
Power LED x 1
HDD Active LED x 1
PS/2 Keyboard Connector x 1
USB Port x 2
Rear Panel
Reserved Cut-out for DB-25 Connector x 1
Reserved Cut-out for DB-9 Connector x 1
Color
White
Dimensions
6.9" (W) x 16.1" (D) x 10" (H) (175mm x 405mm x 254mm)
Carton Size
12.4" (W) x 14.37" (D) x 20.47" (H) (315mm x 365mm x 520mm)
Net Weight
12.1 lb (5.5 kg)
Gross Weight
13.9 lb (6.3 kg)
Environmental
Operating Temperature
32°F ~ 122°F (0°C ~ 50°C)
Storage Temperature
-4°F ~ 176°F (-20°C ~ 80°C)
Operating Humidity
10 ~ 80%
Storage Humidity
10 ~ 80% @ 40°C, non-condensing
Vibration
0.5 g rms/ 5 ~ 500 Hz/ operation
1.5 g rms/ 5 ~ 500 Hz/ non operation
Shock
15 G peak acceleration (11 m sec. duration), operation
30 G peak acceleration (11 m sec. duration), non operation
EMC
CE/FCC Class A
Disk Drive x 1
CD-ROM x 1
USB Port x 2
8cm Fan x 2
Standard PS/2 Power
Supply
AMC-262


Numéro de pièce similaire - AMC-262

FabricantNo de pièceFiches techniqueDescription
logo
AAEON Technology
AMC-263 AAEON-AMC-263 Datasheet
337Kb / 2P
   5-Slot Wallmount Chassis, Full-Size Cards Support
More results

Description similaire - AMC-262

FabricantNo de pièceFiches techniqueDescription
logo
AAEON Technology
AEC-206 AAEON-AEC-206 Datasheet
306Kb / 2P
   6-Slot Wallmount Chassis, Full-Size/ Half-Size CPU Cards Support
AMC-280B AAEON-AMC-280B Datasheet
327Kb / 2P
   8-Slot Wallmount Chassis, Full-Size/ Half-Size CPU Cards Support
AEC-204 AAEON-AEC-204 Datasheet
339Kb / 2P
   6-Slot Wallmount Chassis, Half-Size CPU Cards Support
AMC-263 AAEON-AMC-263 Datasheet
337Kb / 2P
   5-Slot Wallmount Chassis, Full-Size Cards Support
ARC-645 AAEON-ARC-645 Datasheet
337Kb / 2P
   4U 14-Slot Rackmount Chassis, Full-Size/ Half-Size CPU Cards Support
ARC-640 AAEON-ARC-640 Datasheet
319Kb / 2P
   4U 14-Slot Rackmount Chassis, Full-Size/ Half-Size CPU Cards Support
ARC-625 AAEON-ARC-625 Datasheet
334Kb / 2P
   2U 6-Slot Rackmount Chassis, Full-Size CPU Cards Support
logo
Advantech Co., Ltd.
IPC-6806 ADVANTECH-IPC-6806_17 Datasheet
1Mb / 2P
   6-Slot Desktop/Wallmount Compact Chassis for Full-/Half-size Slot SBC
logo
AAEON Technology
AEC-204B AAEON-AEC-204B Datasheet
392Kb / 2P
   4-slot Industrial Wallmount IPC System, Half-size CPU Cards Support
logo
Advantech Co., Ltd.
IPC-3026 ADVANTECH-IPC-3026 Datasheet
486Kb / 2P
   6-Slot Desktop/Wallmount Chassis for Half-Size SBC
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com