Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD1583 Fiches technique(PDF) 6 Page - Analog Devices

No de pièce AD1583
Description  2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD1583 Fiches technique(HTML) 6 Page - Analog Devices

Back Button AD1583 Datasheet HTML 2Page - Analog Devices AD1583 Datasheet HTML 3Page - Analog Devices AD1583 Datasheet HTML 4Page - Analog Devices AD1583 Datasheet HTML 5Page - Analog Devices AD1583 Datasheet HTML 6Page - Analog Devices AD1583 Datasheet HTML 7Page - Analog Devices AD1583 Datasheet HTML 8Page - Analog Devices AD1583 Datasheet HTML 9Page - Analog Devices AD1583 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD1582/AD1583/AD1584/AD1585
–6–
REV. D
ABSOLUTE MAXIMUM RATINGS
1
VIN to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 V
Internal Power Dissipation
2
SOT-23 (RT) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 400 mW
Storage Temperature Range . . . . . . . . . . . . –65
°C to +125°C
Specified Temperature Range
AD1582RT/AD1583RT/,
AD1584RT/AD1585RT . . . . . . . . . . . . . –40
°C to +125°C
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Specification is for device in free air at 25
°C: SOT-23 package: θ
JA = 300
°C/W.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD1582/AD1583/AD1584/AD1585 feature proprietary ESD protection circuitry,
permanent damage may occur on devices subjected to high energy electrostatic discharges.
Therefore, proper ESD precautions are recommended to avoid performance degradation or loss
of functionality.
PACKAGE BRANDING INFORMATION
Four fields identify the device:
• First field, product identifier, for example, a “2/3/4/5” identifies
the generic as AD1582/AD1583/AD1584/AD1585
• Second field, device grade, which can be “A,” “B,” or “C”
• Third field, calendar year of processing, “7” for 1997...,
“A” for 2001...
• Fourth field, two-week window within the calendar year, for
example, letters A–Z to represent a two-week window starting
with “A” for the first two weeks of January.
ORDERING GUIDE
Initial
Output
Initial
Temperature
Voltage
Accuracy Accuracy
Coefficient
Package
Package
Top
Number of
Model
(V)
(mV)
(%)
(ppm/ C)
Description
Option
Mark
Parts per Reel
AD1582ART-R2
2.50
20
0.80
100
SOT-23
RT-3
2A0A
250
AD1582ART-Reel7
2.50
20
0.80
100
SOT-23
RT-3
2A0A
3000
AD1582BRT-R2
2.50
2
0.08
50
SOT-23
RT-3
2B0A
250
AD1582BRT-Reel7
2.50
2
0.08
50
SOT-23
RT-3
2B0A
3000
AD1582CRT-Reel7
2.50
4
0.16
50
SOT-23
RT-3
2C0A
3000
AD1583ART-R2
3.00
30
1.00
100
SOT-23
RT-3
3A0A
250
AD1583ART-Reel7
3.00
30
1.00
100
SOT-23
RT-3
3A0A
3000
AD1583BRT-R2
3.00
3
0.10
50
SOT-23
RT-3
3B0A
250
AD1583BRT-Reel7
3.00
3
0.10
50
SOT-23
RT-3
3B0A
3000
AD1583CRT-Reel7
3.00
6
0.20
50
SOT-23
RT-3
3C0A
3000
AD1584ART-R2
4.096
40
0.98
100
SOT-23
RT-3
4A0A
250
AD1584ART-Reel7
4.096
40
0.98
100
SOT-23
RT-3
4A0A
3000
AD1584BRT-R2
4.096
4
0.10
50
SOT-23
RT-3
4B0A
250
AD1584BRT-Reel7
4.096
4
0.10
50
SOT-23
RT-3
4B0A
3000
AD1584CRT-Reel7
4.096
8
0.20
50
SOT-23
RT-3
4C0A
3000
AD1585ART-R2
5.00
50
1.00
100
SOT-23
RT-3
5A0A
250
AD1585ART-Reel7
5.00
50
1.00
100
SOT-23
RT-3
5A0A
3000
AD1585BRT-R2
5.00
5
0.10
50
SOT-23
RT-3
5B0A
250
AD1585BRT-Reel7
5.00
5
0.10
50
SOT-23
RT-3
5B0A
3000
AD1585CRT-R2
5.00
10
0.20
50
SOT-23
RT-3
5C0A
250
AD1585CRT-Reel7
5.00
10
0.20
50
SOT-23
RT-3
5C0A
3000
WARNING!
ESD SENSITIVE DEVICE


Numéro de pièce similaire - AD1583

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD1583 AD-AD1583 Datasheet
254Kb / 16P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
REV. D
AD1583 AD-AD1583 Datasheet
388Kb / 16P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
AD1583ART-R2 AD-AD1583ART-R2 Datasheet
254Kb / 16P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
REV. D
AD1583ART-REEL7 AD-AD1583ART-REEL7 Datasheet
254Kb / 16P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
REV. D
AD1583ARTZ-R2 AD-AD1583ARTZ-R2 Datasheet
388Kb / 16P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
More results

Description similaire - AD1583

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD1583 AD-AD1583_15 Datasheet
388Kb / 16P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
AD1584 AD-AD1584_15 Datasheet
388Kb / 16P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
AD1582 AD-AD1582_13 Datasheet
388Kb / 16P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
AD1582 AD-AD1582 Datasheet
254Kb / 16P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
REV. D
AD1582 AD-AD1582_15 Datasheet
388Kb / 16P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
AD1585 AD-AD1585_15 Datasheet
388Kb / 16P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
REF01CS-REEL7 AD-REF01CS-REEL7 Datasheet
507Kb / 20P
   Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
5962-8958101PA AD-5962-8958101PA Datasheet
507Kb / 20P
   Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
REF03GPZ AD-REF03GPZ Datasheet
507Kb / 20P
   Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
REF03GS-REEL7 AD-REF03GS-REEL7 Datasheet
507Kb / 20P
   Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com