Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD14160 Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD14160
Description  Quad-SHARC DSP Multiprocessor Family
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD14160 Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD14160 Datasheet HTML 3Page - Analog Devices AD14160 Datasheet HTML 4Page - Analog Devices AD14160 Datasheet HTML 5Page - Analog Devices AD14160 Datasheet HTML 6Page - Analog Devices AD14160 Datasheet HTML 7Page - Analog Devices AD14160 Datasheet HTML 8Page - Analog Devices AD14160 Datasheet HTML 9Page - Analog Devices AD14160 Datasheet HTML 10Page - Analog Devices AD14160 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
AD14160/AD14160L
–7–
REV. A
Ten channels of DMA are available on the SHARCs—two via
the link ports, four via the serial ports, and four via the processor’s
external port (for either host processor, other SHARCs, memory,
or I/O transfers). Four additional link port DMA channels are
shared with serial port 1 and the external port. Programs can be
downloaded to the SHARCs using DMA transfers. Asynchro-
nous off-module peripherals can control two DMA channels
using DMA Request/Grant lines (
DMAR1-2, DMAG1-2).
Other DMA features include interrupt generation upon comple-
tion of DMA transfers and DMA chaining for automatic linked
DMA transfers.
Development Tools
The AD14160/AD14160L is supported with a complete set
of software and hardware development tools, including an
EZ-LAB
® In-Circuit Emulator, and development software.
Analog Devices’ ADSP-21000 Family Development Software
includes an easy to use Assembler based on an algebraic syntax,
an Assembly Library/Librarian, a Linker, an Instruction-Level
Simulator, an ANSI C optimizing Compiler, the CBug™ C
Source-Level Debugger, and a C Runtime Library including
DSP and mathematical functions. The Optimizing Compiler
includes Numerical C extensions based on the work of the ANSI
Numerical C Extensions Group. Numerical C provides exten-
sions to the C language for array selection, vector math op-
erations, complex data types, circular pointers and variably
dimensioned arrays. The ADSP-21000 Family Development
Software is available for both the PC and Sun platforms.
The SHARC EZ-KIT combines the ADSP-21000 Family De-
velopment Software for the PC and the EZ-LAB Development
Board in one package.
The ADSP-2106x EZ-ICE
® Emulator uses the IEEE 1149.1
JTAG test access port of the ADSP-2106x processor to monitor
and control the target board processor during emulation. The
EZ-ICE provides full-speed emulation, allowing inspection and
modification of memory, registers and processor stacks.
Nonintrusive in-circuit emulation is assured by the use of the
processor’s JTAG interface—the emulator does not affect target
system loading or timing.
Further details and ordering information are available in the
ADSP-21000 Family Hardware & Software Development Tools
data sheet (ADDS-2100xx-TOOLS). This data sheet can be
requested from any Analog Devices sales office or distributor,
or from the Literature Center.
In addition to the software and hardware development tools
available from Analog Devices, third parties provide a wide
range of tools supporting the SHARC processor family. Hard-
ware tools include SHARC PC plug-in cards, multiprocessor
SHARC VME boards, and daughter card modules with multiple
SHARCs and additional memory. These modules are based on
the SHARCPAC™ module specification. Third party software
tools include an Ada compiler, DSP libraries, operating systems
and block diagram design tools.
Other Package Details
The AD14160/AD14160L contains 14 on-module 0.1 micro-
farad bypass capacitors. It is recommended that in the target
system at least four additional capacitors, of 0.018 microfarad
value, be placed around the module—one near each of the four
corners.
The top surface, lid, of the AD14160/AD14160L is electrically
connected to GND.
Additional Information
This data sheet provides a general overview of the AD14160/
AD14160L architecture and functionality. For detailed infor-
mation on the ADSP-2106x SHARC and the ADSP-21000
Family core architecture and instruction set, refer to the
ADSP-2106x SHARC User’s Manual.
EZ-ICE and EZ-LAB are registered trademarks of Analog Devices, Inc.
CBug and SHARCPAC are trademarks of Analog Devices, Inc.


Numéro de pièce similaire - AD14160

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
AD140 ETC1-AD140 Datasheet
329Kb / 4P
   GERMANIUM POWER TRANSISTORS
logo
Analog Devices
AD1403 AD-AD1403 Datasheet
80Kb / 4P
   Low Cost, Precision 2.5 V IC References
REV. A
AD1403 AD-AD1403 Datasheet
84Kb / 4P
   Low Cost, Precision 2.5 V IC References
REV. A
AD1403A AD-AD1403A Datasheet
80Kb / 4P
   Low Cost, Precision 2.5 V IC References
REV. A
AD1403A AD-AD1403A Datasheet
84Kb / 4P
   Low Cost, Precision 2.5 V IC References
REV. A
More results

Description similaire - AD14160

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD14060 AD-AD14060 Datasheet
744Kb / 44P
   Quad-SHARC DSP Multiprocessor Family
REV. A
AD14060L AD-AD14060L_15 Datasheet
1Mb / 48P
   DSP Multiprocessor Family
REV. B
AD14060 AD-AD14060_15 Datasheet
1Mb / 48P
   DSP Multiprocessor Family
REV. B
ADSP-21060LCW-133 AD-ADSP-21060LCW-133 Datasheet
479Kb / 48P
   ADSP-21060 Industrial SHARC DSP Microcomputer Family
REV. B
ADSP-21060C AD-ADSP-21060C Datasheet
478Kb / 48P
   ADSP-21060 Industrial SHARC DSP Microcomputer Family
REV. B
ADSP-21061 AD-ADSP-21061_15 Datasheet
870Kb / 52P
   Commercial Grade SHARC DSP Microcomputer
Rev. D
ADSP-21061LKSZ-160 AD-ADSP-21061LKSZ-160 Datasheet
870Kb / 52P
   Commercial Grade SHARC DSP Microcomputer
REV. D
ADSP-21061L AD-ADSP-21061L_15 Datasheet
870Kb / 52P
   Commercial Grade SHARC DSP Microcomputer
Rev. D
ADSP21062 AD-ADSP21062 Datasheet
338Kb / 48P
   DSP Microcomputer Family
REV. B
ADSP-2106X AD-ADSP-2106X Datasheet
366Kb / 47P
   DSP Microcomputer Family
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com