Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK433-890N-E Fiches technique(PDF) 8 Page - Sanyo Semicon Device

No de pièce STK433-890N-E
Description  4channel class-AB Audio Power IC 80W4ch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK433-890N-E Fiches technique(HTML) 8 Page - Sanyo Semicon Device

Back Button STK433-890N-E Datasheet HTML 4Page - Sanyo Semicon Device STK433-890N-E Datasheet HTML 5Page - Sanyo Semicon Device STK433-890N-E Datasheet HTML 6Page - Sanyo Semicon Device STK433-890N-E Datasheet HTML 7Page - Sanyo Semicon Device STK433-890N-E Datasheet HTML 8Page - Sanyo Semicon Device STK433-890N-E Datasheet HTML 9Page - Sanyo Semicon Device STK433-890N-E Datasheet HTML 10Page - Sanyo Semicon Device STK433-890N-E Datasheet HTML 11Page - Sanyo Semicon Device STK433-890N-E Datasheet HTML 12Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
STK433-890N-E
No.A2109-8/12
[STK433-000N/-100N/-800Nsr Pin Layout]
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
(Size) 47.0mm
×25.6mm×9.0mm
2ch classAB/2.00mm
STK433-040N 40W/JEITA
STK433-060N 50W/JEITA
(Size) 67.0mm
×25.6mm×9.0mm
STK433-130N 150W/JEITA
-
P
R
E
-
V
C
C
+
V
C
C
O
U
T
/
C
H
1
+
O
U
T
/
C
H
1
-
O
U
T
/
C
H
2
+
O
U
T
/
C
H
2
-
+
P
R
E
S
U
B
G
N
D
I
N
/
C
H
1
N
F
/
C
H
1
S
T
A
N
D
B
Y
N
F
/
C
H
2
I
N
/
C
H
2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
(Size) 64.0mm
×31.1mm×9.0mm
4ch classAB/2.00mm
STK433-840N 40W/JEITA
STK433-870N 60W/JEITA
(Size) 78.0mm
×44.1mm×9.0mm
STK433-890N 80W/JEITA
-
P
R
E
-
V
C
C
+
V
C
C
O
U
T
/
C
H
1
+
O
U
T
/
C
H
1
-
O
U
T
/
C
H
2
+
O
U
T
/
C
H
2
-
+
P
R
E
S
U
B
G
N
D
I
N
/
C
H
1
N
F
/
C
H
1
S
T
A
N
D
B
Y
N
F
/
C
H
2
I
N
/
C
H
2
N
F
/
C
H
3
I
N
/
C
H
3
I
N
/
C
H
4
N
F
/
C
H
4
O
U
T
/
C
H
3
-
O
U
T
/
C
H
3
+
O
U
T
/
C
H
4
-
O
U
T
/
C
H
4
+


Numéro de pièce similaire - STK433-890N-E

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
STK433-890N-E ONSEMI-STK433-890N-E Datasheet
459Kb / 12P
   4ch class-AB Audio Power IC
April, 2013
More results

Description similaire - STK433-890N-E

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
STK433-840N-E SANYO-STK433-840N-E Datasheet
270Kb / 12P
   4channel class-AB Audio Power IC 40W 횞 4ch
logo
ON Semiconductor
STK433-890N-E ONSEMI-STK433-890N-E Datasheet
459Kb / 12P
   4ch class-AB Audio Power IC
April, 2013
STK433-840N-E ONSEMI-STK433-840N-E Datasheet
459Kb / 12P
   4ch class-AB Audio Power IC
April, 2013
logo
Sanyo Semicon Device
STK433-090-E SANYO-STK433-090-E Datasheet
184Kb / 11P
   2-channel class AB audio power IC,80W80W
STK433-040N-E SANYO-STK433-040N-E Datasheet
295Kb / 11P
   2channel class-AB Audio Power IC
logo
ON Semiconductor
STK433-130N-E ONSEMI-STK433-130N-E Datasheet
375Kb / 11P
   2ch class-AB Audio Power IC
April, 2013
logo
Sanyo Semicon Device
STK404-140N-E SANYO-STK404-140N-E Datasheet
213Kb / 11P
   1ch class-AB Audio Power IC
logo
ON Semiconductor
STK404-070N-E ONSEMI-STK404-070N-E Datasheet
284Kb / 10P
   1ch class-AB Audio Power IC
April, 2013
STK404-140N-E ONSEMI-STK404-140N-E Datasheet
332Kb / 11P
   1ch class-AB Audio Power IC
April, 2013
STK433-330N-E ONSEMI-STK433-330N-E Datasheet
376Kb / 11P
   3ch class-AB Audio Power IC
April, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com