Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC72711LW Fiches technique(PDF) 10 Page - Sanyo Semicon Device

No de pièce LC72711LW
Description  Mobile FM Multiplex Broadcast (DARC) Receiver IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72711LW Fiches technique(HTML) 10 Page - Sanyo Semicon Device

Back Button LC72711LW Datasheet HTML 6Page - Sanyo Semicon Device LC72711LW Datasheet HTML 7Page - Sanyo Semicon Device LC72711LW Datasheet HTML 8Page - Sanyo Semicon Device LC72711LW Datasheet HTML 9Page - Sanyo Semicon Device LC72711LW Datasheet HTML 10Page - Sanyo Semicon Device LC72711LW Datasheet HTML 11Page - Sanyo Semicon Device LC72711LW Datasheet HTML 12Page - Sanyo Semicon Device LC72711LW Datasheet HTML 13Page - Sanyo Semicon Device LC72711LW Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
LC72711W, 72711LW
No.6167-10/26
DO_MOVE (Valid only when SP is high.)
0: The high state (high impedance) is held at all times other than when data is being output. (default)
1: Operate identically to the LC72700 when changes are linked to the INT signal, i.e. when both INT_MOVE and
VEC_OUT are set to 1.
CRC4_RST
0: (default)
1: Reset the layer 4 CRC detection circuit.
This flag is not automatically reset to 0. Applications must send a 0 value after setting this flag.
Control Register 2
Address
Register
R/W
Initial value
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
05H
CTL2
W
00H
SUBBLK
BLK_RST
DACK
DREQ
RDY
VEC_OUT
DMA_RD
DMA
DMA (Valid only when SP is low.)
0: Do not use DMA transfer for readout of post-error correction data. (default)
1: Use DMA transfer for readout of post-error correction data.
DMA_RD (Valid only when SP is low.)
0: Use the RD signal as the DMA transfer read control signal. (default)
1: Use the DACK signal as the DMA transfer read control signal.
VEC_OUT
0: Do not perform post-horizontal correction output when vertical correction processing is not performed. (default)
1: Output all data, even when vertical correction processing is not performed. (Operation identical to that of the
LC72700E)
When this flag is set and a frame of data with absolutely no errors is received, data that is completely identical to
the corresponding post-horizontal correction data is output with the timing of the output of post-vertical correction
data, even if vertical correction is not performed.
This flag must be set to create interface specifications identical to those of the LC72700.
RDY (Valid only when SP is low.)
0: The RDY output is issued with timing 1. (default)
1: The RDY output is issued with timing 2.
DREQ (Valid only when SP is low.)
0: Negative logic is used for the polarity of the DREQ signal. (default)
1: Positive logic is used for the polarity of the DREQ signal.
DACK (Valid only when SP is low.)
0: Negative logic is used for the polarity of the DACK signal. (default)
1: Positive logic is used for the polarity of the DACK signal.
BLK_RST
0: (default)
1: Resets the block synchronization circuit only.
Sets the block synchronization status to unsynchronized and clears the block synchronization protection counter.
However, note that this has no effect on the frame synchronization functions. Also note that during a
synchronization block reset, the INT signal is not output and the DO pin outputs a high level (high-impedance).
This flag is not automatically reset to 0. Applications must send a 0 value after setting this flag.
SUBBLK
0: Normal status. (default)
1: Set to 1 when a substation is temporarily received.
RDY Signal Output Timing
RD
RDY
Timing1
RDY
Timing2
DATn
VALID
OUTPUT


Numéro de pièce similaire - LC72711LW

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC72711LW SANYO-LC72711LW Datasheet
155Kb / 29P
   Mobile FM Multiplex Broadcast DARC Receiver IC
More results

Description similaire - LC72711LW

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC72711W SANYO-LC72711W Datasheet
155Kb / 29P
   Mobile FM Multiplex Broadcast DARC Receiver IC
LC72717PW SANYO-LC72717PW Datasheet
177Kb / 26P
   Mobile FM Multiplex Broadcast (DARC) Receiver IC
logo
ON Semiconductor
LC72717PW ONSEMI-LC72717PW Datasheet
254Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
March, 2014
LC72717PW ONSEMI-LC72717PW_17 Datasheet
324Kb / 27P
   Mobile FM Multiplex Broadcast Receiver IC
June 2017 - Rev. 3
logo
Sanyo Semicon Device
LC72710W SANYO-LC72710W Datasheet
168Kb / 33P
   Mobile FM Multiplex Broadcast DARC Receiver IC with On-Chip VICS Decoder
LC72700E SANYO-LC72700E Datasheet
200Kb / 14P
   Mobile FM Multiplex Broadcast Receiver LSI
LC72708E SANYO-LC72708E Datasheet
159Kb / 15P
   FM Multiplex Broadcast Reception IC for Mobile VICS Systems
LC72714W SANYO-LC72714W Datasheet
232Kb / 29P
   Mobile FM Multiplex Broadcast IC with On-Chip VICS Decoder
LC72715PW SANYO-LC72715PW Datasheet
173Kb / 26P
   CMOS IC Mobile FM Multiplex Broadcast IC with On-Chip VICS Decoder
logo
Toshiba Semiconductor
TC90A60U TOSHIBA-TC90A60U Datasheet
1Mb / 33P
   DATA SLICE IC FOR VIDEO MULTIPLEX BROADCAST RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com