Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC72131K Fiches technique(PDF) 4 Page - Sanyo Semicon Device

No de pièce LC72131K
Description  PLL Frequency Synthesizer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72131K Fiches technique(HTML) 4 Page - Sanyo Semicon Device

  LC72131K_12 Datasheet HTML 1Page - Sanyo Semicon Device LC72131K_12 Datasheet HTML 2Page - Sanyo Semicon Device LC72131K_12 Datasheet HTML 3Page - Sanyo Semicon Device LC72131K_12 Datasheet HTML 4Page - Sanyo Semicon Device LC72131K_12 Datasheet HTML 5Page - Sanyo Semicon Device LC72131K_12 Datasheet HTML 6Page - Sanyo Semicon Device LC72131K_12 Datasheet HTML 7Page - Sanyo Semicon Device LC72131K_12 Datasheet HTML 8Page - Sanyo Semicon Device LC72131K_12 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LC72131K, LC72131KMA
No.A0788-4/22
Electrical Characteristics in the Allowable Operating Ranges
Parameter
Symbol
Pins
Conditions
Ratings
unit
min
typ
max
Built-in feedback resistance
Rf1
XIN
1.0
M
Rf2
FMIN
500
k
Rf3
AMIN
500
k
Rf4
IFIN
250
k
Built-in pull-down resistor
Rpd1
FMIN
200
k
Rpd2
AMIN
200
k
Hysteresis
VHYS
CE, CL, DI, IO1, IO2
0.1VDD
V
Output high-level voltage
VOH
PD
IO=1mA
VDD-0.1
V
Output low-level voltage
VOL1
PD
IO=1mA
1.0
V
VOL2
BO1
IO=0.5mA
0.5
V
IO=1mA
1.0
V
VOL3
DO
IO=1mA
0.2
V
IO=5mA
1.0
V
VOL4
BO2 to BO4, IO1, IO2
IO=1mA
0.2
V
IO=5mA
1.0
V
IO=8mA
1.6
V
VOL5
AOUT
IO=1mA AIN=1.3V
0.5
V
Input high-level current
IIH1
CE, CL, DI
VI=6.5V
5.0
A
IIH2
IO1, IO2
VI=13V
5.0
A
IIH3
XIN
VI=VDD
2.0
11
A
IIH4
FMIN, AMIN
VI=VDD
4.0
22
A
IIH5
IFIN
VI=VDD
8.0
44
A
IIH6
AIN
VI=6.5V
200
nA
Input low-level current
IIL1
CE, CL, DI
VI=0V
5.0
A
IIL2
IO1, IO2
VI=0V
5.0
A
IIL3
XIN
VI=0V
2.0
11
A
IIL4
FMIN, AMIN
VI=0V
4.0
22
A
IIL5
IFIN
VI=0V
8.0
44
A
IIL6
AIN
VI=0V
200
nA
Output off leakage current
IOFF1
BO1 to BO4, AOUT, IO1, IO2
VO=13V
5.0
A
IOFF2
DO
VO=6.5V
5.0
A
High-level three-state off leakage
current
IOFFH
PD
VO=VDD
0.01
200
nA
Low-level three-state off leakage
current
IOFFL
PD
VO=0V
0.01
200
nA
Input capacitance
CIN
FMIN
6
pF
Current drain
IDD1
VDD
X'tal=7.2MHz
fIN2=130MHz
VIN2=40mVrms
5
10
mA
IDD2
VDD
PLL block stopped
(PLL INHIBIT)
X'tal oscillator
operating
(X'tal=7.2MHz)
0.5
mA
IDD3
VDD
PLL block stopped
X'tal oscillator
operating
10
A


Numéro de pièce similaire - LC72131K_12

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC72131KM SANYO-LC72131KM Datasheet
206Kb / 22P
   PLL Frequency Synthesizer
logo
ON Semiconductor
LC72131KMA ONSEMI-LC72131KMA Datasheet
228Kb / 22P
   PLL Frequency Synthesizer
June, 2013
LC72131KMA-AE ONSEMI-LC72131KMA-AE Datasheet
228Kb / 22P
   PLL Frequency Synthesizer
June, 2013
More results

Description similaire - LC72131K_12

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
   PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
Rev. D
EVAL-ADF4108EBZ1 AD-EVAL-ADF4108EBZ1 Datasheet
404Kb / 20P
   PLL Frequency Synthesizer
REV. B
ADF4106 AD-ADF4106_15 Datasheet
361Kb / 24P
   PLL Frequency Synthesizer
Rev. E
logo
Sanyo Semicon Device
LC72131K SANYO-LC72131K Datasheet
206Kb / 22P
   PLL Frequency Synthesizer
logo
Analog Devices
ADF4108S AD-ADF4108S Datasheet
791Kb / 21P
   PLL Frequency Synthesizer
REV. A
logo
Infineon Technologies A...
PMB2304R INFINEON-PMB2304R Datasheet
1Mb / 33P
   PLL-FREQUENCY SYNTHESIZER
Version 2.1 June 2002
logo
LANSDALE Semiconductor ...
ML145106 LANSDALE-ML145106_08 Datasheet
151Kb / 8P
   PLL Frequency Synthesizer
logo
Analog Devices
ADF4106 AD-ADF4106 Datasheet
228Kb / 20P
   PLL Frequency Synthesizer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com