Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MJ10000 Fiches technique(PDF) 3 Page - Motorola, Inc

No de pièce MJ10000
Description  20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 350 VOLTS 175 WATTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJ10000 Fiches technique(HTML) 3 Page - Motorola, Inc

  MJ10000 Datasheet HTML 1Page - Motorola, Inc MJ10000 Datasheet HTML 2Page - Motorola, Inc MJ10000 Datasheet HTML 3Page - Motorola, Inc MJ10000 Datasheet HTML 4Page - Motorola, Inc MJ10000 Datasheet HTML 5Page - Motorola, Inc MJ10000 Datasheet HTML 6Page - Motorola, Inc MJ10000 Datasheet HTML 7Page - Motorola, Inc MJ10000 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MJ10000
3
Motorola Bipolar Power Transistor Device Data
Figure 1. DC Current Gain
IC, COLLECTOR CURRENT (AMP)
5
0.2 0.3
1
2
3
100
50
Figure 2. Collector Saturation Region
3
IB, BASE CURRENT (ANP)
1
0.02 0.03
0.1
0.2
0.5
1
2
2.6
2.2
1.8
1.4
IC = 5 A
TJ = 25°C
10 A
VBE, BASE-EMITTER VOLTAGE (VOLTS)
104
103
102
101
500
70
TJ = 150°C
VCE = 5 V
100
0
+ 0.2
– 0.2
VCE = 250 V
TJ = 125°C
100
°C
25
°C
30
20
10
7
0.5 0.7
5
7
20
Figure 3. Collector Emitter Saturation Voltages
2.4
0.2
IC, COLLECTOR CURRENT (AMPS)
0.4
0.3
0.5 0.7
1
2
5
20
2
1.6
1.2
0.8
IC/IB = 25
TJ = – 55°C
7
3
Figure 4. Base-Emitter Voltage
2.8
IC, COLLECTOR CURRENT (AMP)
0.8
0.2 0.3
0.5 0.7
2.4
2
1.6
1.2
Figure 5. Collector Cutoff Region
0.4
Figure 6. Output Capacitance
VR, REVERSE VOLTAGE (VOLTS)
50
1
2
20
60
10
0.6
200
70
TJ = 25°C
Cob
1000
500
100
100
200
400
25
°C
– 55
°C
200
300
10
15 A
20 A
0.05
0.7
0.3
0.07
10
25
°C
150
°C
2
5
20
7
3
10
1
25
°C
150
°C
25
°C
TJ = 55°C
VBE(sat) @ IC/IB = 25
VBE(on) @ VCE = 3 V
75
°C
10–1
+ 0.4
+ 0.8
+ 0.6
4
6
40
700
300
DC CHARACTERISTICS


Numéro de pièce similaire - MJ10000

FabricantNo de pièceFiches techniqueDescription
logo
Mospec Semiconductor
MJ10000 MOSPEC-MJ10000 Datasheet
188Kb / 4P
   POWER TRANSISTORS(20A,350-400V,175W)
logo
Wing Shing Computer Com...
MJ10000 WINGS-MJ10000 Datasheet
21Kb / 1P
   NPN SILICON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
logo
Boca Semiconductor Corp...
MJ10000 BOCA-MJ10000 Datasheet
195Kb / 4P
   SWITCHMODE SERIES NPN SILICON POWER DARLINGTON TRANSISTORS
logo
New Jersey Semi-Conduct...
MJ10000 NJSEMI-MJ10000 Datasheet
100Kb / 2P
   NPN Silicon Power Darlington Transistor
More results

Description similaire - MJ10000

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MJ10005 MOTOROLA-MJ10005 Datasheet
229Kb / 8P
   20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 175 WATTS
MJ10009 MOTOROLA-MJ10009 Datasheet
235Kb / 8P
   20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 450 and 500 VOLTS 175 WATTS
MJ13333 MOTOROLA-MJ13333 Datasheet
278Kb / 8P
   20 AMPERE NPN SILICON POWER TRANSISTORS 400-500 VOLTS 175 WATTS
MJ10022 MOTOROLA-MJ10022 Datasheet
300Kb / 8P
   40 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 350 AND 400 VOLTS 250 WATTS
MJ10012 MOTOROLA-MJ10012 Datasheet
191Kb / 6P
   10 AMPERE POWER TRANSISTORS DARLINGTON NPN SILICON 400 VOLTS 175 AND 118 WATTS
MJE2360T MOTOROLA-MJE2360T Datasheet
98Kb / 4P
   0.5 AMPERE POWER TRANSISTORS NPN SILICON 350 VOLTS 30 WATTS
BU323A MOTOROLA-BU323A Datasheet
239Kb / 6P
   16 AMPERE PEAK POWER TRANSISTOR DARLINGTON NPN SILICON 400 VOLTS 175 WATTS
logo
ON Semiconductor
MJH6284 ONSEMI-MJH6284_06 Datasheet
82Kb / 5P
   DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 100 VOLTS, 160 WATTS
July, 2006 ??Rev. 5
logo
Motorola, Inc
MJ10007 MOTOROLA-MJ10007 Datasheet
228Kb / 8P
   10 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 150 WATTS
logo
ON Semiconductor
2N5038 ONSEMI-2N5038_07 Datasheet
84Kb / 3P
   NPN Silicon Transistors 20 AMPERE POWER TRANSISTORS 90 VOLTS - 140 WATTS
August, 2007 - Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com