Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC75844M Fiches technique(PDF) 6 Page - Sanyo Semicon Device

No de pièce LC75844M
Description  1/4-Duty General-Purpose LCD Display Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75844M Fiches technique(HTML) 6 Page - Sanyo Semicon Device

Back Button LC75844M Datasheet HTML 2Page - Sanyo Semicon Device LC75844M Datasheet HTML 3Page - Sanyo Semicon Device LC75844M Datasheet HTML 4Page - Sanyo Semicon Device LC75844M Datasheet HTML 5Page - Sanyo Semicon Device LC75844M Datasheet HTML 6Page - Sanyo Semicon Device LC75844M Datasheet HTML 7Page - Sanyo Semicon Device LC75844M Datasheet HTML 8Page - Sanyo Semicon Device LC75844M Datasheet HTML 9Page - Sanyo Semicon Device LC75844M Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
LC75844M
No.6235-6/15
Pin Functions
Symbol
Pin No.
Function
Active
I/O
Handling
when
unused
S1/P1 to S4/P4
S5 to S22
1 to 4
5 to 22
Segment outputs for displaying the display data transferred by serial data
input. The S1/P1 to S4/P4 pins can be used as general-purpose output ports
under serial data control.
-
O
OPEN
COM1 to COM4
23 to 26
Common driver outputs
The frame frequency (fo) is given by: fo=(fosc/512) Hz.
-
O
OPEN
OSC
32
Oscillator pin, which, together with externally connected resistor and
capacitor, makes up an oscillator circuit.
-
I/O
VDD
CE
CL
DI
34
35
36
Serial data transfer input pin to be connected to the controller.
CE: Chip enable
CL: Synchronization clock
DI: Transfer data
H
-
I
I
I
GND
INH
33
Display off input pin
• INH=”L” (VSS) ...
OFF
S1/P1 to S4/P4=”L” (VSS)
(Fixed to “L” after forced selection
of segment output port.)
S5 to S22=”L” (VSS)
COM1 to COM4=”L” (VSS)
• INH=”H” (VDD) ... ON
Note that the serial data can be transferred when OFF.
L
I
GND
VLCD1
29
Used for applying the LCD driver 2/3 bias voltage externally.
Must be connected to VLCD2 when a 1/2 bias scheme is used.
-
I
OPEN
VLCD2
30
Used for applying the LCD driver 1/3 bias voltage externally.
Must be connected to VLCD1 when a 1/2 bias scheme is used.
-
I
OPEN
VDD
27
Logic block power supply pin to provide a voltage between 2.7V to 6.0V.
-
-
-
VLCD
28
LCD driver power supply pin to provide a voltage between 2.7V to 6.0V.
-
-
-
VSS
31
Power supply pin to connect to ground.
-
-
-


Numéro de pièce similaire - LC75844M

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC75844M SANYO-LC75844M Datasheet
133Kb / 14P
   1/4 Duty General-Purpose LCD Driver
More results

Description similaire - LC75844M

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC75824E SANYO-LC75824E Datasheet
336Kb / 16P
   1/4 Duty General-Purpose LCD Display Driver???
LC75874E SANYO-LC75874E Datasheet
431Kb / 16P
   1/4-Duty General-Purpose LCD Display Driver
logo
ON Semiconductor
LC75836W ONSEMI-LC75836W Datasheet
149Kb / 18P
   1/4-Duty General-Purpose LCD Display Driver
July, 2013
EN6235 ONSEMI-EN6235 Datasheet
180Kb / 15P
   1/4-Duty General-Purpose LCD Display Driver
July, 2013
logo
Sanyo Semicon Device
LC75836W SANYO-LC75836W Datasheet
145Kb / 18P
   1/4-Duty General-Purpose LCD Display Driver
LC75879PT SANYO-LC75879PT Datasheet
274Kb / 35P
   1/4, 1/3-Duty General-Purpose LCD Display Driver
LC75897PW SANYO-LC75897PW Datasheet
318Kb / 34P
   1/3, 1/4-Duty General-Purpose LCD Display Driver
logo
Princeton Technology Co...
PT16517 PTC-PT16517 Datasheet
563Kb / 5P
   1/4, 1/3-Duty General-Purpose LCD Display Driver
logo
Sanyo Semicon Device
LC75829PE SANYO-LC75829PE Datasheet
172Kb / 22P
   1/4 and 1/3-Duty General-Purpose LCD Display Driver
LC75839PW SANYO-LC75839PW Datasheet
229Kb / 27P
   1/4 and 1/3-Duty General-Purpose LCD Display Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com