Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC75812PT Fiches technique(PDF) 3 Page - Sanyo Semicon Device

No de pièce LC75812PT
Description  1/8, 1/9 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75812PT Fiches technique(HTML) 3 Page - Sanyo Semicon Device

  LC75812PT Datasheet HTML 1Page - Sanyo Semicon Device LC75812PT Datasheet HTML 2Page - Sanyo Semicon Device LC75812PT Datasheet HTML 3Page - Sanyo Semicon Device LC75812PT Datasheet HTML 4Page - Sanyo Semicon Device LC75812PT Datasheet HTML 5Page - Sanyo Semicon Device LC75812PT Datasheet HTML 6Page - Sanyo Semicon Device LC75812PT Datasheet HTML 7Page - Sanyo Semicon Device LC75812PT Datasheet HTML 8Page - Sanyo Semicon Device LC75812PT Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
LC75812PT
No.A1417-3/54
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
unit
CE, CL, DI, INH
0.8VDD
3.6
VIH1
CE, CL, DI, INH
VDD=2.7 to 3.6V
0.8VDD
5.5
VIH2
OSC external clock operating mode
0.8VDD
VDD
Input high level voltage
VIH3
KI1 to KI5
0.6VDD
VDD
V
VIL1
CE, CL, DI, INH, KI1 to KI5
0
0.2VDD
Input low level voltage
VIL2
OSC external clock operating mode
0
0.2VDD
V
Output pull-up voltage
VOUP
DO
0
5.5
V
Recommended external
resistor for RC oscillation
Rosc
OSC RC oscillator operating mode
10
k
Ω
Recommended external
capacitor for RC oscillation
Cosc
OSC RC oscillator operating mode
470
pF
Guaranteed range of RC
oscillation
fosc
OSC RC oscillator operating mode
150
300
600
kHz
External clock operating frequency
fCK
OSC external clock operating mode
[Figure 4]
100
300
600
kHz
External clock duty cycle
DCK
OSC external clock operating mode
[Figure 4]
30
50
70
%
Data setup time
tds
CL, DI
[Figure 2],[Figure 3]
160
ns
Data hold time
tdh
CL, DI
[Figure 2],[Figure 3]
160
ns
CE wait time
tcp
CE, CL
[Figure 2],[Figure 3]
160
ns
CE setup time
tcs
CE, CL
[Figure 2],[Figure 3]
160
ns
CE hold time
tch
CE, CL
[Figure 2],[Figure 3]
160
ns
High level clock pulse width
t
φH
CL
[Figure 2],[Figure 3]
160
ns
Low level clock pulse width
t
φL
CL
[Figure 2],[Figure 3]
160
ns
DO output delay time
tdc
DO RPU=4.7kΩ CL=10pF *1
[Figure 2],[Figure 3]
1.5
μs
DO rise time
tdr
DO RPU=4.7kΩ CL=10pF *1
[Figure 2],[Figure 3]
1.5
μs
Note: *1. Since the DO pin is an open-drain output, these times depend on the values of the pull-up resistor RPU and
the load capacitance CL.
Electrical Characteristics
for the Allowable Operating Ranges
Ratings
Parameter
Symbol
Pins
Conditions
min
typ
max
unit
Hysteresis
VH
CE, CL, DI, INH,
KI1 to KI5
0.1VDD
V
Power-down detection
voltage
VDET
2.0
2.2
2.4
V
VI=3.6V
5.0
IIH1
CE, CL, DI, INH
VI=5.5V
VDD=2.7 to 3.6V
5.0
Input high level current
IIH2
OSC
VI=VDD external clock operating mode
5.0
μA
IIL1
CE, CL, DI, INH
VI=0V
-5.0
Input low level current
IIL2
OSC
VI=0V external clock operating mode
-5.0
μA
Input floating voltage
VIF
KI1 to KI5
0.05VDD
V
Pull-down resistance
RPD
KI1 to KI5
VDD=3.3V
50
100
250
k
Ω
Output off leakage current
IOFFH
DO
VO=5.5V
6.0
μA
VOH1
S1 to S65
IO=-20μA
VLCD0-0.6
VOH2
COM1 to COM9
IO=-100μA
VLCD0-0.6
VOH3
KS1 to KS7
IO=-250μA
VDD-0.8
VDD-0.4
VDD-0.1
Output high level voltage
VOH4
P1 to P3
IO=-1mA
VDD-0.9
V
VOL1
S1 to S65
IO=20μA
VLCD4+0.6
VOL2
COM1 to COM9
IO=100μA
VLCD4+0.6
VOL3
KS1 to KS7
IO=12.5μA
0.1
0.4
1.2
VOL4
P1 to P3
IO=1mA
0.9
Output low level voltage
VOL5
DO
IO=1mA
0.1
0.3
V
Continued on next page.


Numéro de pièce similaire - LC75812PT

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LC75812PT ONSEMI-LC75812PT Datasheet
551Kb / 54P
   1/8, 1/9 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
LC75812PT ONSEMI-LC75812PT Datasheet
590Kb / 55P
   Duty Dot Matrix LCD Controller / Driver
June 2017 - Rev. 1
LC75812PT-8565-H ONSEMI-LC75812PT-8565-H Datasheet
590Kb / 55P
   Duty Dot Matrix LCD Controller / Driver
June 2017 - Rev. 1
LC75812PTH-8565-H ONSEMI-LC75812PTH-8565-H Datasheet
590Kb / 55P
   Duty Dot Matrix LCD Controller / Driver
June 2017 - Rev. 1
LC75812PTS-8565-H ONSEMI-LC75812PTS-8565-H Datasheet
590Kb / 55P
   Duty Dot Matrix LCD Controller / Driver
June 2017 - Rev. 1
More results

Description similaire - LC75812PT

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC75816E SANYO-LC75816E Datasheet
572Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75817NE SANYO-LC75817NE Datasheet
496Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
LC75818PT SANYO-LC75818PT Datasheet
464Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers with Key Input Function
logo
ON Semiconductor
LC75812PT ONSEMI-LC75812PT Datasheet
551Kb / 54P
   1/8, 1/9 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
LC75818PT ONSEMI-LC75818PT Datasheet
452Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
logo
Sanyo Semicon Device
LC75810E SANYO-LC75810E Datasheet
981Kb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
logo
ON Semiconductor
LC75810T-8725-E ONSEMI-LC75810T-8725-E Datasheet
1Mb / 54P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controllers/Drivers
July, 2013
logo
Sanyo Semicon Device
LC75817E SANYO-LC75817E Datasheet
829Kb / 43P
   1/8 to 1/10 Duty Dot Matrix LCD Display Controller/Driver with Key Input Function
LC75808E SANYO-LC75808E Datasheet
981Kb / 39P
   1/8 to 1/10 Duty LCD Display Drivers with Key Input Function
LC75854E SANYO-LC75854E Datasheet
520Kb / 24P
   1/4 Duty LCD Display Drivers with Key Input Function???
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com