Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SC4489 Fiches technique(PDF) 4 Page - Sanyo Semicon Device

No de pièce 2SC4489
Description  High-Voltage Switching Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC4489 Fiches technique(HTML) 4 Page - Sanyo Semicon Device

  2SC4489 Datasheet HTML 1Page - Sanyo Semicon Device 2SC4489 Datasheet HTML 2Page - Sanyo Semicon Device 2SC4489 Datasheet HTML 3Page - Sanyo Semicon Device 2SC4489 Datasheet HTML 4Page - Sanyo Semicon Device 2SC4489 Datasheet HTML 5Page - Sanyo Semicon Device 2SC4489 Datasheet HTML 6Page - Sanyo Semicon Device 2SC4489 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SA1709 / 2SC4489
No.3096-4/7
VBE(sat) -- IC
Collector Current, IC -- A
Collector Current, IC -- A
VCE(sat) -- IC
Collector Current, IC -- A
VCE(sat) -- IC
VBE(sat) -- IC
Collector Current, IC -- A
Collector-to-Base Voltage, VCB -- V
Collector-to-Base Voltage, VCB -- V
Cob -- VCB
Cob -- VCB
Collector-to-Emitter Voltage, VCE -- V
A S O
Ambient Temperature, Ta --
∞C
PC -- Ta
2SC4489
f=1MHz
5
2
3
3
5
7
7
100
10
--10
--100
--1.0
57
72
3
5
7
22
3
ITR04350
2SA1709
f=1MHz
ITR04351
10
100
1.0
57
72
3
5
7
22
3
5
2
3
3
5
7
7
100
10
5
3
1.0
2
0.1
3
0.01
2
5
5
3
2
5
35 7
2
5
37
2
1.0
10
25
37 100
ITR04356
ITR04355
ITR04357
--10
7
5
3
2
7
5
3
--1.0
--0.01
72
3
7
52
3
7
53
2
--0.1
--1.0
ITR04354
2SA1709
IC / IB=10
2SC4489
IC / IB=10
1.2
1.0
0
0.8
0.6
0.4
0.2
100
140
120
160
20
060
40
80
2SA1709 / 2SC4489
Ta= --25
°C
75
°C
25
°C
100ms
10ms
DC
operation
Ta= --25°C
75
°C
25
°C
ITR04353
Ta=75
°C
--25
°C
25°C
2SC4489
IC / IB=10
--0.01
72
23
5
7
23
3
57
--0.1
--1.0
3
2
7
5
3
2
7
5
--1000
--100
--10
ITR04352
Ta=75°
C
--25°C
25°
C
2SA1709
IC / IB=10
0.01
73
2
23
5
7
23
5
7
0.1
1.0
3
2
7
5
3
2
7
5
1000
100
10
10
7
5
3
2
7
5
3
1.0
0.01
72
3
7
52
3
7
53
2
0.1
1.0
2SA1709 / 2SC4489
1ms
Single pulse
Ta=25
°C
(For PNP, minus sign is omitted.)
IC=2.0A
ICP=3.0A


Numéro de pièce similaire - 2SC4489

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
2SC4489 SANYO-2SC4489 Datasheet
123Kb / 4P
   High-Voltage Switching Applications
logo
ON Semiconductor
2SC4489 ONSEMI-2SC4489 Datasheet
623Kb / 7P
   Bipolar Transistor High breakdown voltage, large current capacity
September, 2013
2SC4489S-AN ONSEMI-2SC4489S-AN Datasheet
623Kb / 7P
   Bipolar Transistor High breakdown voltage, large current capacity
September, 2013
2SC4489S-AN ONSEMI-2SC4489S-AN Datasheet
623Kb / 7P
   Bipolar Transistor
September, 2013
2SC4489T-AN ONSEMI-2SC4489T-AN Datasheet
623Kb / 7P
   Bipolar Transistor High breakdown voltage, large current capacity
September, 2013
More results

Description similaire - 2SC4489

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
CPH3140 SANYO-CPH3140 Datasheet
47Kb / 4P
   High-Voltage Switching Applications
2SA1592 SANYO-2SA1592 Datasheet
128Kb / 4P
   High-Voltage Switching Applications
2SA1768 SANYO-2SA1768_12 Datasheet
489Kb / 7P
   High-Voltage Switching Applications
2SA1770 SANYO-2SA1770_12 Datasheet
515Kb / 7P
   High-Voltage Switching Applications
logo
Toshiba Semiconductor
2SC5361 TOSHIBA-2SC5361_04 Datasheet
147Kb / 5P
   High-Voltage Switching Applications
logo
Sanyo Semicon Device
2SA1417_0608 SANYO-2SA1417_0608 Datasheet
63Kb / 5P
   High-Voltage Switching Applications
logo
Toshiba Semiconductor
2SC5548 TOSHIBA-2SC5548_05 Datasheet
202Kb / 5P
   High Voltage Switching Applications
logo
Sanyo Semicon Device
2SA1768 SANYO-2SA1768 Datasheet
120Kb / 4P
   High-Voltage Switching Applications
2SA1770 SANYO-2SA1770 Datasheet
116Kb / 4P
   High-Voltage Switching Applications
2SC4450 SANYO-2SC4450 Datasheet
80Kb / 3P
   High-Voltage Switching Applications
2SC4451 SANYO-2SC4451 Datasheet
83Kb / 3P
   High-Voltage Switching Applications
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com