Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FM25040B-GTR Fiches technique(PDF) 10 Page - Cypress Semiconductor

No de pièce FM25040B-GTR
Description  4Kb Serial 5V F-RAM Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM25040B-GTR Fiches technique(HTML) 10 Page - Cypress Semiconductor

Back Button FM25040B-GTR Datasheet HTML 5Page - Cypress Semiconductor FM25040B-GTR Datasheet HTML 6Page - Cypress Semiconductor FM25040B-GTR Datasheet HTML 7Page - Cypress Semiconductor FM25040B-GTR Datasheet HTML 8Page - Cypress Semiconductor FM25040B-GTR Datasheet HTML 9Page - Cypress Semiconductor FM25040B-GTR Datasheet HTML 10Page - Cypress Semiconductor FM25040B-GTR Datasheet HTML 11Page - Cypress Semiconductor FM25040B-GTR Datasheet HTML 12Page - Cypress Semiconductor FM25040B-GTR Datasheet HTML 13Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
FM25040B - 4Kb 5V SPI F-RAM
Rev. 3.0
Jan. 2012
Page 10 of
13
AC Parameters (TA = -40 C to + 85 C, VDD = 4.5V to 5.5V unless otherwise specified)
Symbol
Parameter
Min
Max
Units
Notes
fCK
SCK Clock Frequency
0
20
MHz
tCH
Clock High Time
22
ns
1
tCL
Clock Low Time
22
ns
1
tCSU
Chip Select Setup
10
ns
tCSH
Chip Select Hold
10
ns
tOD
Output Disable
20
ns
2
tODV
Output Data Valid
20
ns
tOH
Output Hold
0
ns
tD
Deselect Time
60
ns
tR
Data In Rise Time
50
ns
1,3
tF
Data In Fall Time
50
ns
1,3
tSU
Data Setup Time
5
ns
tH
Data Hold Time
5
ns
tHS
/Hold Setup Time
10
ns
tHH
/Hold Hold Time
10
ns
tHZ
/Hold Low to Hi-Z
20
ns
2
tLZ
/Hold High to Data Active
20
ns
2
Notes
1.
tCH + tCL = 1/fCK.
2.
Rise and fall times measured between 10% and 90% of waveform.
3.
This parameter is characterized and not 100% tested.
Capacitance (TA = 25C , f=1.0 MHz, VDD = 5V)
Symbol
Parameter
Max
Units
Notes
CO
Output Capacitance (SO)
8
pF
1
CI
Input Capacitance
6
pF
1
Notes
1.
This parameter is periodically sampled and not 100% tested.
AC Test Conditions
Input Pulse Levels
10% and 90% of VDD
Input Rise and Fall Times
5 ns
Input and Output Timing Levels
0.5 VDD
Output Load Capacitance
30 pF
Data Retention
Symbol
Parameter
Min
Max
Units
Notes
TDR
@
+85ºC
10
-
Years
@
+80ºC
19
-
Years
@
+75ºC
38
-
Years


Numéro de pièce similaire - FM25040B-GTR

FabricantNo de pièceFiches techniqueDescription
logo
Ramtron International C...
FM25040B-GTR RAMTRON-FM25040B-GTR Datasheet
313Kb / 13P
   4Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25040B-GTR CYPRESS-FM25040B-GTR Datasheet
402Kb / 14P
   4Kb Serial 5V F-RAM Memory
More results

Description similaire - FM25040B-GTR

FabricantNo de pièceFiches techniqueDescription
logo
Ramtron International C...
FM25040B RAMTRON-FM25040B Datasheet
313Kb / 13P
   4Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C04B CYPRESS-FM24C04B_13 Datasheet
324Kb / 13P
   4Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25040C RAMTRON-FM25040C Datasheet
266Kb / 13P
   4Kb Serial 5V F-RAM Memory
FM24C04C RAMTRON-FM24C04C Datasheet
261Kb / 12P
   4Kb Serial 5V F-RAM Memory
FM24C04B RAMTRON-FM24C04B Datasheet
293Kb / 12P
   4Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C04B CYPRESS-FM24C04B Datasheet
335Kb / 12P
   4Kb Serial 5V F-RAM Memory
FM25040B CYPRESS-FM25040B_13 Datasheet
402Kb / 14P
   4Kb Serial 5V F-RAM Memory
FM25040B-GA CYPRESS-FM25040B-GA Datasheet
419Kb / 14P
   Automotive Temp. 4Kb Serial 5V F-RAM Memory
FM24CL04B CYPRESS-FM24CL04B_13 Datasheet
325Kb / 13P
   4Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24CL04B RAMTRON-FM24CL04B Datasheet
287Kb / 12P
   4Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com