Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

9004200000 Fiches technique(PDF) 2 Page - Weidmuller

No de pièce 9004200000
Description  Wire-end ferrule, 10 mm짼
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WEIDMULLER [Weidmuller]
Site Internet  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

9004200000 Fiches technique(HTML) 2 Page - Weidmuller

  9004200000 Datasheet HTML 1Page - Weidmuller 9004200000 Datasheet HTML 2Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product catalogue | Tools | Wire end ferrules | Wire end ferrules without plastic collar | Nominal conductor cross-section
10.0 mm² - 185.0 mm²
- 2 -
9004170000
H25,0/25
Wire-end ferrule, 25 mm²
9004180000
H25,0/32
Wire-end ferrule, 25 mm²
0368900000
H35,0/18
Wire-end ferrule, 35 mm²
9004190000
H35,0/25
Wire-end ferrule, 35 mm²
9451000000
H35,0/30S
Wire-end ferrule, 35 mm²
9004200000
H35,0/32
Wire-end ferrule, 35 mm²
9004210000
H50,0/18
Wire-end ferrule, 50 mm²
9025880000
H50,0/25
Wire-end ferrule, 50 mm²
9004220000
H50,0/32
Wire-end ferrule, 50 mm²
9004230000
H70,0/25
Wire-end ferrule, 70 mm²
9004240000
H70,0/32
Wire-end ferrule, 70 mm²
9004250000
H95,0/25
Wire-end ferrule, 95 mm²
9004260000
H95,0/32
Wire-end ferrule, 95 mm²
9036240000
H120,0/32
Wire end ferrule, 120 mm²
9036250000
H150,0/32
Wire end ferrule, 150 mm²
9036260000
H185,0/32
Wire end ferrule, 185 mm²


Numéro de pièce similaire - 9004200000

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
900420 ETC-900420 Datasheet
6Mb / 68P
   Contacts
May 2019
More results

Description similaire - 9004200000

FabricantNo de pièceFiches techniqueDescription
logo
Weidmuller
0244100000 WEIDMULLER-0244100000 Datasheet
58Kb / 2P
   Wire-end ferrule, 4 mm짼
0373100000 WEIDMULLER-0373100000 Datasheet
58Kb / 2P
   Wire-end ferrule, 4 mm짼
0462900000 WEIDMULLER-0462900000 Datasheet
55Kb / 2P
   Wire-end ferrule, 0.75 mm짼, 8 mm, Colour code: Wire-end ferrule, 0.75 mm짼, 8 mm, Colour code:
0534200000 WEIDMULLER-0534200000 Datasheet
55Kb / 2P
   Wire-end ferrule, 10 mm짼, 12 mm, Colour code: Weidm체ller, Ivory
9037460000 WEIDMULLER-9037460000 Datasheet
231Kb / 3P
   Wire-end ferrule, Twin wire-end ferrule, 22 mm, 18mm
September 28, 2021
0409500000 WEIDMULLER-0409500000 Datasheet
55Kb / 2P
   Wire-end ferrule, 0.5 mm짼, 6 mm, Colour code: Weidm체ller, Orange
0409600000 WEIDMULLER-0409600000 Datasheet
56Kb / 2P
   Wire-end ferrule, 0.75 mm짼, 6 mm, Colour code: Weidm체ller, white
0463000000 WEIDMULLER-0463000000 Datasheet
55Kb / 2P
   Wire-end ferrule, 1 mm짼, 8 mm, Colour code: Weidm체ller, yellow
0533500000 WEIDMULLER-0533500000 Datasheet
55Kb / 2P
   Wire-end ferrule, 6 mm짼, 12 mm, Colour code: Weidm체ller, black
0409700000 WEIDMULLER-0409700000 Datasheet
55Kb / 2P
   Wire-end ferrule, 1 mm짼, 6 mm, Colour code: Weidm체ller, yellow
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com