Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74435588200 Fiches technique(PDF) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

No de pièce 74435588200
Description  WE-HCI SMD Flat Wire High Current Inductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Site Internet  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74435588200 Fiches technique(HTML) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74435588200 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74435588200 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74435588200 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74435588200 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 74435588200 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 74435588200 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1.4
1.3
1.2
1.1
1.0
REV
2012-12-06
2012-10-24
2012-08-08
2012-06-28
2012-03-12
DATE
SSt
SSt
SSt
SSt
SSt
BY
SSt
BD
BD
SSt
DDe
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-HCI SMD Flat Wire High Current
Inductor
Order.- No.
74435588200
SIZE
A4
Size: 2212
General:
All recommendations according to the general technical specifications of the data-sheet have to be complied with.
The disposal and operation of the product within ambient conditions which probably alloy or harm the wire isolation has to be avoided.
If the product is potted in customer applications, the potting material might shrink during and after hardening. Accordingly to this the product
is exposed to the pressure of the potting material with the effect that the core, wire and termination is possibly damaged by this pressure and
so the electrical as well as the mechanical characteristics are endanger to be affected. After the potting material is cured, the core, wire and
termination of the product have to be checked if any reduced electrical or mechanical functions or destructions have occurred.
The responsibility for the applicability of customer specific products and use in a particular customer design is always within the authority of
the customer. All technical specifications for standard products do also apply for customer specific products.
Cleaning agents that are used to clean application might damage or change the characteristics of the component, body, pins or termination.
Direct mechanical impact to the product shall be prevented as the core material could flake or in the worst case it could break.
Product specific:
Follow all instructions mentioned in the datasheet, especially:
•The solder profile has to be complied with according to the technical reflow soldering specification, otherwise no warranty will be sustai-
ned.
•All products are supposed to be used before the end of the period of 12 months based on the product date-code, if not a 100% solderabi-
lity can´t be warranted.
•Violation of the technical product specifications such as exceeding the nominal rated current will result in the loss of warranty.
•Due to heavy weight of the components of size 2212, strong forces and high accelerations might have the effect to damage the electrical
connection or to harm the circuit board and will result in the loss of warranty.
I Cautions and Warnings:
The following conditions apply to all goods within the product series of WE-HCI
of Würth Elektronik eiSos GmbH & Co. KG:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Numéro de pièce similaire - 74435588200

FabricantNo de pièceFiches techniqueDescription
logo
Wurth Elektronik GmbH &...
74435580330 WURTH-74435580330 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
74435580680 WURTH-74435580680 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
74435580820 WURTH-74435580820 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
74435581000 WURTH-74435581000 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
74435581000 WURTH-74435581000 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
More results

Description similaire - 74435588200

FabricantNo de pièceFiches techniqueDescription
logo
Wurth Elektronik GmbH &...
7443552280 WURTH-7443552280 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
7443550320 WURTH-7443550320 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
7443551151 WURTH-7443551151 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
7443551331 WURTH-7443551331 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
7443557760 WURTH-7443557760 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
744310024 WURTH-744310024 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
744310055 WURTH-744310055 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
744310115 WURTH-744310115 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
744313025 WURTH-744313025 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
744314024 WURTH-744314024 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
744314110 WURTH-744314110 Datasheet
1Mb / 6P
   WE-HCI SMD Flat Wire High Current Inductor
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com