Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLD342YT-25 Fiches technique(PDF) 1 Page - Sony Corporation

No de pièce SLD342YT-25
Description  2W High Power Laser Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD342YT-25 Fiches technique(HTML) 1 Page - Sony Corporation

  SLD342YT-25 Datasheet HTML 1Page - Sony Corporation SLD342YT-25 Datasheet HTML 2Page - Sony Corporation SLD342YT-25 Datasheet HTML 3Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
– 1 –
SLD342YT
PE00197-PS
2W High Power Laser Diode
Description
The SLD342YT has a compatible package, and
allows independent thermal and electric design.
It is a high power laser diode that affords easy
optical design.
Features
• High-optical power output
Recommended optical power output: PO = 2.0W
• High-optical power density: 2W/100µm
(Emitting line width)
Applications
• Solid state laser excitation
• Medical use
• Material processing
• Measurement
Structure
AlGaAs quantum well structure laser diode
Operating Lifetime
MTTF 10,000H (effective value)
at Po = 2.0W, Tth = 25°C
Absolute Maximum Ratings (Tth = 25°C)
• Optical power output
PO
2.2
W
• Reverse voltage
VR
LD
2
V
PD
15
V
• Operating temperature (Tth)
Topr
–10 to +30 °C
• Storage temperature
Tstg
–40 to +85 °C
Equivalent Circuit
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
M-288
TE Cooler
Case
LD
PD
TH
13
4
5
6
7
8
9
10
Preliminary
Warranty
This warranty period shall be 90 days after receipt of the product or
1,000 hours operation time whichever is shorter.
Sony Quality Assurance Department shall analyze any product that
fails during said warranty period, and if the analysis results show
that the product failed due to material or manufacturing defects on
the part of Sony, the product shall be replaced free of charge.
Laser diodes naturally have differing lifetimes which follow a Weibull
distribution.
Special warranties are also available.
No.
Function
1
2
3
4
5
TE cooler (negative)
Case
Laser diode (anode)
Thermistor
6
7
8
9
10
Thermistor
Laser diode (cathode)
Photo diode (anode)
Photo diode (cathode)
TE cooler (positive)
Pin Configuration (Top View)


Numéro de pièce similaire - SLD342YT-25

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
SLD343YT SONY-SLD343YT Datasheet
75Kb / 3P
   4W High Power Laser Diode
SLD343YT-1 SONY-SLD343YT-1 Datasheet
75Kb / 3P
   4W High Power Laser Diode
SLD343YT-2 SONY-SLD343YT-2 Datasheet
75Kb / 3P
   4W High Power Laser Diode
SLD343YT-21 SONY-SLD343YT-21 Datasheet
75Kb / 3P
   4W High Power Laser Diode
SLD343YT-24 SONY-SLD343YT-24 Datasheet
75Kb / 3P
   4W High Power Laser Diode
More results

Description similaire - SLD342YT-25

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
SLD334YT SONY-SLD334YT Datasheet
61Kb / 4P
   2W High Power Laser Diode
SLD324ZT SONY-SLD324ZT Datasheet
72Kb / 7P
   High-Power Density 2W Laser Diode
logo
Lumics GmbH
LU0808T020-RI LUMICS-LU0808T020-RI Datasheet
261Kb / 2P
   Industrial Laser Diode Up to 2w Operation Power @ 808nm
2018-06-14
LU0808T020 LUMICS-LU0808T020 Datasheet
264Kb / 2P
   Industrial Laser Diode Up to 2w Operation Power @ 808nm
2018-06-14
logo
Sanyo Semicon Device
DL-6140-201 SANYO-DL-6140-201 Datasheet
74Kb / 3P
   High Power Laser Diode
DL-7140-201 SANYO-DL-7140-201 Datasheet
73Kb / 3P
   High Power Laser Diode
logo
Sony Corporation
SLD302XT SONY-SLD302XT Datasheet
98Kb / 8P
   200mW High Power Laser Diode
SLD301XT SONY-SLD301XT Datasheet
98Kb / 8P
   100mW High Power Laser Diode
logo
Roithner LaserTechnik G...
RLT9830MG ROITHNER-RLT9830MG Datasheet
294Kb / 1P
   high power infrared laser diode
RLT1300-20G ROITHNER-RLT1300-20G Datasheet
107Kb / 2P
   high power infrared laser diode
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com