Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLD322XT-24 Fiches technique(PDF) 4 Page - Sony Corporation

No de pièce SLD322XT-24
Description  0.5W High Power Laser Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD322XT-24 Fiches technique(HTML) 4 Page - Sony Corporation

  SLD322XT-24 Datasheet HTML 1Page - Sony Corporation SLD322XT-24 Datasheet HTML 2Page - Sony Corporation SLD322XT-24 Datasheet HTML 3Page - Sony Corporation SLD322XT-24 Datasheet HTML 4Page - Sony Corporation SLD322XT-24 Datasheet HTML 5Page - Sony Corporation SLD322XT-24 Datasheet HTML 6Page - Sony Corporation SLD322XT-24 Datasheet HTML 7Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
– 4 –
SLD322XT
Temperature dependence of far field pattern
(Perpendicular to junction)
Angle [degree]
–90
–60
–30
0
30
60
90
PO = 500mW
Tth = 25
°C
Tth = 10
°C
Tth = –5
°C
790
800
820
810
Dependence of wavelength
Tth – Thermistor temperature [
°C]
–10
0
10
20
30
Po = 500mW
0
0.5
1.0
Differential efficiency vs. Temperature characteristics
Tth – Thermistor temperature [
°C]
–10
0
10
20
30
10
5
0
50
0
∆T [°C]
TE cooler characteristics 2
100
Tth = 25
°C
2.0A
1.5A
2.5
A
2.0A
1.5A
1.0
A
0.5
A
∆T VS V
T
VS
Q
0.5A
5
4
3
2
1
0
1.0A
IT = 2.5A
0
10
5
0
50
∆T – Temperature difference [°C]
∆T: Tc – Tth
Tth: Thermistor temperature
Tc: Case temperature
TE cooler characteristics 1
100
Tc = 33
°C
2.0A
1.5A
2.0A
∆T VS VT
0.5A
5
4
3
2
1
0
1.0A
IT = 2.5A
50
10
5
1
–10 0
10 20 30 40 50 60 70
Thermistor characteristics
Tth – Thermistor temperature [
°C]
TE cooler characteristics


Numéro de pièce similaire - SLD322XT-24

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
SLD322V SONY-SLD322V Datasheet
68Kb / 7P
   High Power Density 0.5W Laser Diode
SLD322V-1 SONY-SLD322V-1 Datasheet
68Kb / 7P
   High Power Density 0.5W Laser Diode
SLD322V-2 SONY-SLD322V-2 Datasheet
68Kb / 7P
   High Power Density 0.5W Laser Diode
SLD322V-21 SONY-SLD322V-21 Datasheet
68Kb / 7P
   High Power Density 0.5W Laser Diode
SLD322V-24 SONY-SLD322V-24 Datasheet
68Kb / 7P
   High Power Density 0.5W Laser Diode
More results

Description similaire - SLD322XT-24

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
SLD322V SONY-SLD322V Datasheet
68Kb / 7P
   High Power Density 0.5W Laser Diode
logo
Sanyo Semicon Device
DL-6140-201 SANYO-DL-6140-201 Datasheet
74Kb / 3P
   High Power Laser Diode
DL-7140-201 SANYO-DL-7140-201 Datasheet
73Kb / 3P
   High Power Laser Diode
logo
Everlight Electronics C...
EHP-A09 EVERLIGHT-EHP-A09 Datasheet
171Kb / 10P
   High Power LED - 0.5W
EHP-A21GT46H-PU5TR EVERLIGHT-EHP-A21GT46H-PU5TR Datasheet
270Kb / 15P
   High Power LED-0.5W
EHP-A21SUG31H-PU5TR EVERLIGHT-EHP-A21SUG31H-PU5TR Datasheet
267Kb / 15P
   High Power LED-0.5W
EHP-A21SUR31A-PU5TR EVERLIGHT-EHP-A21SUR31A-PU5TR Datasheet
266Kb / 15P
   High Power LED-0.5W
logo
Sony Corporation
SLD302XT SONY-SLD302XT Datasheet
98Kb / 8P
   200mW High Power Laser Diode
SLD301XT SONY-SLD301XT Datasheet
98Kb / 8P
   100mW High Power Laser Diode
logo
Roithner LaserTechnik G...
RLT9830MG ROITHNER-RLT9830MG Datasheet
294Kb / 1P
   high power infrared laser diode
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com