Moteur de recherche de fiches techniques de composants électroniques |
|
SI8622EC-B-IS Fiches technique(PDF) 5 Page - Silicon Laboratories |
|
SI8622EC-B-IS Fiches technique(HTML) 5 Page - Silicon Laboratories |
5 / 36 page Rev. 1.3 5 Si8610/20/21/22 DC Supply Current (All inputs 0 V or at Supply) Si8610Bx, Ex VDD1 VDD2 VDD1 VDD2 VI = 0(Bx), 1(Ex) VI = 0(Bx), 1(Ex) VI = 1(Bx), 0(Ex) VI = 1(Bx), 0(Ex) — — — — 0.6 0.8 1.8 0.8 1.2 1.5 2.9 1.5 mA Si8620Bx, Ex VDD1 VDD2 VDD1 VDD2 VI = 0(Bx), 1(Ex) VI = 0(Bx), 1(Ex) VI = 1(Bx), 0(Ex) VI = 1(Bx), 0(Ex) — — — — 0.8 1.4 3.3 1.4 1.4 2.2 5.3 2.2 mA Si8621Bx, Ex VDD1 VDD2 VDD1 VDD2 VI = 0(Bx), 1(Ex) VI = 0(Bx), 1(Ex) VI = 1(Bx), 0(Ex) VI = 1(Bx), 0(Ex) — — — — 1.2 1.2 2.4 2.4 1.9 1.9 3.8 3.8 mA Si8622Bx, Ex VDD1 VDD2 VDD1 VDD2 VI = 0(Bx), 1(Ex) VI = 0(Bx), 1(Ex) VI = 1(Bx), 0(Ex) VI = 1(Bx), 0(Ex) — — — — 2.6 3.3 4.0 4.8 4.2 5.3 6.4 7.7 mA 1 Mbps Supply Current (All inputs = 500 kHz square wave, CI = 15 pF on all outputs) Si8610Bx, Ex VDD1 VDD2 — — 1.2 0.9 2.0 1.5 mA Si8620Bx, Ex VDD1 VDD2 — — 2.1 1.6 3.1 2.4 mA Si8621Bx, Ex VDD1 VDD2 — — 1.9 1.9 2.9 2.9 mA Si8622Bx, Ex VDD1 VDD2 — — 3.4 4.2 5.1 6.2 mA Table 2. Electrical Characteristics (Continued) (VDD1 = 5 V ±10%, VDD2 = 5 V ±10%, TA =–40 to 125ºC) Parameter Symbol Test Condition Min Typ Max Unit Notes: 1. The nominal output impedance of an isolator driver channel is approximately 50 , ±40%, which is a combination of the value of the on-chip series termination resistor and channel resistance of the output driver FET. When driving loads where transmission line effects will be a factor, output pins should be appropriately terminated with controlled impedance PCB traces. 2. tPSK(P-P) is the magnitude of the difference in propagation delay times measured between different units operating at the same supply voltages, load, and ambient temperature. 3. Start-up time is the time period from the application of power to valid data at the output. |
Numéro de pièce similaire - SI8622EC-B-IS |
|
Description similaire - SI8622EC-B-IS |