Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI8621ED-B-IS Fiches technique(PDF) 1 Page - Silicon Laboratories

No de pièce SI8621ED-B-IS
Description  LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8621ED-B-IS Fiches technique(HTML) 1 Page - Silicon Laboratories

  SI8621ED-B-IS Datasheet HTML 1Page - Silicon Laboratories SI8621ED-B-IS Datasheet HTML 2Page - Silicon Laboratories SI8621ED-B-IS Datasheet HTML 3Page - Silicon Laboratories SI8621ED-B-IS Datasheet HTML 4Page - Silicon Laboratories SI8621ED-B-IS Datasheet HTML 5Page - Silicon Laboratories SI8621ED-B-IS Datasheet HTML 6Page - Silicon Laboratories SI8621ED-B-IS Datasheet HTML 7Page - Silicon Laboratories SI8621ED-B-IS Datasheet HTML 8Page - Silicon Laboratories SI8621ED-B-IS Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Rev. 1.3 6/12
Copyright © 2012 by Silicon Laboratories
Si8610/20/21/22
Si8610/20/21/22
L OW-P OWE R S INGLE AND D UAL-C HANNEL D IGITAL I SOLA TORS
Features
Applications
Safety Regulatory Approvals
Description
Silicon Lab's family of ultra-low-power digital isolators are CMOS devices
offering substantial data rate, propagation delay, power, size, reliability, and
external BOM advantages over legacy isolation technologies. The operating
parameters of these products remain stable across wide temperature ranges
and throughout device service life for ease of design and highly uniform
performance. All device versions have Schmitt trigger inputs for high noise
immunity and only require VDD bypass capacitors.
Data rates up to 150 Mbps are supported, and all devices achieve propagation
delays of less than 10 ns. Ordering options include a choice of isolation ratings
(3.75 and 5 kV) and a selectable fail-safe operating mode to control the default
output state during power loss. All products >1 kVRMS are safety certified by
UL, CSA, and VDE, and products in wide-body packages support reinforced
insulation withstanding up to 5 kVRMS.
High-speed operation

DC to 150 Mbps
No start-up initialization required
Wide Operating Supply Voltage

2.5–5.5 V
Up to 5000 VRMS isolation
60-year life at rated working voltage
High electromagnetic immunity
Ultra low power (typical)
5 V Operation

1.6 mA per channel at 1 Mbps

5.5 mA per channel at 100 Mbps
2.5 V Operation

1.5 mA per channel at 1 Mbps

3.5 mA per channel at 100 Mbps
Schmitt trigger inputs
Selectable fail-safe mode

Default high or low output
(ordering option)
Precise timing (typical)

10 ns propagation delay

1.5 ns pulse width distortion

0.5 ns channel-channel skew

2 ns propagation delay skew

5 ns minimum pulse width
Transient Immunity 50 kV/µs
AEC-Q100 qualification
Wide temperature range

–40 to 125 °C
RoHS-compliant packages

SOIC-16 wide body

SOIC-8 narrow body
Industrial automation systems
Medical electronics
Hybrid electric vehicles
Isolated switch mode supplies
Isolated ADC, DAC
Motor control
Power inverters
Communications systems
UL 1577 recognized

Up to 5000 VRMS for 1 minute
CSA component notice 5A approval

IEC 60950-1, 61010-1, 60601-1
(reinforced
insulation)
VDE certification conformity

IEC 60747-5-2
(VDE0884 Part 2)

EN60950-1
(reinforced insulation)
Ordering Information:
See page 27.


Numéro de pièce similaire - SI8621ED-B-IS

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI8621ED-B-IS SILABS-SI8621ED-B-IS Datasheet
766Kb / 38P
   Low-Power Single and Dual-Channel Digital Isolators
Si8621ED-B-IS SILABS-Si8621ED-B-IS Datasheet
766Kb / 38P
   Low-Power Single and Dual-Channel Digital Isolators
logo
Skyworks Solutions Inc.
SI8621ED-B-IS SKYWORKS-SI8621ED-B-IS Datasheet
1Mb / 43P
   Low-Power Single and Dual-Channel Digital Isolators
Revision 1.4
More results

Description similaire - SI8621ED-B-IS

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SI8421AD ETC2-SI8421AD Datasheet
421Kb / 37P
   LOW-POWER, SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
Silicon Laboratories
SI8610BB-B-IS SILABS-SI8610BB-B-IS Datasheet
766Kb / 38P
   Low-Power Single and Dual-Channel Digital Isolators
logo
Skyworks Solutions Inc.
SI861X SKYWORKS-SI861X Datasheet
1Mb / 43P
   Low-Power Single and Dual-Channel Digital Isolators
Revision 1.4
logo
Silicon Laboratories
SI8410BB-D-IS SILABS-SI8410BB-D-IS Datasheet
340Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
SI861X SILABS-SI861X Datasheet
766Kb / 38P
   Low-Power Single and Dual-Channel Digital Isolators
logo
List of Unclassifed Man...
SI8420AB ETC2-SI8420AB Datasheet
340Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
Silicon Laboratories
SI8420BB-D-IS SILABS-SI8420BB-D-IS Datasheet
335Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
Skyworks Solutions Inc.
SI8410 SKYWORKS-SI8410 Datasheet
1,001Kb / 30P
   LOW-POWER SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
Revision 1.4 to Revision 1.5
logo
Silicon Laboratories
SI8422AB-B-IS SILABS-SI8422AB-B-IS Datasheet
421Kb / 37P
   LOW-POWER, SINGLE AND DUAL-CHANNEL DIGITAL ISOLATORS
logo
Texas Instruments
ISO7420FED TI1-ISO7420FED Datasheet
1Mb / 27P
[Old version datasheet]   Low-Power Dual Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36