Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LD6816CX4-36H Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce LD6816CX4-36H
Description  DC/DC SWITCHING REGULATORS, LOW-VOLTAGE LDOS, MID-VOLTAGE LDOS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

LD6816CX4-36H Fiches technique(HTML) 2 Page - NXP Semiconductors

  LD6816CX4-36H Datasheet HTML 1Page - NXP Semiconductors LD6816CX4-36H Datasheet HTML 2Page - NXP Semiconductors LD6816CX4-36H Datasheet HTML 3Page - NXP Semiconductors LD6816CX4-36H Datasheet HTML 4Page - NXP Semiconductors LD6816CX4-36H Datasheet HTML 5Page - NXP Semiconductors LD6816CX4-36H Datasheet HTML 6Page - NXP Semiconductors LD6816CX4-36H Datasheet HTML 7Page - NXP Semiconductors LD6816CX4-36H Datasheet HTML 8Page - NXP Semiconductors LD6816CX4-36H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
Standard linear brochure
The Standard Linear Portfolio
NXP, your one-stop-shop for high-quality products, supplies an attractive portfolio of standard
linear devices.
DC/DC converter
DC6M 6 MHz series
Low-voltage LDOs
LD68xx & LD69xx series
Mid-voltage LDOs
NX1117 series
Shunt voltage regulator
TL431 & TLVH431 series
5.5
Input voltage
Complexity
Solutions for your demand
20
NXP’s standard linear portfolio for low-voltage applications
` Low-voltage LDOs
` High frequency DC/DC solutions
Optimized for applications with challenging space requirements,
high battery lifetime demands, and a superior operating stability.
NXP’s standard linear portfolio for mid-voltage applications
` Adjustable precision shunt regulators
` Mid-voltage LDOs with adjustable and fixed output voltages
To support your expectation for high product quality and supply
reliability .
Solutions for different applications
` Wide range of input & output voltages
` Supply currents from 150 – 1.000 mA
` Low quiescent and standby currents
` Thermal shutdown, overcurrent protection, fold-back
` And even more features…
Solutions in different packages
` SOT23
` SOT753
` SOT223
` DFN1410-6
` DFN1010C-4
` WLCSP4
` WLCSP6
` And more packages
Solutions for different markets
` Mobile phones
` PC tablets
` DSCs
` Video cameras
` Game pads
` Notebooks
` Netbooks
` Ultrabooks
` LCD TV
` Set top box
` Power adaptor
` Shaver


Numéro de pièce similaire - LD6816CX4-36H

FabricantNo de pièceFiches techniqueDescription
logo
Leadtrend Technology
LD6801 LEADTREND-LD6801 Datasheet
894Kb / 11P
   LED Lighting Output Current Ripple Suppressor
LD6801GL LEADTREND-LD6801GL Datasheet
894Kb / 11P
   LED Lighting Output Current Ripple Suppressor
logo
NXP Semiconductors
LD6806 PHILIPS-LD6806 Datasheet
2Mb / 36P
   Ultra low-dropout regulator, low noise, 200 mA
Rev. 3-9 December 2011
LD6806CX4 PHILIPS-LD6806CX4 Datasheet
2Mb / 36P
   Ultra low-dropout regulator, low noise, 200 mA
Rev. 3-9 December 2011
LD6806F PHILIPS-LD6806F Datasheet
2Mb / 36P
   Ultra low-dropout regulator, low noise, 200 mA
Rev. 3-9 December 2011
More results

Description similaire - LD6816CX4-36H

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TK20P04M1 TOSHIBA-TK20P04M1 Datasheet
243Kb / 9P
   DC-DC Converters Switching Voltage Regulators
TPN1600ANH TOSHIBA-TPN1600ANH Datasheet
235Kb / 9P
   DC-DC Converters Switching Voltage Regulators Motor Drivers
TK70J04K3Z TOSHIBA-TK70J04K3Z Datasheet
244Kb / 9P
   Switching Voltage Regulators DC-DC Converters Motor Drivers
TPN22006NH TOSHIBA-TPN22006NH Datasheet
231Kb / 9P
   Switching Voltage Regulators Motor Drivers DC-DC Converters
logo
Skyworks Solutions Inc.
AAT2612 SKYWORKS-AAT2612 Datasheet
4Mb / 18P
   Step-Down DC/DC Converter With Three High PSRR LDOs
logo
Toshiba Semiconductor
TJ8S06M3L TOSHIBA-TJ8S06M3L Datasheet
247Kb / 9P
   Automotive Motor Drivers DC-DC Converters Switching Voltage Regulators
TK8S06K3L TOSHIBA-TK8S06K3L Datasheet
243Kb / 9P
   Automotive Motor Drivers DC-DC Converters Switching Voltage Regulators
TJ30S06M3L TOSHIBA-TJ30S06M3L Datasheet
245Kb / 9P
   Automotive Motor Drivers DC-DC Converters Switching Voltage Regulators
TJ60S04M3L TOSHIBA-TJ60S04M3L Datasheet
246Kb / 9P
   Automotive Motor Drivers DC-DC Converters Switching Voltage Regulators
TJ40S04M3L TOSHIBA-TJ40S04M3L Datasheet
241Kb / 9P
   Automotive Motor Drivers DC-DC Converters Switching Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com