Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SIZ702DT Fiches technique(PDF) 3 Page - Vishay Siliconix

No de pièce SIZ702DT
Description  N-Channel 30 V (D-S) MOSFETs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIZ702DT Fiches technique(HTML) 3 Page - Vishay Siliconix

  SIZ702DT Datasheet HTML 1Page - Vishay Siliconix SIZ702DT Datasheet HTML 2Page - Vishay Siliconix SIZ702DT Datasheet HTML 3Page - Vishay Siliconix SIZ702DT Datasheet HTML 4Page - Vishay Siliconix SIZ702DT Datasheet HTML 5Page - Vishay Siliconix SIZ702DT Datasheet HTML 6Page - Vishay Siliconix SIZ702DT Datasheet HTML 7Page - Vishay Siliconix SIZ702DT Datasheet HTML 8Page - Vishay Siliconix SIZ702DT Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Document Number: 65525
S11-2379-Rev. B, 28-Nov-11
www.vishay.com
3
Vishay Siliconix
SiZ702DT
New Product
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes:
a. Guaranteed by design, not subject to production testing.
b. Pulse test; pulse width
 300 µs, duty cycle  2 %.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Dynamica
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 1.5 
ID  10 A, VGEN = 4.5 V, Rg = 1 
Ch-1
Ch-2
15
25
ns
Rise Time
tr
Ch-1
Ch-2
12
20
Turn-Off Delay Time
td(off)
Ch-1
Ch-2
20
30
Fall Time
tf
Ch-1
Ch-2
10
15
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 1.5 
ID  10 A, VGEN = 10 V, Rg = 1 
Ch-1
Ch-2
10
15
Rise Time
tr
Ch-1
Ch-2
12
20
Turn-Off Delay Time
td(off)
Ch-1
Ch-2
20
30
Fall Time
tf
Ch-1
Ch-2
10
15
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
Ch-1
Ch-2
16
A
Pulse Diode Forward Currenta
ISM
Ch-1
Ch-2
50
Body Diode Voltage
VSD
IS = 10 A, VGS = 0 V
Ch-1
Ch-2
0.8
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 10 A, dI/dt = 100 A/µs, TJ = 25 °C
Ch-1
Ch-2
20
40
ns
Body Diode Reverse Recovery Charge
Qrr
Ch-1
Ch-2
10
20
nC
Reverse Recovery Fall Time
ta
Ch-1
Ch-2
11
ns
Reverse Recovery Rise Time
tb
Ch-1
Ch-2
9


Numéro de pièce similaire - SIZ702DT

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SIZ702DT VISHAY-SIZ702DT Datasheet
159Kb / 12P
   N-Channel 30-V (D-S) MOSFETs
Rev. A, 02-Nov-09
SIZ702DT VISHAY-SIZ702DT Datasheet
195Kb / 14P
   N-Channel 30 V (D-S) MOSFETs
01-Jan-2022
SIZ702DT-T1-GE3 VISHAY-SIZ702DT-T1-GE3 Datasheet
159Kb / 12P
   N-Channel 30-V (D-S) MOSFETs
Rev. A, 02-Nov-09
SIZ702DT VISHAY-SIZ702DT_V01 Datasheet
195Kb / 14P
   N-Channel 30 V (D-S) MOSFETs
01-Jan-2022
More results

Description similaire - SIZ702DT

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SIZ730DT VISHAY-SIZ730DT_12 Datasheet
211Kb / 14P
   N-Channel 30 V (D-S) MOSFETs
Rev. B, 28-Nov-11
SIZ704DT VISHAY-SIZ704DT_V01 Datasheet
201Kb / 14P
   N-Channel 30-V (D-S) MOSFETs
01-Jan-2022
SIZ730DT VISHAY-SIZ730DT Datasheet
209Kb / 14P
   N-Channel 30 V (D-S) MOSFETs
Rev. A, 04-Apr-11
SIS476DN VISHAY-SIS476DN_V01 Datasheet
569Kb / 12P
   N-Channel 30 V (D-S) MOSFETs
01-Jan-2022
SIZ730DT VISHAY-SIZ730DT_V01 Datasheet
216Kb / 14P
   N-Channel 30 V (D-S) MOSFETs
08-Feb-17
SIZ702DT VISHAY-SIZ702DT Datasheet
159Kb / 12P
   N-Channel 30-V (D-S) MOSFETs
Rev. A, 02-Nov-09
SIZ702DT VISHAY-SIZ702DT_V01 Datasheet
195Kb / 14P
   N-Channel 30 V (D-S) MOSFETs
01-Jan-2022
SIZ704DT VISHAY-SIZ704DT Datasheet
160Kb / 12P
   N-Channel 30-V (D-S) MOSFETs
Rev. A, 28-Sep-09
logo
Vishay Telefunken
SIZ730DT TFUNK-SIZ730DT Datasheet
211Kb / 14P
   N-Channel 30 V (D-S) MOSFETs
logo
Vishay Siliconix
SIZ300DT VISHAY-SIZ300DT_12 Datasheet
330Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
Rev. D, 11-Jun-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com