Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SGM2013N Fiches technique(PDF) 1 Page - Sony Corporation

No de pièce SGM2013N
Description  GaAs N-channel Dual-Gate MES FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

SGM2013N Fiches technique(HTML) 1 Page - Sony Corporation

  SGM2013N Datasheet HTML 1Page - Sony Corporation SGM2013N Datasheet HTML 2Page - Sony Corporation SGM2013N Datasheet HTML 3Page - Sony Corporation SGM2013N Datasheet HTML 4Page - Sony Corporation SGM2013N Datasheet HTML 5Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
GaAs N-channel Dual-Gate MES FET
Description
The SGM2013N is an N-channel dual-gate GaAs
MES FET for UHF-band low-noise amplification. This
FET is suitable for a wide range of applications
including cellular/cordless phone.
Features
• Ultra-small package
• Low voltage operation
• Low noise NF = 1.4dB (Typ) at 900MHz, NF = 1.7dB (Typ) at 1.5GHz
• High gain Ga = 18dB (Typ) at 900MHz, Ga = 16dB (Typ) at 1.5GHz
• High stability
• Built-in gate protection diode
Application
UHF-band high-frequency amplifier and mixer
Structure
GaAs, N-channel, dual-gate metal semiconductor field-effect transistor
Absolute Maximum Ratings (Ta = 25°C)
• Drain to source voltage
VDSX
6V
• Gate 1 to source voltage
VG1S
–4
V
• Gate 2 to source voltage
VG2S
–4
V
• Drain current
ID
18
mA
• Allowable power dissipation
PD
100
mW
• Channel temperature
Tch
125
°C
• Storage temperature
Tstg
–55 to +150
°C
– 1 –
E97144-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
SGM2013N
M-281
For the availability of this product, please contact the sales office.


Numéro de pièce similaire - SGM2013N

FabricantNo de pièceFiches techniqueDescription
logo
SG Micro Corp
SGM2013 SGMICRO-SGM2013 Datasheet
519Kb / 10P
   300mA, Low Power, Low Dropout, 3 -Terminal, Linear Regulators
SGM2013-1.8 SGMICRO-SGM2013-1.8 Datasheet
519Kb / 10P
   300mA, Low Power, Low Dropout, 3 -Terminal, Linear Regulators
SGM2013-1.8XK3 SGMICRO-SGM2013-1.8XK3 Datasheet
519Kb / 10P
   300mA, Low Power, Low Dropout, 3 -Terminal, Linear Regulators
SGM2013-1.8XK3/TR SGMICRO-SGM2013-1.8XK3/TR Datasheet
519Kb / 10P
   300mA, Low Power, Low Dropout, 3 -Terminal, Linear Regulators
SGM2013-1.8XK3L SGMICRO-SGM2013-1.8XK3L Datasheet
519Kb / 10P
   300mA, Low Power, Low Dropout, 3 -Terminal, Linear Regulators
More results

Description similaire - SGM2013N

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
CF739 SIEMENS-CF739 Datasheet
138Kb / 7P
   GaAs FET (N-channel dual-gate GaAs MES FET)
logo
Sony Corporation
3SK165A SONY-3SK165A Datasheet
59Kb / 5P
   GaAs N-channel Dual Gate MES FET
SGM2016AM SONY-SGM2016AM Datasheet
61Kb / 5P
   GaAs N-channel Dual-Gate MES FET
SGM2014M SONY-SGM2014M Datasheet
107Kb / 4P
   GaAs N-channel Dual Gate MES FET?
SGM2014AM SONY-SGM2014AM Datasheet
51Kb / 5P
   GaAs N-channel Dual Gate MES FET
SGM2014AN SONY-SGM2014AN Datasheet
57Kb / 5P
   GaAs N-channel Dual Gate MES FET
3SK147 SONY-3SK147 Datasheet
510Kb / 4P
   GAAS N-CHANNEL DUAL-GATE MES FET
3SK166A SONY-3SK166A Datasheet
72Kb / 5P
   GaAs N-channel Dual Gate MES FET
SGM2016AN SONY-SGM2016AN Datasheet
56Kb / 5P
   GaAs N-channel Dual-Gate MES FET
SGM2016M SONY-SGM2016M Datasheet
112Kb / 4P
   GaAs N-channel Dual-Gate MES FET
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com