Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FQD7N20L Fiches technique(PDF) 6 Page - Fairchild Semiconductor

No de pièce FQD7N20L
Description  200V LOGIC N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD7N20L Fiches technique(HTML) 6 Page - Fairchild Semiconductor

  FQD7N20L_08 Datasheet HTML 1Page - Fairchild Semiconductor FQD7N20L_08 Datasheet HTML 2Page - Fairchild Semiconductor FQD7N20L_08 Datasheet HTML 3Page - Fairchild Semiconductor FQD7N20L_08 Datasheet HTML 4Page - Fairchild Semiconductor FQD7N20L_08 Datasheet HTML 5Page - Fairchild Semiconductor FQD7N20L_08 Datasheet HTML 6Page - Fairchild Semiconductor FQD7N20L_08 Datasheet HTML 7Page - Fairchild Semiconductor FQD7N20L_08 Datasheet HTML 8Page - Fairchild Semiconductor FQD7N20L_08 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
©2008 Fairchild Semiconductor International
Rev. A3, October 2008
Peak Diode Recovery dv/dt Test Circuit & Waveforms
DUT
V
DS
+
_
Driver
R
G
Same Type
as DUT
VGS
• dv/dt controlled by R
G
•I
SD controlled by pulse period
VDD
L
I SD
10V
V
GS
( Driver )
I
SD
( DUT )
V
DS
( DUT )
VDD
Body Diode
Forward Voltage Drop
VSD
I
FM , Body Diode Forward Current
Body Diode Reverse Current
IRM
Body Diode Recovery dv/dt
di/dt
D =
Gate Pulse Width
Gate Pulse Period
--------------------------
DUT
V
DS
+
_
Driver
R
G
Same Type
as DUT
VGS
• dv/dt controlled by R
G
•I
SD controlled by pulse period
VDD
L
L
I SD
10V
V
GS
( Driver )
I
SD
( DUT )
V
DS
( DUT )
VDD
Body Diode
Forward Voltage Drop
VSD
I
FM , Body Diode Forward Current
Body Diode Reverse Current
IRM
Body Diode Recovery dv/dt
di/dt
D =
Gate Pulse Width
Gate Pulse Period
--------------------------
D =
Gate Pulse Width
Gate Pulse Period
--------------------------


Numéro de pièce similaire - FQD7N20L_08

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FQD7N20LTM FAIRCHILD-FQD7N20LTM Datasheet
762Kb / 8P
   N-Channel QFET짰 MOSFET
logo
TECH PUBLIC Electronics...
FQD7N20LTM-TP TECHPUBLIC-FQD7N20LTM-TP Datasheet
2Mb / 5P
   200V N-Channel Enhancement Mode Power MOSFET
More results

Description similaire - FQD7N20L_08

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FQD5N20L FAIRCHILD-FQD5N20L_08 Datasheet
624Kb / 9P
   200V LOGIC N-Channel MOSFET
FQB10N20L FAIRCHILD-FQB10N20L Datasheet
574Kb / 9P
   200V LOGIC N-Channel MOSFET
FQPF7N20L FAIRCHILD-FQPF7N20L Datasheet
547Kb / 8P
   200V LOGIC N-Channel MOSFET
FQT4N20L FAIRCHILD-FQT4N20L Datasheet
627Kb / 8P
   200V LOGIC N-Channel MOSFET
FQP4N20L FAIRCHILD-FQP4N20L Datasheet
506Kb / 8P
   200V LOGIC N-Channel MOSFET
FQB12N20L FAIRCHILD-FQB12N20L Datasheet
607Kb / 9P
   200V LOGIC N-Channel MOSFET
FQP19N20L FAIRCHILD-FQP19N20L Datasheet
734Kb / 8P
   200V LOGIC N-Channel MOSFET
FQP5N20L FAIRCHILD-FQP5N20L Datasheet
605Kb / 8P
   200V LOGIC N-Channel MOSFET
FQA19N20L FAIRCHILD-FQA19N20L Datasheet
742Kb / 8P
   200V LOGIC N-Channel MOSFET
FQB7N20L FAIRCHILD-FQB7N20L Datasheet
569Kb / 9P
   200V LOGIC N-Channel MOSFET
FQP12N20L FAIRCHILD-FQP12N20L Datasheet
567Kb / 8P
   200V LOGIC N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com