Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDS6692A Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce FDS6692A
Description  N-Channel PowerTrench짰 MOSFET 30V, 9A, 11.5m廓
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6692A Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  FDS6692A_10 Datasheet HTML 1Page - Fairchild Semiconductor FDS6692A_10 Datasheet HTML 2Page - Fairchild Semiconductor FDS6692A_10 Datasheet HTML 3Page - Fairchild Semiconductor FDS6692A_10 Datasheet HTML 4Page - Fairchild Semiconductor FDS6692A_10 Datasheet HTML 5Page - Fairchild Semiconductor FDS6692A_10 Datasheet HTML 6Page - Fairchild Semiconductor FDS6692A_10 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
FDS6692A Rev. A
2
www.fairchildsemi.com
3
Switching Characteristics (VGS = 10V)
Drain-Source Diode Characteristics
Notes:
1: Starting TJ = 25°C, L = 0.3mH, IAS = 23A, VDD = 27V, VGS = 10V.
2: RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder
mounting surface of the drain pins. RθJC is guaranteed by design while RθJA is determined by the user’s board design.
3: RθJA is measured with 1.0 in2 copper on FR-4 board
tON
Turn-On Time
VDD = 15V, ID = 9A
VGS = 10V, RGS = 6.2Ω
-
-
60
ns
td(ON)
Turn-On Delay Time
-
8
-
ns
tr
Rise Time
-
32
-
ns
td(OFF)
Turn-Off Delay Time
-
33
-
ns
tf
Fall Time
-
13
-
ns
tOFF
Turn-Off Time
-
-
69
ns
VSD
Source to Drain Diode Voltage
ISD = 9A
-
-
1.25
V
ISD = 2.1A
-
-
1.0
V
trr
Reverse Recovery Time
ISD = 9A, dISD/dt=100A/µs-
-
27
ns
QRR
Reverse Recovered Charge
ISD = 9A, dISD/dt=100A/µs-
-
17
nC


Numéro de pièce similaire - FDS6692A_10

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDS6692A FAIRCHILD-FDS6692A Datasheet
290Kb / 7P
   N-Channel PowerTrench MOSFET 30V, 9A, 11.5mOhm
More results

Description similaire - FDS6692A_10

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDB8160 FAIRCHILD-FDB8160 Datasheet
329Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30V, 80A, 1.8m廓
FDD8896 FAIRCHILD-FDD8896_12 Datasheet
1Mb / 11P
   N-Channel PowerTrench짰 MOSFET 30V, 94A, 5.7m廓
FDD8880 FAIRCHILD-FDD8880_08 Datasheet
503Kb / 11P
   N-Channel PowerTrench짰 MOSFET 30V, 58A, 9m廓
logo
ON Semiconductor
FDS8984-F085 ONSEMI-FDS8984-F085 Datasheet
485Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30V, 7A, 23m廓
September-2017, Rev. 1
logo
Fairchild Semiconductor
FDMS8662 FAIRCHILD-FDMS8662 Datasheet
210Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30V, 49A, 2.0m廓
FDD8870_F085 FAIRCHILD-FDD8870_F085_13 Datasheet
319Kb / 11P
   N-Channel PowerTrench짰 MOSFET 30V, 160A, 3.9m廓
FDP8896 FAIRCHILD-FDP8896_08 Datasheet
474Kb / 10P
   N-Channel PowerTrench짰 MOSFET 30V, 92A, 5.9m廓
FDB8132 FAIRCHILD-FDB8132 Datasheet
338Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30V, 80A, 1.6m廓
FDB8870 FAIRCHILD-FDB8870_10 Datasheet
223Kb / 11P
   N-Channel PowerTrench짰 MOSFET 30V, 160A, 3.9m廓
FDS8876 FAIRCHILD-FDS8876_07 Datasheet
605Kb / 12P
   N-Channel PowerTrench짰 MOSFET 30V, 12.5A, 8.2m廓
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com