Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74479052 Fiches technique(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

No de pièce 74479052
Description  WE-MI SMD Multilayer Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Site Internet  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74479052 Fiches technique(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74479052 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74479052 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74479052 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74479052 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 74479052 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
5.1
5.0
4.0
REV
2012-06-27
2012-05-02
2004-10-11
DATE
SSt
SSt
MST
BY
SSt
SMu
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-MI SMD Multilayer Inductor
Order.- No.
74479052
SIZE
A4
Size: 0805
H1: Classification Reflow Profile for SMT components:
H2: Classification Reflow Profiles
Profile Feature
Preheat
- Temperature Min (Tsmin)
- Temperature Max (Tsmax)
- Time (ts) from (Tsmin to Tsmax)
Ramp-up rate (TL to TP)
Liquidous temperature (TL)
Time (tL) maintained above TL
Peak package body temperature (Tp)
Time within 5°C of actual peak temperature (tp)
Ramp-down rate (TP to TL)
Time 25°C to peak temperature
Pb-Free Assembly
150°C
200°C
60-180 seconds
3°C/ second max.
217°C
60-150 seconds
See Table H3
20-30 seconds
6°C/ second max.
8 minutes max.
refer to IPC/JEDEC J-STD-020D
H3: Package Classification Reflow Temperature
PB-Free Assembly
PB-Free Assembly
PB-Free Assembly
Package Thickness
< 1.6 mm
1.6 - 2.5 mm
≥ 2.5 mm
Volume mm³
<350
260°C
260°C
250°C
Volume mm³
350 - 2000
260°C
250°C
245°C
Volume mm³
>2000
260°C
245°C
245°C
refer to IPC/JEDEC J-STD-020D
H Soldering Specifications:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Numéro de pièce similaire - 74479052

FabricantNo de pièceFiches techniqueDescription
logo
Wurth Elektronik GmbH &...
7447905 WURTH-7447905 Datasheet
784Kb / 5P
   WE-MI SMD Multilayer Inductor
74479051 WURTH-74479051 Datasheet
784Kb / 5P
   WE-MI SMD Multilayer Inductor
744790515 WURTH-744790515 Datasheet
784Kb / 5P
   WE-MI SMD Multilayer Inductor
74479053 WURTH-74479053 Datasheet
784Kb / 5P
   WE-MI SMD Multilayer Inductor
74479056 WURTH-74479056 Datasheet
789Kb / 5P
   WE-MI SMD Multilayer Inductor
More results

Description similaire - 74479052

FabricantNo de pièceFiches techniqueDescription
logo
Wurth Elektronik GmbH &...
74479021 WURTH-74479021 Datasheet
784Kb / 5P
   WE-MI SMD Multilayer Inductor
74479032 WURTH-74479032 Datasheet
784Kb / 5P
   WE-MI SMD Multilayer Inductor
74479053 WURTH-74479053 Datasheet
784Kb / 5P
   WE-MI SMD Multilayer Inductor
74479136 WURTH-74479136 Datasheet
804Kb / 5P
   WE-MI SMD Multilayer Inductor
744790515 WURTH-744790515 Datasheet
784Kb / 5P
   WE-MI SMD Multilayer Inductor
7447912 WURTH-7447912 Datasheet
803Kb / 5P
   WE-MI SMD Multilayer Inductor
7447968 WURTH-7447968 Datasheet
828Kb / 5P
   WE-MI SMD Multilayer Inductor
74479628 WURTH-74479628 Datasheet
828Kb / 5P
   WE-MI SMD Multilayer Inductor
7447902 WURTH-7447902 Datasheet
784Kb / 5P
   WE-MI SMD Multilayer Inductor
7447913 WURTH-7447913 Datasheet
803Kb / 5P
   WE-MI SMD Multilayer Inductor
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com