Moteur de recherche de fiches techniques de composants électroniques |
|
LB1837M Fiches technique(PDF) 3 Page - Sanyo Semicon Device |
|
LB1837M Fiches technique(HTML) 3 Page - Sanyo Semicon Device |
3 / 5 page Pin Functions Pin No. Symbol Equivalent Circuit Diagram Pin Function 14 VCC Power supply pin for output and controller. 9 12 GND GND pins for output and controller. Both must be grounded. 1 2 6 7 IN2 IN1 IN3 IN4 Input pins that determine the excitation of the outputs. IN1 and IN2 control outputs OUT1 and OUT2; IN3 and IN4 control outputs OUT3 and OUT4. When inputs IN1 through IN4 are all low or open, the device goes into standby mode and current consumption drops to 10 µA or less. L: –0.3 to +0.7 V H: 3.0 to 9.0 V There are no limitations on the magnitude relationships between the VCC and VIN supply voltages. 8 10 11 13 OUT4 OUT3 OUT1 OUT2 Output pins. Have built-in spark killer diodes. Braking provides short braking that turns on the lower transistor. 3 Vref Reference voltage (= 2.0 V). 4 5 VC1 VC2 Output Input pins that determine the constant- voltage regulated output level. The constant-voltage regulated output VO (= voltage between H side output and GND) is controlled by VO =2.5xVC. There are no limitations on the magnitude relationships between the VCC,VC1 and VC2 supply voltages. LB1837M No.3948 -3/5 |
Numéro de pièce similaire - LB1837M_12 |
|
Description similaire - LB1837M_12 |